Part Number Hot Search : 
D15LC20 XN04116 AAT31 00Q05D NTE22 150ML MAX8728E AAT31
Product Description
Full Text Search
 

To Download ACS125K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ACS125MS
January 1996
Radiation Hardened Quad Buffer, Three-State
Pinouts
14 PIN CERAMIC DUAL-IN-LINE MIL-STD-1835 DESIGNATOR, CDIP2-T14, LEAD FINISH C TOP VIEW
OE1 1 A1 2 Y1 3 OE2 4 A2 5 Y2 6 GND 7 14 VCC 13 OE4 12 A4 11 Y4 10 OE3 9 A3 8 Y3
Features
* Devices QML Qualified in Accordance with MIL-PRF-38535 * Detailed Electrical and Screening Requirements are Contained in SMD# 5962-96705 and Intersil's QM Plan * 1.25 Micron Radiation Hardened SOS CMOS * Total Dose . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . >300K RAD (Si) * Single Event Upset (SEU) Immunity: <1 x 10 (Typ)
-10
Errors/Bit/Day
* SEU LET Threshold . . . . . . . . . . . . . . . . . . . . . . . >100 MEV-cm2/mg * Dose Rate Upset . . . . . . . . . . . . . . . . >1011 RAD (Si)/s, 20ns Pulse * Dose Rate Survivability . . . . . . . . . . . >1012 RAD (Si)/s, 20ns Pulse * Latch-Up Free Under Any Conditions * Military Temperature Range . . . . . . . . . . . . . . . . . . -55oC to +125oC * Significant Power Reduction Compared to ALSTTL Logic * DC Operating Voltage Range . . . . . . . . . . . . . . . . . . . . 4.5V to 5.5V * Input Logic Levels - VIL = 30% of VCC Max - VIH = 70% of VCC Min * Input Current 1A at VOL, VOH * Fast Propagation Delay . . . . . . . . . . . . . . . . 15ns (Max), 10ns (Typ)
14 PIN CERAMIC FLATPACK MIL-STD-1835 DESIGNATOR, CDFP3-F14 LEAD FINISH C TOP VIEW
OE1 A1 Y1 OE2 A2 Y2 GND 1 2 3 4 5 6 7 14 13 12 11 10 9 8 VCC OE4 A4 Y4 OE3 A3 Y3
Description
The Intersil ACS125MS is a Radiation Hardened Quad Buffer with Three-State outputs. Each output has it's own enable input, which when "HIGH" puts the output in a high impedance state. The ACS125MS utilizes advanced CMOS/SOS technology to achieve high-speed operation. This device is a member of radiation hardened, high-speed, CMOS/SOS Logic Family. The ACS125MS is supplied in a 14 lead Ceramic Flatpack (K suffix) or a Ceramic Dual-In-Line Package (D suffix).
Ordering Information
PART NUMBER 5962F9670501VCC 5962F9670501VXC ACS125D/Sample ACS125K/Sample ACS125HMSR TEMPERATURE RANGE -55oC to +125oC -55oC to +125oC SCREENING LEVEL MIL-PRF-38535 Class V MIL-PRF-38535 Class V Sample Sample Die PACKAGE 14 Lead SBDIP 14 Lead Ceramic Flatpack 14 Lead SBDIP 14 Lead Ceramic Flatpack Die
25oC 25oC 25oC
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 321-724-7143 | Copyright (c) Intersil Corporation 1999
Spec Number File Number
1
518817 3565.1
ACS125MS Functional Diagram
P An n Yn
OEn
TRUTH TABLE INPUTS An L H X OEn L L H OUTPUT Yn L H Z
NOTE: L = Low, H = High, X = Don't Care, Z = High Impedance
Spec Number 2
518817
ACS125MS Die Characteristics
DIE DIMENSIONS: 88 mils x 88 mils 2.24mm x 2.24mm METALLIZATION: Type: AlSi Metal 1 Thickness: 7.125kA 1.125kA Metal 2 Thickness: 9kA 1kA GLASSIVATION: Type: SiO2 Thickness: 8kA 1kA WORST CASE CURRENT DENSITY: <2.0 x 105 A/cm2 BOND PAD SIZE: > 4.3 mils x 4.3 mils > 110m x 110m
Metallization Mask Layout
ACS125MS
A1 (2) OE1 (1) VCC (14) OE4 (13)
Y1 (3)
(12) A4
OE2 (4)
(11) Y4
NC
NC
A2 (5)
(10) OE3
(6) Y2
(7) GND
(8) Y3
(9) A3
Spec Number 3
518817
ACS125MS
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries. For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
Sales Office Headquarters
NORTH AMERICA Intersil Corporation P. O. Box 883, Mail Stop 53-204 Melbourne, FL 32902 TEL: (321) 724-7000 FAX: (321) 724-7240 EUROPE Intersil SA Mercure Center 100, Rue de la Fusee 1130 Brussels, Belgium TEL: (32) 2.724.2111 FAX: (32) 2.724.22.05 ASIA Intersil (Taiwan) Ltd. Taiwan Limited 7F-6, No. 101 Fu Hsing North Road Taipei, Taiwan Republic of China TEL: (886) 2 2716 9310 FAX: (886) 2 2715 3029
Spec Number 4


▲Up To Search▲   

 
Price & Availability of ACS125K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X