Part Number Hot Search : 
BD667 BA340 KRA309E MSK3001 WA06X220 AV3842A A1142 BA3131
Product Description
Full Text Search
 

To Download ABR5001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ABR5000 - ABR5010
PRV : 50 - 1000 Volts Io : 50 Amperes
FEATURES :
* * * * * * High case dielectric strength High surge current capability High reliability Low reverse current Low forward voltage drop ldeal for printed circuit board
AVALANCHE BRIDGE RECTIFIERS
BR50
0.728(18.50) 0.688(17.40)
0.570(14.50) 0.530(13.40)
0.685(16.70) 1.130(28.70) 0.618(15.70) 1.120(28.40)
MECHANICAL DATA :
* Case : Molded plastic with heatsink integrally mounted in the bridge encapsulation * Epoxy : UL94V-O rate flame retardant * Terminals : plated .25" (6.35 mm). Faston * Polarity : Polarity symbols marked on case * Mounting position : Bolt down on heat-sink with silicone thermal compound between bridge and mounting surface for maximum heat transfer efficiency. * Weight : 17.1 grams
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
0.658(16.70) 0.618(15.70) 0.032(0.81) 0.028(0.71)
0.210(5.30) 0.200(5.10) 0.252(6.40) 0.248(6.30) 0.100(2.50) 0.090(2.30) 0.905(23.0) 0.826(21.0)
0.310(7.87) 0.280(7.11)
Metal Heatsink
Dimensions in inches and ( millimeters )
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
RATING
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Minimum Avalanche Breakdown Voltage at 100 A Maximum Avalanche Breakdown Voltage at 100 A Maximum Average Forward Current Tc = 50 C Peak Forward Surge Current Single half sine wave Superimposed on rated load (JEDEC Method) Rating for fusing at ( t < 8.3 ms. ) Maximum Forward Voltage per Diode at IF = 25 Amps. Maximum DC Reverse Current at Rated DC Blocking Voltage Typical Thermal Resistance (Note 1) Operating Junction Temperature Range Storage Temperature Range Ta = 25 C Ta = 100 C
SYMBOL VRRM VRMS VDC VBO(min.) VBO(max.) IF(AV) IFSM It VF IR IR(H) RJC TJ TSTG
2
ABR 5000 50 35 50 100 550
ABR 5001 100 70 100 150 600
ABR 5002 200 140 200 250 700
ABR 5004 400 280 400 450 900 50 400 660 1.1 10 200 1
ABR 5006 600 420 600 700 1150
ABR 5008 800 560 800 900 1350
ABR 5010 1000 700 1000 1100 1550
UNIT Volts Volts Volts Volts Volts Amps. Amps. A2 S Volts A A C/W C C
- 50 to + 150 - 50 to + 150
Notes :
1 ) Thermal resistance from junction to case with units mounted on heatsink.
UPDATE : NOVEMBER 1,1998
RATING AND CHARACTERISTIC CURVES ( ABR5000 - ABR5010)
FIG.1 - DERATING CURVE FOR OUTPUT RECTIFIED CURRENT
50
FIG.2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
500 8.3 ms SINGLE SINE WAVE JEDEC METHOD
AVERAGE FORWARD OUTPUT CURRENT, AMPERES
40
PEAK FORWARD SURGE CURRENT, AMPERES
0 25 50 75 100 125 150 175
400
30
300
20
200
10
10
0
0
1
2
4
6
10
20
40
60
100
CASE TEMPERATURE, ( C)
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL FORWARD CHARACTERISTICS PER DIODE
100
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
10 TJ = 100 C
FORWARD CURRENT, AMPERES
10
TJ = 25 C
REVERSE CURRENT, MICROAMPERES
1.0
1.0 Pulse Width = 300 s 1% Duty Cycle 0.1
0.1 TJ = 25 C
0.01 0
20
40
60
80
100
120
140
PERCENT OF RATED REVERSE VOLTAGE, (%)
0.01 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
FORWARD VOLTAGE, VOLTS


▲Up To Search▲   

 
Price & Availability of ABR5001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X