Part Number Hot Search : 
2SK213 TLP59 MAX9972 SSH4N70 12NJ0 TK20E60U TBA120S MAX9972
Product Description
Full Text Search
 

To Download 855-99-016-10-001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Series 850
10
PCB connectors 1.27 mm Single row / double row / triple row Solder tail
Ultraminiature PCB receptacles, solder tail Grid spacing 1.27 x1.27 mm Receptacle for pins 0.35-0.45 mm For corresponding pin connectors see pages 13, 14 and 15
Platings 91 93 99
Sleeve 5 m Sn Pb 5 m Sn Pb 5 m Sn Pb
Clip 0.25 m Au 0.75 m Au 5 m Sn Pb
Pin
Ordering information Replace xxx with the number of poles, e.g. 853-91-xxx-10-001 for a double row version with 8 pins per row becomes: 853-91-016-10-001
851-91-xxx-10-001 851-93-xxx-10-001 851-99-xxx-10-001
Straight receptacle: solder tail, single row Availability from: 1 to 50 contacts Standard number of contacts 25 and 50
853-91-xxx-10-001 853-93-xxx-10-001 853-99-xxx-10-001
Straight receptacle: solder tail, double row Availability from: 4 to 100 contacts Standard number of contacts 50 and 100
853-91-xxx-10-002 853-93-xxx-10-002 853-99-xxx-10-002
Straight receptacle: solder tail, double row with 2.54 mm row to row distance Availability from: 4 to 100 contacts Standard number of contacts 100
855-91-xxx-10-001 855-93-xxx-10-001 855-99-xxx-10-001
Straight receptacle: solder tail, triple row Availability from: 9 to 150 contacts Standard number of contacts 150


▲Up To Search▲   

 
Price & Availability of 855-99-016-10-001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X