Part Number Hot Search : 
MV5087 B560C KBPC1502 LD1085V RCL4K5E S125HN 180N0 MAX1386
Product Description
Full Text Search
 

To Download 67025-004 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 67025
4N41-SEVEN SEGMENT HERMETICALLY SEALED DISPLAY
Mii
OPTOELECTRONIC PRODUCTS DIVISION
Features: * * * * * Hermetically Sealed Left Hand Decimal TTL Compatible High Luminous Intensity Large Character Height
Applications: * * * * High reliability systems Instrumentation panels Communication equipment Medical equipment
DESCRIPTION The 67025 (4N41) is a hermetically sealed seven segment display. The high luminous intensity and large character height make the 67025 ideal for most applications. This high reliability display is available in standard and screened versions.
ABSOLUTE MAXIMUM RATINGS Storage Temperature..........................................................................................................................................-65C to +125C Operating Free-Air Temperature Range ............................................................................................................-55C to +100C Lead Solder Temperature (1/16" [1.6mm] below seating plane for 10s) ........................................................................... 260C Reverse Voltage at 25C Free-Air Temperature Each Segment .................................................................................................................................................................. 6V Decimal Point..................................................................................................................................................................... 3V Peak Forward Current at (or below) 70C Free-Air Temperature (derate linearly to 100C at the rate of 6.7mA/C) Each Segment or Decimal Point ...............................................................................................................................200mA Average Forward Current at (or below) 70C Free-Air Temperature (derate linearly to 100C at the rate of 1mA/C for each segment or 8mA/C for total device) Each Segment or Decimal Point ..................................................................................................................................30mA Package Dimensions Schematic Diagram
A F E D .P . D G C B
A L L P IN S
0 .0 1 2 [0 .3 0 ] 0 .0 0 8 [0 .3 0 5 ]
0 .2 6 0 [6 .6 0 ] 0 .0 1 0 [0 .3 1 0 ]
A
1 2 3 4
14 13 12 11 10
ANODES A ,B , B NC
0 .3 0 0 [7 .6 2 ] A L L P IN S 0 .2 2 0 [5 .6 ] 0 .1 8 0 [4 .6 ] 0 .0 7 5 [1 .9 0 ] M A X 0 .0 7 5 [1 .9 0 ] M A X 0 .0 8 5 [2 .1 6 ] M A X 14 0 .0 2 2 [0 .5 6 ] 0 .0 1 8 [0 .4 5 7 ] 0 .1 2 7 [3 .2 3 ] 0 .1 6 2 [4 .1 1 ] 10 0 .1 2 7 [3 .2 3 ] 0 .0 4 5 [1 .1 4 ] M IN 0 .7 6 0 [1 9 .3 1 ] 0 .7 4 0 [1 8 .7 9 ] A L L P IN S 13 12 11 10 9 8 1 2 3 4 5 6 0 .0 8 5 [2 .1 5 ] M A X 7 0 .1 0 0 [2 .5 4 ] T .P . 12 PLAC ES ( S E E N O T E C .)
F ANODES E ,F ,G ,D P NC NC DP E
P IN 1
G C ANODES C ,D D
5 6 7
9 8
0 .0 8 7 [2 .2 0 ]
0 .1 7 6 [4 .5 0 0 ]
0 .1 5 0 [3 .8 1 ]
S E A T IN G P L A N E
0 .4 1 0 [1 0 .4 2 ] 0 .3 9 0 [9 .9 0 ]
N C -N O IN T E R N A L C O N N E C T IO N
NOTES:
a. All linear dimensions are in millimeters and parenthetically in inches. b. Centerlines of character segments and decimal points are shown as dashed lines. Associated dimensions are nominal. c. The true-position pin spacing is 2.54mm (0.10") between centerlines. Each centerline is located within 0.26mm (0.010") of it's true longitudinal position relative to pins 4 and 11.
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION * 725 E.Walnut Str., Garland, TX 75040 * (972)272-3571 * Fax (972)487-6918 www.micropac.com E-MAIL: OPTOSALES @ MICROPAC.COM
2-2
67025
ELECTRICAL CHARACTERISTICS
TA = 25C unless otherwise specified.
4N41-SEVEN SEGMENT HERMETICALLY SEALED DISPLAY
PARAMETER
Luminous Intensity 1 Wavelength at Peak Emission Spectral Bandwidth Static Forward Voltage Average Temperature Coefficient of Static Voltage Static Reverse Current Anode-to-Cathode Capacitance
SYMBOL
IV
P
MIN
200 640
TYP
700 660 20
MAX
680
UNITS
cd nm nm
TEST CONDITIONS
IF = 20mA IF = 20mA IF = 20mA IF = 20mA IF = 20mA, tA = 0C to 100C VR = 6V VR = 0V, f = 1MHz
VF
vF TA
3
3.4 -2.7
3.8
V mV/C
IR C 85
100
A
pF
NOTES: 1. Luminous intensity is measured with a light sensor and filter combination that approximates the CIE (International Commission on Illumination) eyeresponse curve.
RELATIVE SPECTRAL CHARACTERISTICS
1.0 0.9 0.8
Luninous Intensity Relative to Value at I = 20 mA F
I F = 20 mA Ta = 25 C
RELATIVE LUMINOUS INTENSITY vs FORWARD CURRENT
1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 0 5 10 15 20 25 30
Luninous Intensity R elative to V alue at A = 25C T
RELATIVE LUMINOUS INTENSITY vs FREE-AIR TEMPERATURE
4 I F = C O N STAN T 2
Luninous Intensity Relative
0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 600 620 640 660 680 700
1 0.7
0.4
0.2
- Wavelength - nm
IF - FORWARD CURRENT - mA
0.1 -75
-50 T
-25
0
25
50
75
100
- FR EE A IR TE M P ER ATUR E - C
FIGURE 1
FIGURE 3
FIGURE 2
RECOMMENDED OPERATING CONDITIONS:
PARAMETER Forward Current Operating Temperature SYMBOL IF TA MIN 20 -55 MAX 30 100 UNITS mA
C
SELECTION GUIDE
PART NUMBER 67025-001 67025-101 67025-003 67025-004 PART DESCRIPTION 4N41 Mil-Temp only (-55 to +100C) 4N41 Mil-Temp (-55 to +100C) with 100% screening. 4N41 Commercial (0 to 70C) 4N41 Industrial-Temp only (-40 to +85C)
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION * 725 E.Walnut Str., Garland, TX 75040 * (972)272-3571 * Fax (972)487-6918 www.micropac.com E-MAIL: OPTOSALES @ MICROPAC.COM
2-3


▲Up To Search▲   

 
Price & Availability of 67025-004

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X