Part Number Hot Search : 
0NSPB IDT74FCT S3120 MBT39 SCB25M EBS24B WRB0512 BUK762
Product Description
Full Text Search
 

To Download 62000-004 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 62000
GaAs LIGHT EMITTING DIODE "PILL PACK" (TYPE GS1140)
Mii
OPTOELECTRONIC PRODUCTS DIVISION
Features: * * * * * Hermetically sealed High output, 940nm Small package PC board mountable Spectrally matched to the 61055 series detector
Applications * * * * Incremental encoding Reflective sensors Position sensors Level sensors
DESCRIPTION The 62000 is a P-N GaAs Infrared Light Emitting Diode in a lensed "pill" package designed to be mounted in a double-clad printed circuit board. It is spectrally and mechanically matched to companion phototransistors and photodarlingtons with it's narrow beam angle lens and small size which make it ideal for use in optical encoders, card reader arrays, etc. Available binned to customer specifications and/or screened to MIL-PRF-19500.
ABSOLUTE MAXIMUM RATINGS Storage Temperature..........................................................................................................................................-65C to +150C Operating Temperature ......................................................................................................................................-65C to +125C Reverse Voltage( at 25C case temperature) ...................................................................................................................... 2Vdc Forward Current-Continuous .............................................................................................................................................100mA Soldering Temperature (3 Minutes) ................................................................................................................................... 240C Package Dimensions Schematic Diagram
0.019 [0.48] 0.009 0.23]
CERAMIC
LENS
R0.010 0.001 [0.25]
0.092 [2.34] 0.084 [2.13] O0.061 [1.55] O0.058 [1.47] ANODE 0.067 [1.70] 0.063 [1.60] CATHODE 0.010 [0.25] 0.005 [0.013] 0.088 [2.24] 0.082 [2.08] 0.115 [2.92] 0.102 [2.59] ALL DIMENSIONS ARE IN INCHES [MILLIMETERS] 0.24 [0.61] 0.016 [0.41]
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION * 725 E.Walnut St., Garland, TX 75040 * (972) 272-3571 * Fax (972) 487-6918
www.micropac.com
E-MAIL: optosales@micropac.com
6 - 23
62000
ELECTRICAL CHARACTERISTICS
TA = 25C unless otherwise specified.
GaAs LIGHT-EMITTING DIODE "PILLPACKAGE"
PARAMETER
Output Power 62000-X01 62000-X02 62000-X03 62000-X04 62000-XXX 62000-XXX 62000-XXX 62000-XXX 62000-XXX 62000-XXX
SYMBOL
PO
MIN
0.25 0.40 1.0 1.5
TYP
0.3 0.65 1.2 1.6
MAX
UNITS
mW
TEST CONDITIONS
IF = 50mA
NOTE
Forward Voltage Reverse Breakdown Voltage Radiation Rise Time Peak Wavelength Beam Angle Forward Max Continuous Current
VF BVR 2 0.7 940 20
1.6
V V s nm degrees
IF =50mA IB = 10A
tR P
IF =50mA
1
IF(MAX)
100
mA
25C Case
NOTES: 1. Low profile 40 lens also available. INSTANTANEOUS POWER OUTPUT versus FORWARD CURRENT
P POWER OUTPUT INORMALIZED o
110 7 4 2 1 0.7 0.4 0.2 0.1 10
R ELATIV E IN TEN SITY
TC =25C NORMALIZED TO OUTPUT AT IF = 50 mA
RADIATION PATTERN
1.0
0.8
0.6
0.4
0.2
0
20
400 40 70 100 200 IF FORWARD CURRENT [mA]
1000
40
20
0
20
40
AN G LE [DE G R EES ]
POWER OUTPUT versus JUNCTION TEMPERATURE
POWER OUTPUT [NORMALIZED]
3.0 2.0
P POWER OUTPUT [NORMALIZED] o
1.0 IF =50 mA T = 25 C A
RELATIVE SPECTRAL OUTPUT
0.8
0.6
1 0.7 0.5
0.4
0.2
P o
0.3 -75
0
-50
-25
0
25
50
75
100
150
8800
9200
9600
10,000
TJ - JUNCTION TEMPERATURE - C
WAVELENGTH ( )
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION * 725 E.Walnut St., Garland, TX 75040 * (972) 272-3571 * Fax (972) 487-6918
www.micropac.com
E-MAIL: optosales@micropac.com
6 - 23
62000
PARAMETER Forward Current PART NUMBER 62000-001 62000-101 62000-002 62000-102 62000-003 62000-103 62000-004 62000-104 SYMBOL IF
GaAs LIGHT-EMITTING DIODE "PILLPACKAGE"
RECOMMENDED OPERATING CONDITIONS:
MIN 50 MAX 100 UNITS mA PO Range +0.25 mW +0.25 mW +0.4 mW +0.4 mW +1 mW +1 mW +1.5 mW +1.5 mW
SELECTION GUIDE
PART DESCRIPTION GaAs LED in pill package, commercial version GaAsLED in pill package (-55 to +100C) with 100% screening GaAs LED in pill package, commercial version GaAsLED in pill package (-55 to +100C) with 100% screening GaAs LED in pill package, commercial version GaAsLED in pill package (-55 to +100C) with 100% screening GaAs LED in pill package, commercial version GaAsLED in pill package (-55 to +100C) with 100% screening
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION * 725 E.Walnut St., Garland, TX 75040 * (972) 272-3571 * Fax (972) 487-6918
www.micropac.com
E-MAIL: optosales@micropac.com
6 - 23


▲Up To Search▲   

 
Price & Availability of 62000-004

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X