Part Number Hot Search : 
A1361 K400124 HT1621D MC10E1 SVC321 4584BF UN211H MC2072
Product Description
Full Text Search
 

To Download 61055-004 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 61055
SILICON PHOTOTRANSISTOR "PILL PACK" (TYPE GS1020)
02/22/01
Mii
OPTOELECTRONIC PRODUCTS DIVISION
REVISION B
Features: * * * * * Hermetically sealed High sensitivity Small package Suitable for high-density pc board mounting Spectrally matched to the 62000 Series LED.
Applications: * * * * Incremental Encoding Reflective Sensors Position Sensors Level Sensors
DESCRIPTION The 61055 is an N-P-N Planar Silicon Transistor in a package designed to be mounted in a double-clad printed circuit board. It is available in a range of sensitivities and is lensed for minimum response to stray light. High sensitivity, low dark current leakage, and low saturation voltage make this device ideal for interfacing with TTL circuits. Available custom binned to customer specifications or screened to MIL-PRF-19500.
ABSOLUTE MAXIMUM RATINGS Storage Temperature..........................................................................................................................................-65C to +150C Operating Temperature ....................................................................................................................................-55C to +125C Collector-Emitter Voltage........................................................................................................................................................ 50V Emitter-Collector Voltage.......................................................................................................................................................... 6V Power Dissipation (Derate at the rate of 0.5 mW/C above 25C) ....................................................................................50mW Lead Soldering Temperature (10 seconds) ....................................................................................................................... 240C Package Dimensions Schematic Diagram
0.019 [0.48] 0.009 0.23] O0.061 [1.55] O0.058 [1.47]
CERAMIC
LENS
R0.010 0.001 [0.25]
0.092 [2.34] 0.084 [2.13] EMITTER 0.240 [0.61] 0.016 [0.41]
C
COLLECTOR 0.067 [1.70] 0.063 [1.60]
0.010 [0.25] 0.005 [0.013] 0.088 [2.24] 0.082 [2.08] 0.115 [2.92] 0.102 [2.59]
E
ALL DIMENSIONS ARE IN INCHES [MILLIMETERS]
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION * 725 E. Walnut St., Garland, TX 75040 * (972) 272-3571 * Fax (972) 487-6918 www.micropac.com E-MAIL: optosales@micropac.com
6 - 10
61055
REVISION B 02/22/01
SILICON PHOTOTRANSISTOR "PILL PACK" (TYPE GS1020)
TA = 25C unless otherwise specified.
ELECTRICAL CHARACTERISTICS PARAMETER
Light Current
SYMBOL
IL
MIN
0.5 2.0 4.0 7.0 12.0 20.0 50 7
TYP
MAX
3.0 5.0 8.0 12.0 20.0 -25
UNITS
mA
TEST CONDITIONS
VCE = 5.0V, H = 20Mw/cm2
NOTE
1
61055-X01 61055-X02 61055-X03 61055-X04 61055-X05 61055-X06 61055-XXX 61055-XXX 61055-XXX 61055-X01 61055-X02 61055-X03 61055-X04 61055-X05 61055-X06 61055-X0X 61055-X0X
Dark Current Collector-Emitter Breakdown Voltage Emitter-Collector Breakdown Voltage Light Current Rise Time
ID
BVCEO BVECO
nA V V
VCE = 30V, H = 0 IC = 100A IE = 100A RL = 1K, VCC = 5V, IL = 1.0mA
1
tr
2.0 3.0 5.0 7.0 9.0 12.0 0.3 24
sec
12.0 20.0 -V degrees IC = 0.4mA, H = 20mW/cm2 RL = 1K, VCC = 5V, IL = 1.0mA 2
Saturation Voltage Angular Response
VCE (sat)
NOTES: 2 1. Irradiance in mW/cm from a tungsten source at a color temperature of 2870K. 2. The angle between incidence for peak response and incidence for 50% of peak response.
ANGULAR RESPONSE
RELATIVE SPECTRAL RESPONSE
Vcc
PULSE RESPONSE TEST CIRCUIT AND WAVEFORM 90%
ANGULAR RESPONSE 100
RELATIVE SPECTRAL RESPONSE 100 90
H
DUT
RELATIVE RESPONSE [%]
RELATIVE RESPONSE [%]
-40 -30 -20 -10 0 10 20 30 40
80
80 70 60 50 40 30 20
10% IL RL OUTPUT tr tf
60
40
20
0
10 0 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2
ANGLE [DEGREES]
WAVELENGTH [um]
I L LIG H T C U R R E N T [N O R M A LIZ E D
T O 2 0 m W /cm 2 T U N G S T E N S O U R C
NORMALIZED LIGHT CURRENT versus TEMPERATURE
2 .0
NORMALIZED LIGHT CURRENT versus RADIATION FLUX DENSITY
10 TJ = 2 5 C VC C= 50 V 1.0 G aA s SOURCE
[N O R M A L IZ E D ]
1 .8 1 .6 1 .4 1 .2 1 .0 0 .8 0 .6 0 .4 0 .2 0 -1 0 0
V c c = 5 .0 V NOTE 1
RL =100
TUNG STEN SOURCE 0.1
I
L
0.01 0.2 -7 5 -5 0 -2 5 TA 0 25 50 75 100 125 150 A M B IE N T T E M P E R A T U R E [ C ] 0.5 1.0 20 5.0 10 20
N R A D IA T IO N F LU X D E N S ITY [m W /cm 2]
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION * 725 E. Walnut St., Garland, TX 75040 * (972) 272-3571 * Fax (972) 487-6918 www.micropac.com E-MAIL: optosales@micropac.com
6 - 11
61055
REVISION B 02/22/01
SILICON PHOTOTRANSISTOR "PILL PACK" (TYPE GS1020)
SELECTION GUIDE
PART NUMBER 61055-001 66155-101 61055-002 61055-102 61055-003 61055-103 61055-004 61055-104 61055-005 61055-105 61055-006 61055-106 PART DESCRIPTION Silicon Phototransistor in pill package, commercial version Silicon Phototransistor in pill package (-55 to +125C) with 100% screening Silicon Phototransistor in pill package, commercial version Silicon Phototransistor in pill package (-55 to +125C) with 100% screening Silicon Phototransistor in pill package, commercial version Silicon Phototransistor in pill package (-55 to +125C) with 100% screening Silicon Phototransistor in pill package, commercial version Silicon Phototransistor in pill package, (-55 to +125C) with 100% screening Silicon Phototransistor in pill package, commercial version Silicon Phototransistor in pill package, (-55 to +125C) with 100% screening Silicon Phototransistor in pill package, commercial version Silicon Phototransistor in pill package, (-55 to +125C) with 100% screening IL Range 0.5 to 3mA 0.5 to 3mA 2 to 5mA 2 to 5mA 4 to 8mA 4 to 8mA 7 to 12mA 7 to 12 mA 12to 20mA 12 to 20mA 20+mA 20+mA
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION * 725 E. Walnut St., Garland, TX 75040 * (972) 272-3571 * Fax (972) 487-6918 www.micropac.com E-MAIL: optosales@micropac.com
6 - 12


▲Up To Search▲   

 
Price & Availability of 61055-004

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X