Part Number Hot Search : 
AN801 1C474M0 2N5046 F1210 XR2203 S2301 MTP4435 FS4000
Product Description
Full Text Search
 

To Download 2SK3875-01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SK3875-01
N-CHANNEL SILICON POWER MOSFET
Outline Drawings (mm)
200407
FUJI POWER MOSFET
Super FAP-G Series
Features
High speed switching, Low on-resistance Low driving power, Avalanche-proof No secondary breakdown
Applications
Switching regulators UPS (Uninterruptible Power Supply) DC-DC converters
Maximum ratings and characteristic
Absolute maximum ratings (Tc=25C unless otherwise specified)
Item Drain-source voltage Continuous Drain Current Pulsed Drain Current Gate-Source Voltage Non-Repetitive Maximum Avalanche current Repetitive Maximum Avalanche current Non-Repetitive Maximum Avalanche Energy Repetitive Maximum Avalanche Energy Maximum Drain-Source dV/dt Peak Diode Recovery dV/dt Max. Power Dissipation Operating and Storage Temperature range Symbol VDS VDSX ID ID(puls] VGS IAS IAR EAS EAR dVDS/dt dV/dt PD Tch Tstg Ratings 900 900 13 52 30 13 6.5 1006 35.5 40 5 355 2.50 +150 -55 to +150 Unit V V A A V A A mJ mJ Remarks VGS=-30V
Equivalent circuit schematic
Drain(D)
Note *1
Gate(G) Source(S)
Note *2 Note *3
Note *1:Tch< 150C = Note *2:StartingTch=25C,IAS=5.2A,L=67.5mH, VCC=100V,RG=50 EAS limited by maximum channel temperature and Avalanche current. See to the `Avalanche Energy' graph Note *3:Repetitive rating:Pulse width limited by maximum channel temperature. See to the `Transient Thermal impedance' graph. Note *4:IF< -ID, -di/dt=50A/s,VCC< BVDSS, Tch< 150C = = =
kV/s VDS < 900V = kV/s Note *4 Tc=25C W Ta=25C C C
Electrical characteristics (Tc =25C unless otherwise specified)
Item Drain-Source Breakdown Voltage Gate Threshold Voltage Zero Gate Voltage Drain Current Gate-Source Leakage Current Drain-Source On-State Resistance Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-On Time ton Turn-Off Time toff Total Gate Charge Gate-Source Charge Gate-Drain Charge Diode forward on-voltage Reverse recovery time Reverse recovery charge Symbol BVDSS VGS(th) IDSS IGSS RDS(on) gfs Ciss Coss Crss td(on) tr td(off) tf QG QGS QGD VSD trr Qrr Symbol Rth(ch-c) Rth(ch-a)
Test Conditions ID= 250A VGS=0V ID= 250A VDS=VGS VDS=900V VGS=0V Tch=25C Tch=125C VDS=720V VGS=0V VGS=30V VDS=0V ID=6.5A VGS=10V ID=6.5A VDS=25V VDS=25V VGS=0V f=1MHz VCC=600V ID=6.5A VGS=10V RGS=10 VCC=450V ID=13A VGS=10V IF=13A VGS=0V Tch=25C IF=13A VGS=0V -di/dt=100A/s Tch=25C Test Conditions channel to case channel to ambient
Min.
900 3.0
Typ.
Max. Units
5.0 25 250 100 1.00 V V A nA S pF
0.79 6.0 12 1750 2625 220 330 13 19.5 20 30 12 18 60 90 15 22.5 46 69 14 21 17 26 1.10 1.50 4.5 25
ns
nC
V s C
Thermal characteristics
Item Thermal resistance www.fujielectric.co.jp/fdt/scd
Min.
Typ.
Max.
0.352 50.0
Units
C/W C/W
1
2SK3875-01
Characteristics
Allowable Power Dissipation PD=f(Tc)
FUJI POWER MOSFET
400
20
Typical Output Characteristics ID=f(VDS):80 s pulse test,Tch=25 C
20V
350 16 300 6.5V
250
12
PD [W]
200
ID [A]
8 4 VGS=5.5V 0 0 25 50 75 100 125 150 0 4 8 12 16 20
150
100
50
0
Tc [C]
VDS [V]
100
Typical Transfer Characteristic ID=f(VGS):80 s pulse test,VDS=25V,Tch=25C
100
Typical Transconductance gfs=f(ID):80 s pulse test,VDS=25V,Tch=25C
10 10
ID[A]
1 1
0.1 0.1 0.1
0
1
2
3
4
5
6
7
8
9
10
gfs [S]
1
10
100
VGS[V]
ID [A]
Typical Drain-Source on-state Resistance RDS(on)=f(ID):80 s pulse test,Tch=25C
VGS=5.5V 1.4 6.0V
3.00 2.75 2.50 2.25
Drain-Source On-state Resistance RDS(on)=f(Tch):ID=6.5A,VGS=10V
1.2
RDS(on) [ ]
2.00
RDS(on) [ ]
6.5V 1.0
8.0V 10V 20V
1.75 1.50 1.25 1.00 max.
0.8 0.75 0.50 0.6 0.25 0.00 0 5 10 15 20 -50 -25 0 25 50
typ.
75
100
125
150
ID [A]
Tch [C]
2
2SK3875-01
Gate Threshold Voltage vs. Tch VGS(th)=f(Tch):VDS=VGS,ID=250A
FUJI POWER MOSFET
7.0 6.5 6.0 5.5 5.0
14
Typical Gate Charge Characteristics VGS=f(Qg):ID=13A,Tch=25 C
12 Vcc= 180V 450V 720V
max.
10
VGS(th) [V]
4.5
3.5 3.0 2.5 2.0 1.5 1.0 0.5 0.0 -50 -25 0 25 50 75 100 125 150 min.
VGS [V]
4.0
8
6
4
2
0 0 10 20 30 40 50 60 70
Tch [C]
Qg [nC]
10
4
Typical Capacitance C=f(VDS):VGS=0V,f=1MHz
100
Typical Forward Characteristics of Reverse Diode IF=f(VSD):80 s pulse test,Tch=25C
Ciss 10
3
10
C [pF]
10
2
Coss
IF [A]
1
3
10
1
Crss
10
0
10
-1
10
0
10
1
10
2
10
0.1 0.00
0.25
0.50
0.75
1.00
1.25
1.50
VDS [V]
VSD [V]
10
3
Typical Switching Characteristics vs. ID t=f(ID):Vcc=600V,VGS=10V,RG=10
1200
Maximum Avalanche Energy vs. starting Tch E(AV)=f(starting Tch):Vcc=100V
IAS=5.2A
1000 tf 10
2
td(off)
800 IAS=7.8A 600
td(on) 10
1
EAV [mJ]
t [ns]
400 tr 200
IAS=13A
10
0
0
-1
10
10
0
10
1
10
2
0
25
50
75
100
125
150
ID [A]
starting Tch [C]
3
2SK3875-01
Maximum Avalanche Current vs. starting Tch I(AV)=f(starting Tch):Vcc=100V
FUJI POWER MOSFET
16
14
12
Non-Repetitive (Single Pulse)
10
IAV [A]
8 Repetitive 6
4
2
0 0 25 50 75 100 125 150 175 200
starting Tch [C]
10
2
Maximum Avalanche Current Pulsewidth IAV=f(tAV):starting Tch=25 C,Vcc=100V
Avalanche Current I AV [A]
Single Pulse
1
10
10
0
10
-1
10 -8 10
-2
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
tAV [sec]
(Maximum Transient Thermal Impedance) (Zth(ch-c)=f(t):D=0)
10
1
10
0
(Zth(ch-c) [C/W])
10
-1
10
-2
10
-3
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
t [sec]
http://www.fujielectric.co.jp/fdt/scd/
4


▲Up To Search▲   

 
Price & Availability of 2SK3875-01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X