Part Number Hot Search : 
1N5785 BD912 MC100 BD912 NE532N C1500 MC100 TLSH180P
Product Description
Full Text Search
 

To Download 2SC5895 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power Transistors
2SC5895
Silicon NPN epitaxial planar type
Unit: mm
Features
* High-speed switching (tstg: storage time/tf: fall time is short) * Low collector-emitter saturation voltage VCE(sat) * Superior forward current transfer ratio hFE linearity * TO-220D built-in: Excellent package with withstand voltage 5 kV guaranteed
13.70.2 4.20.2 Solder Dip
15.00.5
Power supply for Audio & Visual equipments such as TVs and VCRs Industrial equipments such as DC-DC converters
9.90.3
3.00.5
4.60.2 2.90.2
3.20.1
1.40.2 1.60.2 0.80.1
2.60.1
0.550.15
Absolute Maximum Ratings TC = 25C
1 2
2.540.30 5.080.50 3
Parameter Collector-base voltage (Emitter open) Collector-emitter voltage (Base open) Emitter-base voltage (Collector open) Collector current Peak collector current Collector power dissipation Junction temperature Storage temperature TC = 25C Ta = 25C
Symbol VCBO VCEO VEBO IC ICP PC Tj Tstg
Rating 60 60 6 2 4 15 2 150 -55 to +150
Unit V V V A A W B C C
1: Base 2: Collector 3: Emitter TO-220D-A1 Package
Marking Symbol: C5895 Internal Connection
C
E
Electrical Characteristics TC = 25C 3C
Parameter Collector-emitter voltage (Base open) Collector-base cutoff current (Emitter open) Collector-emitter cutoff current (Base open) Forward current transfer ratio Symbol VCEO ICBO ICEO hFE1 hFE2 hFE3 Collector-emitter saturation voltage Transition frequency Turn-on time Storage time Fall time VCE(sat) fT ton tstg tf Conditions IC = 10 mA, IB = 0 VCB = 60 V, IE = 0 VCE = 60 V, IB = 0 VCE = 4 V, IC = 0.2 A VCE = 4 V, IC = 1 A VCE = 4 V, IC = 2 A IC = 2 A, IB = 0.25 A VCE = 10 V, IC = 0.1 A, f = 10 MHz IC = 1 A, Resistance loaded IB1 = 0.1 A, IB2 = - 0.1 A VCC = 50 V 100 0.2 0.7 0.15 60 80 30 0.5 V MHz s s s 250 Min 60 100 100 Typ Max Unit V A A
Note) Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7030 measuring methods for transistors.
Publication date: December 2002
SJD00299AED
1
Request for your special attention and precautions in using the technical information and semiconductors described in this material
(1) An export permit needs to be obtained from the competent authorities of the Japanese Government if any of the products or technologies described in this material and controlled under the "Foreign Exchange and Foreign Trade Law" is to be exported or taken out of Japan. (2) The technical information described in this material is limited to showing representative characteristics and applied circuits examples of the products. It neither warrants non-infringement of intellectual property right or any other rights owned by our company or a third party, nor grants any license. (3) We are not liable for the infringement of rights owned by a third party arising out of the use of the product or technologies as described in this material. (4) The products described in this material are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). Consult our sales staff in advance for information on the following applications: * Special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. * Any applications other than the standard applications intended. (5) The products and product specifications described in this material are subject to change without notice for modification and/or improvement. At the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date Product Standards in advance to make sure that the latest specifications satisfy your requirements. (6) When designing your equipment, comply with the guaranteed values, in particular those of maximum rating, the range of operating power supply voltage, and heat radiation characteristics. Otherwise, we will not be liable for any defect which may arise later in your equipment. Even when the products are used within the guaranteed values, take into the consideration of incidence of break down and failure mode, possible to occur to semiconductor products. Measures on the systems such as redundant design, arresting the spread of fire or preventing glitch are recommended in order to prevent physical injury, fire, social damages, for example, by using the products. (7) When using products for which damp-proof packing is required, observe the conditions (including shelf life and amount of time let standing of unsealed items) agreed upon when specification sheets are individually exchanged. (8) This material may be not reprinted or reproduced whether wholly or partially, without the prior written permission of Matsushita Electric Industrial Co., Ltd.
2002 JUL
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of 2SC5895

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X