Part Number Hot Search : 
FC17GY MBRF10 PM6615 MBRF10 SLP2040 MBRF10 7950K11 107004
Product Description
Full Text Search
 

To Download 2SB1493 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power Transistors
2SB1493
Silicon PNP epitaxial planar type Darlington
For power amplification Complementary to 2SD2255
4.00.1
Unit: mm
15.00.5 4.00.1 13.00.5 10.50.5 4.50.2
s Features
20.00.3
2.00.1
q q q
Optimum for 60W HiFi output High foward current transfer ratio hFE: 5000 to 30000 Low collector to emitter saturation voltage VCE(sat): < -2.5V
19.00.3
15.00.2
3.20.1
16.20.5
3.5
12.5
s Absolute Maximum Ratings
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Peak collector current Collector current Collector power TC=25C dissipation Ta=25C Junction temperature Storage temperature Symbol VCBO VCEO VEBO ICP IC PC Tj Tstg
Solder Dip
2.00.2 1.10.1 1.40.3
(TC=25C)
Ratings -160 -140 -5 -12 -7 70 2.5 150 -55 to +150 Unit V V
5.450.3 10.90.5 1 2 3
0.60.2
V A A W C C
B
1:Base 2:Collector 3:Emitter EIAJ:SC-65(a) TOP-3 Package(a)
Internal Connection
C
s Electrical Characteristics
Parameter Collector cutoff current Emitter cutoff current Collector to emitter voltage Forward current transfer ratio Collector to emitter saturation voltage Base to emitter saturation voltage Transition frequency Turn-on time Storage time Fall time
*h
E
(TC=25C)
Symbol ICBO ICEO IEBO VCEO hFE1 hFE2* VCE(sat) VBE(sat) fT ton tstg tf Conditions VCB = -160V, IE = 0 VCE = -140V, IB = 0 VEB = -5V, IC = 0 IC = -30mA, IB = 0 VCE = -5V, IC = -1A VCE = -5V, IC = -6A IC = -6A, IB = -6mA IC = -6A, IB = -6mA VCE = -10V, IC = - 0.5A, f = 1MHz IC = -6A, IB1 = -6mA, IB2 = 6mA, VCC = -50V 20 1.0 1.5 1.2 -140 2000 5000 30000 -2.5 -3.0 V V MHz s s s min typ max -100 -100 -100 Unit A A A V
FE2
Rank classification
Q P 5000 to 15000 8000 to 30000
Rank hFE2
1
Power Transistors
PC -- Ta
80
2SB1493
IC -- VCE
Collector to emitter saturation voltage VCE(sat) (V)
-12 TC=25C -10 IB=-5mA -100
VCE(sat) -- IC
IC/IB=1000
Collector power dissipation PC (W)
70 60 50 40 30 20
Collector current IC (A)
(1) TC=Ta (2) With a 100 x 100 x 2mm Al heat sink (3) Without heat sink (1) (PC=2.5W)
-30
-8
-6
-1mA - 0.9mA - 0.8mA - 0.7mA - 0.6mA - 0.5mA - 0.4mA - 0.3mA
-10 TC=100C -3 25C -25C -1
-4
(2) 10 (3) 0 0 20 40 60 80 100 120 140 160
-2
- 0.2mA - 0.1mA
- 0.3
0 0 -2 -4 -6 -8 -10 -12
- 0.1 - 0.1 - 0.3
-1
-3
-10
-30
-100
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Collector current IC (A)
VBE(sat) -- IC
-100
hFE -- IC
100000 VCE=-5V 1000 25C TC=100C -25C
Cob -- VCB
Collector output capacitance Cob (pF)
IE=0 f=1MHz TC=25C
Base to emitter saturation voltage VBE(sat) (V)
IC/IB=1000
Forward current transfer ratio hFE
30000
-30
300
10000
-10
100
3000 1000 300 100 30 10 - 0.01 - 0.03 - 0.1 - 0.3
-3 TC=-25C -1 100C 25C
30
10
- 0.3
3
- 0.1 - 0.1 - 0.3
-1
-3
-10
-30
-100
-1
-3
-10
1 -1
-3
-10
-30
-100
Collector current IC (A)
Collector current IC (A)
Collector to base voltage VCB (V)
ton, tstg, tf -- IC
100 30 Pulsed tw=1ms Duty cycle=1% IC/IB=1000 (-IB1=IB2) VCC=-50V TC=25C tstg tf ton
Area of safe operation (ASO)
-100 -30 Non repetitive pulse TC=25C ICP -10 IC -3 -1 10ms DC t=1ms
Switching time ton,tstg,tf (s)
10 3 1 0.3 0.1 0.03 0.01 0 -4 -8
-12
-16
Collector current IC (A)
- 0.3 - 0.1 - 0.03 - 0.01 -1
-3
-10
-30
-100 -300 -1000
Collector current IC (A)
Collector to emitter voltage VCE (V)
2
Power Transistors
Rth(t) -- t
1000 Note: Rth was measured at Ta=25C and under natural convection. (1) PT=10V x 0.2A (2W) and without heat sink (2) PT=10V x 1.0A (10W) and with a 100 x 100 x 2mm Al heat sink 100 (1)
2SB1493
Thermal resistance Rth(t) (C/W)
10
(2)
1
0.1 10-4
10-3
10-2
10-1
1
10
102
103
104
Time t (s)
3


▲Up To Search▲   

 
Price & Availability of 2SB1493

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X