Part Number Hot Search : 
32403 CMHD7006 3244V UAA3500 MK325B GBL08 HEF4010 LV59001M
Product Description
Full Text Search
 

To Download 2SA8722SA872A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SA872, 2SA872A
Silicon PNP Epitaxial
Application
* Low frequency low noise amplifier * Complementary pair with 2SC1775/A
Outline
2SA872, 2SA872A
Absolute Maximum Ratings (Ta = 25C)
Item Collector to base voltage Collector to emitter voltage Emitter to base voltage Collector current Collector power dissipation Junction temperature Storage temperature Symbol VCBO VCEO VEBO IC PC Tj Tstg 2SA872 -90 -90 -5 -50 300 150 -55 to +150 2SA872A -120 -120 -5 -50 300 150 -50 to +150 Unit V V V mA mW C C
Electrical Characteristics (Ta = 25C)
2SA872 Item Collector to emitter breakdown voltage Collector cutoff current Symbol Min V(BR)CEO I CBO
1
2SA872A Max -- -0.5 -- 800 -- Min -120 -- -- 250 160 Typ -- -- -- -- -- -- -- 120 1.8 -- Max -- -- -0.5 800 -- -0.75 V -0.5 -- -- 5.0 V MHz pF dB Unit V A A Test conditions I C = -1 mA, RBE = VCB = -75 V, IE = 0 VCE = -100 V, IE = 0 VCE = -12 V, I C = -2 mA VCE = -12 V, I C = -0.1 mA VCE = -12 V, I C = -2 mA I C = -10 mA, I B = -1 mA VCE = -12 V, I C = -2 mA VCB = -25 V, IE = 0, f = 1 MHz VCE = -6 V, f = 10 Hz I C = -50 A Rg = 50 k f = 1 kHz
Typ -- -- -- -- -- -- -- 120 1.8 --
-90 -- --
DC current tarnsfer ratio hFE1* hFE2 Base to emitter voltage VBE Collector to emitter saturation voltage
250 160 -- -- -- -- --
-0.75 -- -0.5 -- -- 5.0 -- -- -- --
VCE(sat)
Gain bandwidth product f T Collector output capacitance Noise figure Cob NF
-- Note: D 250 to 500 E 400 to 800
--
1.5
--
--
1.5
dB
1. The 2SA872/A is grouped by h FE1 as follows.
2
2SA872, 2SA872A
3
2SA872, 2SA872A
4
2SA872, 2SA872A
When using this document, keep the following in mind: 1. This document may, wholly or partially, be subject to change without notice. 2. All rights are reserved: No one is permitted to reproduce or duplicate, in any form, the whole or part of this document without Hitachi's permission. 3. Hitachi will not be held responsible for any damage to the user that may result from accidents or any other reasons during operation of the user's unit according to this document. 4. Circuitry and other examples described herein are meant merely to indicate the characteristics and performance of Hitachi's semiconductor products. Hitachi assumes no responsibility for any intellectual property claims or other problems that may result from applications based on the examples described herein. 5. No license is granted by implication or otherwise under any patents or other rights of any third party or Hitachi, Ltd. 6. MEDICAL APPLICATIONS: Hitachi's products are not authorized for use in MEDICAL APPLICATIONS without the written consent of the appropriate officer of Hitachi's sales company. Such use includes, but is not limited to, use in life support systems. Buyers of Hitachi's products are requested to notify the relevant Hitachi sales offices when planning to use the products in MEDICAL APPLICATIONS.
5


▲Up To Search▲   

 
Price & Availability of 2SA8722SA872A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X