Part Number Hot Search : 
30006 KUS304 LTC3714 PSUH50 NCP5208 MP1495 TM100 09012
Product Description
Full Text Search
 

To Download 2N6990JANTXV Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TECHNICAL DATA
MULTIPLE (QUAD) NPN SILICON DUAL IN-LINE AND FLATPACK SWITCHING TRANSISTOR
Qualified per MIL-PRF-19500/559 Devices 2N6989 2N6989U 2N6990 Qualified Level JAN JANTX JANTXV JANS
MAXIMUM RATINGS (1) Ratings
Collector-Emitter Voltage (3) Collector-Base Voltage (3) Emitter-Base Voltage (3) Collector Current (3) Total Power Dissipation
Symbol
VCEO VCBO VEBO IC PD
Value
50 75 6.0 800 1.5 1.0 0.4 -65 to +200
Units
Vdc Vdc Vdc mAdc W 20 PIN LEADLESS*
0
TO- 116* 2N6989
Top, Tstg 1) Maximum voltage between transistors shall be 500 Vdc 2) Derate linearly 8.57 mW/0C above TA = +250C for 2N6989 and 2N6989U Derate linearly 2.286 mW/0C above TA = +250C for 2N6990 Ratings apply to total package. 3) Ratings apply to each transistor in the array.
@ TA = +250C 2N6989(2) 2N6989U(2) 2N6990(2) Operating & Storage Junction Temperature Range
C
2N6989U
14 PIN FLAT PACK* 2N6990
*See appendix A for package outline
ELECTRICAL CHARACTERISTICS (TA = 250C unless otherwise noted)
Characteristics Symbol V(BR)CEO ICBO Min. 50 10 10 10 10 Max. Unit Vdc Adc Adc Adc Adc
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage IC = 10 mAdc Collector-Base Cutoff Current VCB = 60 Vdc VCB = 75 Vdc; Ic= 10 Adc Emitter-Base Cutoff Current VEB = 4.0Vdc VEB = 6.0Vdc; Ic= 10 Adc
IEBO
6 Lake Street, Lawrence, MA 01841 1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101 Page 1 of 2
2N6989, 2N6990 JAN, SERIES
ELECTRICAL CHARACTERISTICS (con't)
Characteristics Symbol Min. Max. Unit
ON CHARACTERISTICS (4)
Forward-Current Transfer Ratio IC = 0.1 mAdc, VCE = 10 Vdc IC = 1.0 mAdc, VCE = 10 Vdc IC = 10 mAdc, VCE = 10 Vdc IC = 150 mAdc, VCE = 10 Vdc IC = 500 mAdc, VCE = 10 Vdc Collector-Emitter Saturation Voltage IC = 150 mAdc, IB = 15 mAdc IC = 500 mAdc, IB = 50 mAdc Base-Emitter Saturation Voltage IC = 150 mAdc, IB = 15 mAdc IC = 500 mAdc, IB = 50 mAdc 50 75 100 100 30
hFE
325 300
VCE(sat)
0.3 1.0 0.6 1.2 2.0
Vdc
VBE(sat)
Vdc
DYNAMIC CHARACTERISTICS
Magnitude of Small-Signal Short-Circuit Forward Current Transfer Ratio IC = 20 mAdc, VCE = 10 Vdc, f = 100 MHz Forward Current Transfer Ratio IC = 1.0 mAdc, VCE = 10 Vdc, f = 1.0 kHz Output Capacitance VCB = 10 Vdc, IE = 0, 100 kHz f 1.0 MHz Input Capacitance VEB = 0.5 Vdc, IE = 0, 100 kHz f 1.0 MHz (4) Pulse Test: Pulse Width = 300s, Duty Cycle 2.0%.
hfe
hfe Cobo Cibo
2.5 50
8.0
8.0 25
pF pF
6 Lake Street, Lawrence, MA 01841 1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101 Page 2 of 2
This datasheet has been downloaded from: www..com Datasheets for electronic components.


▲Up To Search▲   

 
Price & Availability of 2N6990JANTXV

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X