Part Number Hot Search : 
N3811 5962F 75TR10 01916400 01800 SH323 43223 X55C11
Product Description
Full Text Search
 

To Download 2N2647 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2N2646 2N2647
SILICON UNIJONCTION TRANSISTORS
Silicon Planar Unijunction Transistors have a structure resulting in lower saturation voltage, peak-point current and valley current as well as a much higher base-one peak pulse voltage. In addition, these devices are much faster switches. The 2N2646 is intended for general purpose industrial applications where circuit economy is of primary importance, and is ideal for use in firing circuits for Silicon Controlled Rectifiers and other applications where a guaranteed minimum pulse amplitude is required. The 2N2647 is intended for applications where a low emitter leakage current and a low peak point emitter current (trigger current) are required and also for triggering high power SCR's.
CASE
MAXIMUM RATINGS (*)
TJ=125C unless otherwise noted
Symbol
VB1E VB2E IFRMS IEM PTOT TJ TSTG
Ratings
Base 1 - Emitter Voltage Base 2 - Emitter Voltage RMS Emitter Current Emitter Peak Current Total Power Dissipation Maximum Junction Storage Temperature Range
2N2646
30 30 50 2 300
2N2647
V V mA A mW
150 -55 to +175 C
ELECTRICAL CHARACTERISTICS
TJ=25C unless otherwise noted, RGK=1000
Symbol
IEO V(BR)B1E
Ratings
Emitter Reverse Current Base 1 - Emitter Breakdown Voltage IE =100 A
2N2646 - 2N2647
Min
Max 12 A V
1/2
30
COMSET SEMICONDUCTORS
2N2646 2N2647
2N2646 - 2N2647
Symbol
RBBO
Ratings
Interbase Resistance VB1B2 = 3 V Intrinsic stand-off ratio VB1B2 = 10 V Emitter Saturation Voltage IE = 50 mA, VB1B2 = 10 V Valley Current VB1B2 = 20 V Peak Current VB1B2 = 25 V 2N2646 2N2647 2N2646 2N2647 2N2646 2N2647
Min 4.7 0.56 0.68 4 8 -
Max 9.1 0.75 0.82 2.5 5 2 V
mA
k
VE(SAT) IV IP
A
* VDRM or VRSM can be applied for all types on a continuous dc basis without incurring damage.
Information furnished is believed to be accurate and reliable. However, CS assumes no responsability for the consequences of use of such information nor for errors that could appear. Data are subject to change without notice.
COMSET SEMICONDUCTORS
2/2


▲Up To Search▲   

 
Price & Availability of 2N2647

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X