![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
VICOR CONFIDENTIAL THIS DOCUMENT AND THE DATA DISCLOSED HEREIN OR HEREWITH IS NOT TO BE REPRODUCED, USED, OR DISCLOSED IN WHOLE OR IN PART TO ANYONE WITHOUT PERMISSION OF VICOR CORP. REV. DESCRIPTION DPK DPK DATE 8/14/95 2/28/97 APP'D RCM RCM 01 RELEASED PER E950600 02 REVISED PER E970093 .24 .04 (6.0 1.0) SCALE: FULL .024 (.6) .032 (#20 AWG) (.80) 1.100 .015 (27.5 .4) .266 .015 (6.76 .40) .531 MAX (13.5) 1.240 MAX (31.5) NOTES 1. UL RECOGNIZED (APPROVED). 2. FOR FURTHER DETAILED INFORMATION REFER TO DOCUMENT CONTROL, CONCEPTION FOLDER .925 MAX (23.5) DRAWN BY DATE 8/95 V I COR CAP 0.68uf/-20/250V SIZE FSCM NO. UNLESS OTHERWISE SPECIFIED DIMENSIONS ARE IN INCHESTOLERANCES ARE: FRACTIONS DECIMALS ANGLES 1/64 .XX .01 1 .XXX .005 THIRD ANGLE PROJECTION B 67131 2=1 DWG NO 11217 SHEET REV DO NOT SCALE DRAWING SCALE 1 OF 02 1 |
Price & Availability of 11217-02
![]() |