Part Number Hot Search : 
CAT93C86 1N5225 EPS13D2 UPD43256 2SB1481 MMBZ5229 C1411EPA B1580
Product Description
Full Text Search
 

To Download 10DRA20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1A 200V 60ns
OUTLINE DRAWING
FRD
FEATURES
Type :
10DRA20
* Miniature Size * Super Fast Recovery * Low Forward Voltage drop * Low Power Loss, High Efficiency * High Surge Capability * 100 Volts thru 600 Volts Types Available * 52mm Inside Tape Spacing Package Available
Maximum Ratings
Rating
Repetitive Peak Reverse Voltage Average Rectified Output Current RMS Forward Current Surge Forward Current Operating JunctionTemperature Range Storage Temperature Range Symbol VRRM IO IF(RMS) IFSM Tjw Tstg 45 1.0
Approx Net Weight:0.33g 10DRA20 200 50Hz Half Sine Ta=68C *1 Wave Resistive Load Ta=35C *2 1.57 50Hz Half Sine Wave,1cycle, Non-repetitive - 40 to + 150 - 40 to + 150 Unit V A A A C C
Electrical * Thermal Characteristics
Characteristics
Peak Reverse Current Peak Forward Voltage Reverse Recovery Time Symbol IRM VFM trr Conditions Min. Typ. Max. 10 1.03 60 81 115 Unit A V ns C/W Tj= 25C, VRM= VRRM Tj= 25C, IFM= 1.0A Ta= 25C, IFM=1A,-di/dt=50A/s *1:P.C.Board mounted Junction Thermal Resistance Rth(j-a) *2:Without Fin or to Ambient P.C.Board mounted *1 : P.C. Board mounted (L=8mm, Print Land=10x10mm, Both Sides) *2 : Without Fin or P.C. Board mounted
-
-
10DRA_ OUTLINE DRAWING (Dmensions in mm)
FORWARD CURRENT VS. VOLTAGE
10DRA20
10
INSTANTANEOUS FORWARD CURRENT (A)
5
2 Tj=25C Tj=150C 1
0.5
0.2
0.1 0 0.4 0.8 1.2 1.6
INSTANTANEOUS FORWARD VOLTAGE (V)
180 CONDUCTION ANGLE
0
AVERAGE FORWARD POWER DISSIPATION
10DRA20
D.C.
1.6
AVERAGE FORWARD POWER DISSIPATION (W)
1.4 1.2
RECT 180
1.0 0.8
RECT 60
HALF SINE WAVE RECT 120
0.6 0.4 0.2 0 0 0.4 0.8 1.2 1.6
AVERAGE FORWARD CURRENT (A)
180 CONDUCTION ANGLE
0
AVERAGE FORWARD CURRENT VS. AMBIENT TEMPERATURE
P.C. Board mounted (L=8mm,Print Land=10x10mm,Both Sides) 10DRA20
D.C.
1.6
AVERAGE FORWARD CURRENT (A)
1.2
RECT 180 HALF SINE WAVE RECT 120
0.8
RECT 60
0.4
0 0 25 50 75 100 125 150
AMBIENT TEMPERATURE (C)
180 CONDUCTION ANGLE
0
AVERAGE FORWARD CURRENT VS. AMBIENT TEMPERATURE
Without Fin or P.C. Board 10DRA20
D.C.
1.6 1.4
AVERAGE FORWARD CURRENT (A)
1.2 1.0 0.8
RECT 180 HALF SINE WAVE RECT 120
RECT 60
0.6 0.4 0.2 0 0 25 50 75 100 125 150
AMBIENT TEMPERATURE (C)
SURGE CURRENT RATINGS
f=50Hz,Harf Sine Wave,Non-Repetitive,No Load 50 10DRA20
SURGE FORWARD CURRENT (A)
40
30
20
10
I FSM 0.02s
0 0.02
0.05
0.1
0.2
0.5
1
2
TIME (s)


▲Up To Search▲   

 
Price & Availability of 10DRA20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X