Part Number Hot Search : 
LC75383 SF2N3445 GL34K C431N 855745 Y5Y0603 GSC2128 40007
Product Description
Full Text Search
 

To Download 10DDA60 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1A 600V Tjw150
DiffusionDiffusion-type Silicon Rectifier Diode
Axial Lead Type
10DDA60
,
Construction Application Diffusion-type Silicon Rectifier Diode For General Use
0.32
MAXIMUM RATINGS Item Repetitive peak reverse voltage Symbol Condition Max. Rated value Unit
VRRM
50Hz
600
50Hz half sine wave
V A A A
Ta = 58
*1
Average rectified forward current
IO IF(RMS) IFSM Tjw Tstg
1.0 1.0 1.57
Resistance load
Tl = 132 Tl:Lead Temperature
R.M.S. forward current Surge forward current Operating junction temperature range Storage temperature range
50Hz 1
50Hz half sine wave 1cycle, non-repetitive
45 40 +150 40 +150
ELECTRICAL / THERMAL CHARACTERISTICS Item Peak reverse current Peak forward voltage Symbol Condition Min. Typ. Max. Unit
IRM VFM Rth(j-a)
VRM=VRRM IFM=1A
Tj=25 Tj=25 *1( )
10 1.0 91 17
A V /W
Junction to Ambient Junction to Lead
Thermal resistance
Rth(j-l)
**@"d*@*@"A*@* FORWARD CURRENT VS. VOLTAGE
10 10DDA60
INSTANTANEOUS FORWARD CURRENT (A)
5
*u Z * "d --
2 Tj=25C Tj=150C 1
0.5
*i*j
0.2
0.1 0 0.4 0.8 1.2 1.6
INSTANTANEOUS FORWARD VOLTAGE (V) *u*@Z*@**@"d*@*@*iu*j
*1/2*@I*@**@"d*@--I*@`*@Z*@"A*@* AVERAGE FORWARD POWER DISSIPATION
1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0
HALF SINE WAVE
10DDA60
D.C.
*1/2 I * "d --I ` Z
*iv*j
AVERAGE FORWARD POWER DISSIPATION (W)
0
0.4
0.8
1.2
1.6
AVERAGE FORWARD CURRENT (A) *1/2*@I*@**@"d*@--*@*i*j
*1/2*@I*@**@"d*@--*@*|*@Zu*@I*@**@"x*@'e*@Si AVERAGE FORWARD CURRENT VS. AMBIENT TEMPERATURE
AMBIENT/Without Fin or P.C. Board 10DDA60
D.C.
1.6
*1/2 I * "d --
AVERAGE FORWARD CURRENT (A)
1.2
HALF SINE WAVE
0.8
*i*j
0.4
0 0 25 50 75 100 125 150
AMBIENT TEMPERATURE (C) Zu*@I*@**@"x*@*i*Z*j
*1/2*@I*@**@"d*@--*@*|*@S*@*[*@h*@**@"x*@'e*@Si AVERAGE FORWARD CURRENT VS. LEAD TEMPERATURE
10DDA60
D.C.
1.6
*1/2 I * "d --
AVERAGE FORWARD CURRENT (A)
1.2
HALF SINE WAVE
0.8
*i*j
0.4
0
0
25
50
75
100
125
150
LEAD TEMPERATURE (C) S*@*[*@h*@**@"x*@*i*Z*j
T*@*[*@W*@**@"d*@--*@'e*@Si SURGE CURRENT RATINGS
f=50Hz,Harf Sine Wave,Non-Repetitive,No Load 50 10DDA60
T *b W * "d --
SURGE FORWARD CURRENT (A)
40
30
20
*i*j
10
I FSM 0.02s
0 0.02
0.05
0.1
0.2
0.5
1
2
TIME (s) Z*@SO*@*i"*j


▲Up To Search▲   

 
Price & Availability of 10DDA60

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X