Part Number Hot Search : 
ISL90810 2SK1286 MCL103 ECWF255 C68HC908 5602B 2512R4 C68HC908
Product Description
Full Text Search
 

To Download 10DDA10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DIODE
FEATURES
Type :
10DDA10
1A 100V Tj =150 C
OUTLINE DRAWING
* Miniature Size * Low Forward Voltage drop * Low Reverse Leakage Current * High Surge Capability * 52mm Inside Tape Spacing Package Available
Maximum Ratings
Rating
Repetitive Peak Reverse Voltage Average Rectified Output Current RMS Forward Current Surge Forward Current Operating JunctionTemperature Range Storage Temperature Range Symbol VRRM IO IF(RMS) IFSM Tjw Tstg
Approx Net Weight:0.32g 10DDA10 100 50Hz Ta=58C *1 Half Sine Wave Tl=132C Resistive Load (Tl=Lead Temperature 50Hz Half Sine Wave,1cycle, Non-repetitive - 40 to + 150 - 40 to + 150 Unit V 1.0 1.57 45 A A A C C
Electrical * Thermal Characteristics
Characteristics
Peak Reverse Current Peak Forward Voltage Symbol Conditions Tj= 25C, VRM= VRRM Tj= 25C, IFM= 1.0A Junction to Ambient *1 Junction to Lead Min. Typ. Max. 10 1.0 91 17 Unit A V C/W IRM VFM Rth(j-a) Thermal Resistance Rth(j-l) *1: Without Fin or P.C. Board mounted
10DDA10 OUTLINE DRAWING (Dmensions in mm)
FORWARD CURRENT VS. VOLTAGE
10 10DDA10
INSTANTANEOUS FORWARD CURRENT (A)
5
2 Tj=25C Tj=150C 1
0.5
0.2
0.1 0 0.4 0.8 1.2 1.6
INSTANTANEOUS FORWARD VOLTAGE (V)
AVERAGE FORWARD POWER DISSIPATION
1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0
HALF SINE WAVE
10DDA10
D.C.
AVERAGE FORWARD POWER DISSIPATION (W)
0
0.4
0.8
1.2
1.6
AVERAGE FORWARD CURRENT (A)
AVERAGE FORWARD CURRENT VS. AMBIENT TEMPERATURE
AMBIENT/Without Fin or P.C. Board 10DDA10
D.C.
1.6
AVERAGE FORWARD CURRENT (A)
1.2
HALF SINE WAVE
0.8
0.4
0 0 25 50 75 100 125 150
AMBIENT TEMPERATURE (C)
AVERAGE FORWARD CURRENT VS. LEAD TEMPERATURE
10DDA10
D.C.
1.6
AVERAGE FORWARD CURRENT (A)
1.2
HALF SINE WAVE
0.8
0.4
0
0
25
50
75
100
125
150
LEAD TEMPERATURE (C)
SURGE CURRENT RATINGS
f=50Hz,Harf Sine Wave,Non-Repetitive,No Load 50 10DDA10
SURGE FORWARD CURRENT (A)
40
30
20
10
I FSM 0.02s
0 0.02
0.05
0.1
0.2
0.5
1
2
TIME (s)


▲Up To Search▲   

 
Price & Availability of 10DDA10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X