![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
MCC Features * * * * * omponents 21201 Itasca Street Chatsworth !"# $ % !"# 10A01 THRU 10A07 10 Amp Rectifier 50 to 1000 Volts R-6 Diffused Junction High Current Capability and Low Forward Voltage Drop Surge Overload Rating to 600A Peak Low Reverse Leakage Current Plastic Material - UL Flammability Classification 94V-0 Maximum Ratings * * Operating Temperature: -55C to +125C Storage Temperature: -55C to +150C MCC Catalog Number 10A01 10A02 10A03 10A04 10A05 10A06 10A07 Device Marking Maximum Reccurrent Peak Reverse Voltage 50V 100V 200V 400V 600V 800V 1000V IF(AV) IFSM 10 A 400A Maximum RMS Voltage 35V 70V 140V 280V 420V 560V 700V Maximum DC Blocking Voltage 50V 100V 200V 400V 600V 800V 1000V D --------------- A Cathode B Electrical Characteristics @ 25C Unless Otherwise Specified Average Forward Current Peak Forward Surge Current Maximum Instantaneous Forward Voltage Maximum DC Reverse Current At Rated DC Blocking Voltage Typical Junction Capacitance TA = 50C 8.3ms, half sine IFM = 10A; TA = 25C D VF 1.0V C IR 10A 100A TA = 25C TA = 100C DIM A B C D DIMENSIONS INCHES MIN .340 .340 .048 1.000 MM MIN 8.60 8.60 1.20 25.40 CJ 150pF Measured at 1.0MHz, VR=4.0V MAX .360 .360 .052 --- MAX 9.10 9.10 1.30 --- NOTE Typical Thermal Resistance Junction RQJA 10K/W to Ambien *Pulse Test: Pulse Width 300sec, Duty Cycle 1% www.mccsemi.com 10A01 thru 10A07 I(AV), AVERAGE RECTIFIED CURRENT (A) MCC 100 12 10 8.0 6.0 4.0 2.0 0 IF, INSTANTANEOUS FORWARD CURRENT (A) 10 1.0 Tj = 25C 0 50 100 150 TA, AMBIENT TEMPERATURE (C) Fi g. 1 Forward Current Derating Curve 200 0.1 0 0.4 0.8 Pulse Width = 300 ms 2% Duty Cycle 1.2 1.6 VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics 750 IFSM, PEAK FORWARD SURGE CURRENT (A) 1000 600 Cj, JUNCTION CAPACITANCE (pF) Tj = 25C f = 1MHz 100 10A01 - 10A04 450 10A05 - 10A07 300 10 150 8.3ms Single Half Sine-Wave JEDEC Method 0 1 1.0 10 100 1 NUMBER OF CYCLES AT 60 Hz Fig. 3 Maximum Non-Repetitive Peak Forward Surge Current 10 VR, REVERSE VOLTAGE (V) Fig. 4 Typical Junction Capacitance 100 www.mccsemi.com |
Price & Availability of 10A02
![]() |