Part Number Hot Search : 
TC74LC LM2931 FT37AR1 C900603 TL431 2SD1210 1N4001 21A08
Product Description
Full Text Search
 

To Download 0496200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Blade Terminal & Special Purpose Fuses
Low Voltage
RoHS
Cable Pro(R) Cable Protector 496 Series
Opening Time 100 hours, Minimum 120 sec., Min.; 1800 sec., Max. 10 sec., Min.; 300sec., Max. 1 sec., Min.; 15 sec., Max. 0.3 sec., Min.; 5 sec., Max.
UL (R)
ELECTRICAL CHARACTERISTICS:
% of Ampere Rating 100% 135% 200% 350% 600%
CABLE TYPE: SAE J1127(4 & 6 AWG) & SAE J1128(8 AWG). INTERRUPTING RATINGS: 2000 amperes @ 32 VDC ENVIORNMENTAL SPECIFICATIONS:
Operating Temperature Range: -40C to +125C
Temperature Rerating Curve
Rerating Factor (% Rated Current)
110
105
100
95
90
85 -40
-20
0
20
40
60
80
100
120
Ambient Temperature (C)
80A 100A 125A 150A 175A 200A 10 100 1000
ORDERING INFORMATION:
Catalog Ampere Number Rating 0496 080 80 0496 100 100 0496 125 125 0496 150 150 0496 175 175 0496 200 200 0496 060 60 Wire Typical Voltage Drop Size at Rated Current (mV)* 8mm2 (8AWG) 117.0 8mm2 (8AWG) 119.9 13mm2 (6AWG) 104.6 2 19mm (4AWG) 102.1 19mm2 (4AWG) 105.4 19mm2 (4AWG) 97.6 5mm2 (10AWG) 132.8 Nominal Cold Resistance (m)* 1.188 0.937 0.697 0.555 0.473 0.374 1.770
1000
100
* NOMINAL COLD RESISTANCE AND TYPICAL VOLTAGE DROP AT RATED CURRENT IS MEASURED AT THE ENDS OF TWO 80.0mm(3.15") CABLES.
TIME IN SECONDS
10
1
0.1
0.01 10000
CURRENT IN AMPERES
458
w w w. l i t t e l f u s e . c o m


▲Up To Search▲   

 
Price & Availability of 0496200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X