Part Number Hot Search : 
MC14500 DA1562 ST13007D GCM2165 AX101 AOD486A MBZ5222B AD6190
Product Description
Full Text Search
 

To Download 0465001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Surface Mount Fuses
Subminiature Surface Mount
RoHS
NANO2(R) 250V UMF FUSE
Time Lag 465 Series
* The Surface Mount Nano2 250V UMF product family complies with IEC Publication IEC 60127-4-Universal Modular Fuse-Links [UMF]. This IEC standard has been accepted by UL/CSA making it the first global fuse standard. * The Nano2 250V UMF fuse family is based on the proven NANO2 Fuse product technology. * Product is RoHS Compliant and compatible with lead-free solders and higher temperature profiles.
ELECTRICAL CHARACTERISTICS:
% of Ampere Rating 125% 200% 1000% Opening Time 1 hour, Minimum 2 minutes, Maximum 0.01 sec, Min; 0.1 sec Max Reference Dimensions:
12.1 (.475") 6.7 (.264") 5.6 (.22") 6.9 (.27") TOP VIEW WAVE SOLDER 3.5 (.14")
AGENCY APPROVALS: Listed to IEC 60127-4, Universal Modular FuseLinks (UMF), 250V. UL Listed. Approved by METI and CCC. K and VDE .
AGENCY FILE NUMBERS: UL E184655. METI NBK30502-E184655a,b. INTERRUPTING RATINGS: 100 amperes at 250VAC ENVIRONMENTAL SPECIFICATIONS: Operating Temperature: -55C to 125C. Shock: MIL-STD-202, Method 213, Test Condition A. Vibration: MIL-STD-202, Method 201 (10-55 Hz). Insulation Resistance (After Opening): IEC60127-4 (0.1M min
@ 500VDC).
4.5 (.177")
F T500mAL AC250V
2.8 (.11")
4.5 (.177")
Height
5.6 (.22") 6.8 (.264") REFLOW SOLDER
END CAP
Resistance to Soldering Heat: IEC60127-4. Thermal Shock: MIL-STD-202, Method 107,
Test Condition B (-65 to 125C, 5 cycles).
Average Time Current Curves
10
1A 1.25 A 1.6 A 2A 2.5 A 3.15 A 4A 5A 6.3 A 100
Moisture Resistance: MIL-STD-202, Method 106 PHYSICAL SPECIFICATIONS: Materials: Body: High Performance Ceramic
Terminations: Silver plated brass.
Soldering Parameters:
Wave Solder -- 260C, 10 seconds maximum Reflow Solder -- 260C, 30 seconds maximum
10
PACKAGING SPECIFICATIONS: 24mm Tape and Reel per EIA-RS481-1 (IEC 286, part 3); 1,500 per reel, add packaging suffix, DR. PATENTED ORDERING INFORMATION:
Catalog Number 0465 001. 0465 1.25 0465 01.6 0465 002. 0465 02.5 0465 3.15 0465 004. 0465 005. 0465 06.3 Ampere Rating 1.0 1.25 1.6 2.0 2.5 3.15 4.0 5.0 6.3 Nominal Voltage Cold Resistance Rating (Ohms) 250 0.107 250 0.083 250 0.056 250 0.039 250 0.026 250 0.021 250 0.016 250 0.0130 250 0.0088 Nominal Melting I2t (A2 sec) 2.8 5.6 9.2 14.9 21.0 31.7 48.4 87.0 144.4
TIME IN SECONDS
Solderability: IEC60127-4.
1
0.1
0.01
0.001 0.1
1
*For information and availability of additional ratings please contact Littelfuse
100 10 CURRENT IN AMPERES
1000
w w w. l i t t e l f u s e . c o m
379
SURFACE MOUNT FUSES


▲Up To Search▲   

 
Price & Availability of 0465001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X