Part Number Hot Search : 
MGF0843G ISL84514 MAXIM ON1484 6EHL1SCM OPB704 20H12 1215Z
Product Description
Full Text Search
 

To Download 0430500 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Surface Mount Fuses
Thin-Film Surface Mount
1206 Slo-Blo
(R)
Fuse 430 Series
(R)
(R)
* For RoHS compliant and Lead-Free designs use 468 series * Time delay feature withstands high in-rush currents and prevents nuisance openings. * Package is visually distinct from fast-acting version for easy identification. * Top side marking allows visual verification of amperage rating.
ELECTRICAL CHARACTERISTICS:
% of Ampere Rating 100% 200% 300% 800% Opening Time @ 25C 4 hours, Minimum 1 sec., Min.; 120 sec., Max. 0.1 sec., Min.; 3 sec., Max. 0.002 sec., Min.; .05 sec., Max.
Reference Dimensions:
AGENCY APPROVALS: Recognized under the Components
Program of Underwriters Laboratories and Certified by CSA.
3.81 (.150") 1.52 (.060")
R .318 (.013") REF.
1.52 (.060")
AGENCY FILE NUMBERS: UL E10480, CSA LR 29862. INTERRUPTING RATINGS:
0.5A - 1.5A 2A 3A 50 amperes at 63 VAC/VDC 35 amperes at 63 VAC/VDC 50 amperes at 32 VAC/VDC
2.03 (.080")
1.14 (.045")
3.18 (.125") 2.03 (.080") REF. 1.14 (.045") .635 (.025")
REFLOW SOLDER
ENVIRONMENTAL SPECIFICATIONS: Operating Temperature: -55C to 90C. Consult temperature rerating chart on page 4. For operation above 90C contact Littelfuse. Vibration: Withstands 10-55 Hz per MIL-STD-202F, Method 201A and
10-2000 Hz at 20 G's per MIL-STD-202F, Method 204D, Condition D.
100
Average Time Current Curves
.5A 1A 1.5A 2A 3A
Insulation Resistance (After Opening): Greater than 10,000 Ohms. Resistance to Soldering Heat: Withstands 60 seconds above
200C up to 260C, maximum.
10
SURFACE MOUNT FUSES
0.1 1 10 CURRENT IN AMPERES 100 369
Thermal Shock: Withstands 5 cycles of -50C to +125C. PHYSICAL SPECIFICATIONS: Materials: Body: Epoxy Substrate
Terminations: Copper/Nickel/Tin-Lead (95/5) Cover Coat: Conformal Coating
10
Soldering Parameters(see page 3 for soldering profiles):
Reflow Solder: 260C, 30 seconds maximum
TIME IN SECONDS
1
PACKAGING SPECIFICATIONS: 8mm Tape and Reel per EIA-RS481-1 (IEC 286, part 3); 3,000 per reel, add packaging suffix, WR. PATENTED ORDERING INFORMATION:
Catalog Number 0430.500 0430 001. 0430 01.5 0430 002. 0430 003.
1 2
0.1
Amperage Rating (A) 0.5 1.0 1.5 2.0 3.0
Marking Code TF TH TK TN TP
Voltage Rating (V) 63 63 63 63 32
Nom. Cold Resistance Cold Ohm1 .250 .097 .056 .039 .020
Nominal Melting I2t (A2sec)2 0.0305 0.144 0.298 0.494 1.33
0.01
Measured at 10% of rated current, 25C. Measured at rated voltage.
0.001
w w w. l i t t e l f u s e . c o m


▲Up To Search▲   

 
Price & Availability of 0430500

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X