Part Number Hot Search : 
2SC3619 YM536 GBJ1508 BCM857DS SMC100 TSL1410 F1010 ADP1190A
Product Description
Full Text Search
 

To Download XC6385SERIES Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 x Pager Use: Low Noise x Duty Ratio: 75% x CMOS Structure: Small Supply Current x Operating Voltage Range: 0.9~10.0V x Output Voltage Range: 2.0~7.0V x Output Voltage Accuracy: 2.5%
s General Description
The XC6385 series is a group of PFM (frequency) controlled step-up DC/DC converters. The XC6385 series employs CMOS process and laser trimming technologies to attain low power and high accuracy. A common problem among pagers is one of noise, but with the XC6385, high frequency noise that occurs during switching is reduced. Output voltage is programmable in 0.1V steps between 2.0V ~ 7.0V and maximum frequency is 100kHz (typ.) With a built-in switching transistor, a step-up circuit can be configured using a coil, diode and capacitor connected externally. Also available is a CE (chip enable) function that reduces power consumption during shut-down mode, and an independent VDD pin function (separated power supply and voltage detect pins) for fly-back circuits. SOT-89-5 and SOT-23/25 small packages.
s Applications
q Pagers q Palmtops q Cameras, Video cameras q Various portable products
s Features
Low noise Operating voltage range: 0.9V~10V Output voltage range: 2.0V~7.0V (programmable in 0.1V steps) Output voltage accuracy: 2.5% Maximum oscillator frequency: 100kHz (15%) Built-in switching transistor CE function and/or separated VDD/VOUT types selectable with 5 pin packages Small package: SOT-23/25 mini-mold (3pin, 5pin) SOT-89/89-5 mini-power mold (3 pin, 5 pin)
e
s Absolute Maximum Ratings
PARAMETER VOUT Pin Voltage LX Pin Voltage LX Pin Current CE Pin Voltage VDD Pin Voltage Continuous Total Power Dissipation SOT-23 SOT-89 SYMBOL VOUT VLX ILX VCE VDD Pd Pd Topr Tstg RATINGS 12 12 400 VSS-0.3 ~ VOUT+0.3 12 150 500 -30 ~ +80 -40 ~ +125
Ta=25: UNITS V V mA V V mW mW : :
Operating Ambient Temperature Storage Temperature
s Selection Guide
PARAT TYPE XC6385A DUTY RATIO 75% PACKAGE SOT-23 SOT-89-3 SOT-23 SOT-89-5 SWITCHING CE TRANSISTOR FUNCTION Built-in NO VDD PIN NO FEATURES Duty Ratio 75% Stand-by (CE) function During stand-by (CE pin "Low"), Supply current = 0.50A (max) Since the power supply (VDD) pin and the voltage sensor (VOUT) pin are separated, use as a PFM controller is possible.
XC6385C
75%
Built-in
YES
NO
XC6385E
75%
SOT-23 SOT-89-5
Built-in
NO
YES
s Pin Configuration
5 3 5 4 4
1
SOT-23 (TOP VIEW)
2
1
2
3 1 2
SOT-89-3 (TOP VIEW)
3
1
2
SOT-89-5 (TOP VIEW)
3
SOT-25 (TOP VIEW)
e
Note: The SOT-23/25 and SOT-89 packages shown above are not drawn to scale.
s Pin Assignment
XC6385A
PIN NUMBER SOT-23 1 3 2 SOT-89-3 1 2 3 PIN NAME VSS VOUT Lx FUNCTION Ground Output voltage monitor, IC internal power supply Switch
XC6385C
PIN NUMBER SOT-25 4 2 5 1 3 SOT-89-5 5 2 4 3 1 PIN NAME VSS VOUT Lx CE NC FUNCTION Ground Output voltage monitor, IC internal power supply Switch Chip enable No connection
XC6385E
PIN NUMBER SOT-25 4 2 SOT-89-5 5 2 PIN NAME VSS VDD FUNCTION Ground IC internal power supply
s Block Diagram
XC6385A~XC6385C (VOUT pin also serves as VDD.)
VDD LX Buffer VLx limiter Vref VOUT
PFM Control OSC 100kHz VSS
e
Chip Enable
CE
Note: The CE pin is set up for XC6385C.
XC6383E
VDD VDD
LX Buffer
VLx limiter
Vref
VOUT
PFM Control OSC 100/180kHz VSS
Note: The VDD pin is set up for XC6385E.
s Electrical Characteristics
XC6385A301PR
PARAMETER Output Voltage Maximum Input Voltage Operation Start-up Voltage Operation Hold Voltage No-Load Input Current Supply Current 1(Note2) Supply Current 2 VOUT=3.0V SYMBOL VOUT VIN VST VHLD IIN IDD1 IDD2 CONDITIONS External components connected. MIN TYP 2.94 3.000 Ta=25: MAX UNITS V 3.06 0.90 9.3 39.4 4.2 7.9 1.0 70 85 0.7 80 75 100 80 115 1.1 V V V A A A A % kHz V %
10 External components connected. IOUT=1mA 0.80 External components connected. IOUT=1mA 0.70 VIN=output voltage x 0.6, IOUT=0mA (Note1) 4.6 No external components. Apply output voltage x 0.95 to VOUT 19.7 2.1 5.2
e
No external components. Apply output voltage x 0.95 to VOUT LX Switch-On Resistance RSWON No external components. Apply output voltage x 0.95 to VOUT VLX=0.4V ILXL No external components. VOUT=VLX=10V. LX Leakage Current No external components. Apply output voltage x 0.95 to VOUT Duty Ratio DTY LX : 300 pull-up to 5V, Measuring of LX waveform. No external components. Apply output voltage x 0.95 to VOUT LX : 300 pull-up to 5V. Duty ratio 75%. Maximum Oscillation Frequency MAX FOSC Measuring of LX waveform. No external components. Apply output voltage x 0.95 to VOUT LX Limit Voltage VLxLMT Apply voltage to Lx. Voltage required to produce FOSC x 2. Efficiency (Note3) EFFI External components connected
Measuring conditions: Unless otherwise specified, VIN=VOUT 0.6, IOUT=4mA. See Typical Application Circuits, Fig.1. Note: 1. The Schottky diode (SD) must be type MA735, with reverse current (IR) < 1.0A at reverse voltage (VR)=10.0V 2. "Supply Current 1" is the supply current while the oscillator is continuously oscillating. In actual operation the oscillator periodically operates which results in less average power consumption. 3. {[Output Voltage] x [Output Current] / [(Input Voltage) x (Input Current)]} x 100.
XC6385C301PR
PARAMETER Output Voltage
VOUT=3.0V SYMBOL VOUT VIN VST VHLD IIN IDD1 IDD2 CONDITIONS External components connected. MIN TYP 2.94 3.000 10 External components connected. IOUT=1mA 0.80 External components connected. IOUT=1mA 0.70 VIN=output voltage x 0.6, IOUT=0mA (Note1) 4.6 No external components. Apply output voltage x 0.95 to VOUT 19.7 2.1 5.2
Ta=25: MAX UNITS V 3.06 0.90 9.3 39.4 4.2 7.9 1.0 75 100 80 115 0.5 V V V A A A A % kHz A V 0.20 0.25 -0.25 1.1 80 V A A V %
Maximum Input Voltage Operation Start-up Voltage Operation Hold Voltage No-Load Input Current Supply Current 1(Note2) Supply Current 2
No external components. Apply output voltage x 0.95 to VOUT LX Switch-On Resistance RSWON No external components. Apply output voltage x 0.95 to VOUT VLX=0.4V LX Leakage Current ILXL No external components. VOUT=VLX=10V. No external components. Apply output voltage x 0.95 to VOUT Duty Ratio DTY 70 LX : 300 pull-up to 5V, Measuring of LX waveform. No external components. Apply output voltage x 0.95 to VOUT LX : 300 pull-up to 5V. Duty ratio 75%. Maximum Oscillation Frequency MAX FOSC 85 Measuring of LX waveform. No external components. Apply output voltage x 0.95 to VOUT Stand-by Current ISTB VCE=0V No external components. Apply output voltage x 0.95 to VOUT 0.72 CE "High" Voltage VCEH LX : 300 pull-up to 5V. Exixtence of LX oxcillation. No external components. Apply output voltage x 0.95 to VOUT CE "Low" Voltage VCEL LX : 300 pull-up to 5V. Exixtence of LX oxcillation. No external components. Apply output voltage x 0.95 to VOUT CE "High" Current ICEH LX : 300 pull-up to 5V. VCE=output voltage x 0.95 No external components. Apply output voltage x 0.95 to VOUT CE "Low" Current ICEL LX : 300 pull-up to 5V. VCE=0V. No external components. Apply output voltage x 0.95 to VOUT 0.7 VLxLMT LX Limit Voltage Apply voltage to Lx. Voltage required to produce FOSC x 2. External components connected Efficiency (Note3) EFFI
Measuring conditions: Unless otherwise specified, VIN=VOUT 0.6, IOUT=4mA. See Typical Application Circuits, Fig.2. Note: 1. The Schottky diode (SD) must be type MA735, with reverse current (IR) < 1.0A at reverse voltage (VR)=10.0V 2. "Supply Current 1" is the supply current while the oscillator is continuously oscillating. In actual operation the oscillator periodically operates which results in less average power consumption. 3. {[Output Voltage] x [Output Current] / [(Input Voltage) x (Input Current)]} x 100.
s Electrical Characteristics
XC6385E301PR
PARAMETER Output Voltage Maximum Input Voltage Operation Start-up Voltage Operation Hold Voltage No-Load Input Current Supply Current 1(Note2) Supply Current 2 VOUT=3.0V SYMBOL VOUT VIN VST VHLD IIN IDD1 IDD2 CONDITIONS External components connected. MIN TYP 2.94 3.000 Ta=25: MAX UNITS V 3.06 0.90 9.3 39.4 4.2 7.9 1.0 70 85 0.7 80 75 100 80 115 1.1 V V V A A A A % kHz V %
10 External components connected. IOUT=1mA 0.80 External components connected. IOUT=1mA 0.70 VIN=output voltage x 0.6, IOUT=0mA (Note1) 4.6 No external components. Apply output voltage x 0.95 to VOUT 19.7 2.1 5.2
No external components. Apply output voltage x 0.95 to VOUT LX Switch-On Resistance RSWON No external components. Apply output voltage x 0.95 to VOUT VLX=0.4V ILXL No external components. VOUT=VLX=10V. LX Leakage Current No external components. Apply output voltage x 0.95 to VOUT Duty Ratio DTY LX : 300 pull-up to 5V, Measuring of LX waveform. No external components. Apply output voltage x 0.95 to VOUT LX : 300 pull-up to 5V. Duty ratio 75%. Maximum Oscillation Frequency MAX FOSC Measuring of LX waveform. No external components. Apply output voltage x 0.95 to VOUT LX Limit Voltage VLxLMT Apply voltage to Lx. Voltage required to produce FOSC x 2. Efficiency (Note3) EFFI External components connected
e
Measuring conditions: Unless otherwise specified, VIN=VOUT 0.6, IOUT=4mA. See Typical Application Circuits, Fig.3. Note: 1. The Schottky diode (SD) must be type MA735, with reverse current (IR) < 1.0A at reverse voltage (VR)=10.0V 2. "Supply Current 1" is the supply current while the oscillator is continuously oscillating. In actual operation the oscillator periodically operates which results in less average power consumption. 3. {[Output Voltage] x [Output Current] / [(Input Voltage) x (Input Current)]} x 100. When the VDD and VOUT pins are independently used, the voltage range at the VDD pin should be 2.2V to 10V. The IC operates from VDD=0.8V. However, output voltage and oscillator frequency are properly stabilized when VDD=2.2V or higher.
s Typical Application Circuits
L
2
1
L
5
4
VIN
(TOP VIEW) SOT-23
VIN 1 VOUT
(TOP VIEW) SOT-25
e
SD CL
3
2
3 VOUT
+
SD CL
+
GND
CE
GND
L: 220H (SUMIDA, CD54) SD: MA735 (Schottky diode; MATSUSHITA) CL: 16V 47F (Tantalum capacitor, NICHICON, F93)
L: 220H (SUMIDA, CD-54) SD: MA735 (Schottky diode; MATSUSHITA) CL: 16V 47F (Tantalum capacitor, NICHICON, F93)
Fig.1 XC6385A Application
Fig.2 XC6385C Application
L
5
4
VIN SD 1
(TOP VIEW) SOT-25
2
3 VOUT
CL
+
VDD
GND
GND
L: 220H (SUMIDA, CD-54) SD: MA735 (Schottky diode; MATSUSHITA) CL: 16V 47F (Tantalum capacitor, NICHICON, F93)
Fig.3 XC6385E Application
s XC6385A301 Characteristics (Output Voltage = 3.0V)
(1) OUTPUT VOLTAGE vs. OUTPUT CURRENT (2) EFFICIENCY vs. OUTPUT CURRENT
XC6385A301
L=220H, CL=22F (Tantalum)
XC6385A301
L=220H, CL=22F (Tantalum)
OUTPUT VOLTAGE:VOUT (V)
EFFICIENCY:EFFI (%)
e
OUTPUT CURRENT:IOUT (mA)
OUTPUT CURRENT:IOUT (mA)
(3) RIPPLE VOLTAGE vs. OUTPUT CURRENT
(4) NO LOAD INPUT CURRENT vs. INPUT VOLTAGE
XC6385A301
L=220H, CL=22F (Tantalum)
XC6385A301
L=220H, CL=22F (Tantalum)
RIPPLE VOLTAGE:Vr (mVp-p)
OUTPUT CURRENT:IOUT (mA)
INPUT CURRENT:IIN (A)
INPUT VOLTAGE :VIN (V)
< Recommended external components >
L : 220H ( Sumida CD54) CL : 22F (Tantalum) SD : MA729 (Matsushita)


▲Up To Search▲   

 
Price & Availability of XC6385SERIES

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X