Part Number Hot Search : 
LTC1386 C1321 2CMX1TCG PN9352 DX0907 10330 DX0907 74L00
Product Description
Full Text Search
 

To Download WS57C71C-70TMB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WS57C71C MILITARY HIGH SPEED 32K x 8 CMOS PROM/RPROM
* Ultra-Fast Access Time
-- 45 ns
KEY FEATURES * Immune to Latch-UP
-- Up to 200 mA
* Low Power Consumption * Fast Programming
* ESD Protection Exceeds 2000V * Available in 300 and 600 Mil DIP
and CLLCC
GENERAL DESCRIPTION
The WS57C71C is a High Performance 256K UV Erasable Electrically Re-Programmable Read Only Memory (RPROM). It is manufactured in an advanced CMOS technology and utilizes WSI's patented self-aligned split gate EPROM cell. The industry standard PROM pin configuration of the WS57C71C provides an easy upgrade path from a 16K x 8 device. This RPROM is capable of operating at speeds as fast as 35 ns address access time, which enables it to be used directly with today's fast microprocessors and DSP processors without introducing any wait states. All inputs and outputs are TTL compatible. The WS57C71C is a low power device even when operated at its fastest speed. The DIP version is packaged in a 300 mil wide DIP package saving board space for the user.
MODE SELECTION
PINS MODE Read Output Disable Output Disable Output Disable Program Program Verify Program Inhibit CS1/ VPP VIL VIH X X VPP VIL VPP CS2 VIH X VIL X X VIH X CS3 VIL X X VIH VIH VIL VIL VCC VCC VCC VCC VCC VCC VCC VCC OUTPUTS DOUT High Z High Z High Z DIN DOUT HIGH Z
PIN CONFIGURATION
TOP VIEW Chip Carrier
A7 A8 A9 NC VCC A10 A11 A9 A8 A7 A6 A5 A4 A3 A2 A1 A0 O0 O1 O2 GND
CERDIP
1 2 3 4 5 6 7 8 9 10 11 12 13 14 28 27 26 25 24 23 22 21 20 19 18 17 16 15 VCC A10 A11 A12 A13 A14 CS3 CS2 CS1/VPP O7 O6 O5 O4 O3
A6 A5 A4 A3 A2 A1 A0 NC O0
32 31 30 1 5 29 6 28 7 27 8 26 9 25 10 24 11 23 12 22 13 21 14 15 16 17 18 19 20 O1 O2
GND
432
A12 A13 A14 NC CS3 CS2 CS1/VPP O7 O6
NC O3 O4 O5
PRODUCT SELECTION GUIDE
PARAMETER Address Access Time (Max) CS to Output Valid Time (Max) WS57C71C-45 45 ns 20 ns WS57C71C-55 55 ns 20 ns WS57C71C-70 70 ns 30 ns
Return to Main Menu
4-13
WS57C71C
ORDERING INFORMATION
PART NUMBER WS57C71C-45TMB WS57C71C-55CMB WS57C71C-55DMB WS57C71C-55TMB WS57C71C-70TMB SPEED (ns) 45 55 55 55 70 PACKAGE TYPE 28 Pin CERDIP, 0.3" 32 Pad CLLCC 28 Pin CERDIP, 0.6" 28 Pin CERDIP, 0.3" 28 Pin CERDIP, 0.3" WSI PACKAGE OPERATING TEMPERATURE MANUFACTURING DRAWING RANGE PROCEDURE T2 C2 D2 T2 T2 Military Military Military Military Military MIL-STD-883C MIL-STD-883C MIL-STD-883C MIL-STD-883C MIL-STD-883C
NOTE: 9. The actual part marking will not include the initials "WS."
PROGRAMMING/ALGORITHMS/ERASURE/PROGRAMMERS REFER TO PAGE 5-1
The WS57C71C is programmed using Algorithm D shown on page 5-9.
For complete data sheet and electrical specifications see page 2-55.
Return to Main Menu
4-14


▲Up To Search▲   

 
Price & Availability of WS57C71C-70TMB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X