Part Number Hot Search : 
X342B ES1JM MSB800 32300 DF5A8 BC337A D6L60HT 02201
Product Description
Full Text Search
 

To Download TR600-160 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Tyco / Electronics
Raychem Circuit Protection 308 Constitution Drive Menlo Park, CA 94025-1164 Phone: 800-227-4856 Fax: 800-227-4866
PolySwitch(R) PTC Devices
Overcurrent Protection Device
PRODUCT: TR600-160
DOCUMENT: SCD 22470 PCN: 934973 REV LETTER: N REV DATE: MAY 15, 2003 PAGE NO.: 1 OF 1
Specification Status: Released
Max Electrical Rating at 20C
Operating Voltage: 250VDC Fault Voltage: 600VRMS Interrupt Current: 3ARMS Lead Material: 22 AWG Sn/Pb plated copper Marking:
Raychem Logo and Voltage Part Identification Lot Identification
A
C
F
B
600 160
D E
CENTER TO CENTER
TABLE I. DIMENSIONS:
A mm: in: MIN --MAX 16.0 (0.630) MIN --B MAX 12.6 (0.496) MIN --C MAX MIN 6.0 4.7 (0.236) (0.185) D MAX --E NOM 5.0 (0.197) F MAX 10.0 (0.394)
TABLE II. PERFORMANCE RATINGS @ 20C (unless otherwise noted):
IHOLD (A) 20C 0.160 60C 0.100 RESISTANCE () R MIN 4.0 R MAX 10.0 R1 MAX* 18.0 TIME TO TRIP (s) @ 1A TYP MAX 7.5 18.0 OPERATING TEMPERATURE (C) MIN MAX -40 85
*Maximum device resistance at 20C measured 1 hour post trip.
Agency Recognition: Reference Documents: Precedence: Effectivity: CAUTION:
UL, CSA PS300 This specification takes precedence over documents referenced herein. Reference documents shall be the issue in effect on the date of invitation for bid. Operation beyond the rated voltage or current may result in rupture, electrical arcing or flame.


▲Up To Search▲   

 
Price & Availability of TR600-160

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X