Part Number Hot Search : 
A1225 ZMY36 TMP87 1N4736 27V802 SMA82 ADM8697 G0370
Product Description
Full Text Search
 

To Download TDA2009 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TDA2009A
10 +10W STEREO AMPLIFIER
. . . . .
HIGH OUTPUT POWER (10 + 10W Min. @ D = 1%) HIGH CURRENT CAPABILITY (UP TO 3.5A) AC SHORT CIRCUIT PROTECTION THERMAL OVERLOAD PROTECTION SPACE AND COST SAVING : VERY LOW NUMBER OF EXTERNAL COMPONENTS AND SIMPLE MOUNTING THANKS TO THE MULTIWATT (R) PACKAGE.
MULTIW ATT11 ORDERING NUMBER : TDA2009A
DESCRIPTION The TDA2009A is class AB dual Hi-Fi Audio power amplifier assembled in Multiwatt (R) package, specially designed for high quality stereo application as Hi-Fi and music centers. PIN CONNECTION
May 1995
1/12
TDA2009A
SCHEMATIC DIAGRAM
2/12
TDA2009A
ABSOLUTE MAXIMUM RATINGS
Symbol Vs Io Io Ptot Tstg, Tj Supply Voltage Output Peak Current (repetitive f 20 Hz) Output Peak Current (non repetitive, t = 100 s) Power Dissipation at Tcase = 90 C Storage and Junction Temperature Parameter Value 28 3.5 4.5 20 - 40, + 150 Unit V A A W C
THERMAL DATA
Symbol R th j-case Parameter Thermal Resistance Junction-case Max. Value 3 Unit C/W
ELECTRICAL CHARACTERISTICS (refer to the stereo application circuit, Tamb = 25oC, VS = 24V, GV = 36dB, unless otherwise specified)
Symbol Vs Vo Id Po Supply Voltage Quiescent Output Voltage Total Quiescent Drain Current Output Power (each channel) Vs = 24V Vs = 24V d = 1%, Vs = 24V, f = 1kHz R L = 4 R L = 8 f = 40Hz to 12.5kHz R L = 4 R L = 8 Vs = 18V, f = 1kHz R L = 4 R L = 8 f = 1kHz, Vs = 24V Po = 0.1 to 7W Po = 0.1 to 3.5W Vs = 18V Po = 0.1 to 5W Po = 0.1 to 2.5W R L = , Rg = 10k f = 1kHz f = 10kHz 300 f = 1kHz, Non Inverting Input R L = 4 R L = 4 f = 1kHz R g = 10k (1) R g = 10k (2) R g = 10k fripple = 100Hz, Vripple = 0.5V 35.5 70 200 20 80 36 0.5 1.5 2.5 55 145 8 36.5 RL = 4 RL = 8 RL = 4 RL = 8 Parameter Test Conditions Min. 8 11.5 60 12.5 7 10 5 7 4 0.2 0.1 0.2 0.1 60 50 mV k Hz kHz dB dB V V dB C 120 Typ. Max. 28 Unit V V mA W W W W W W % % % % dB
d
Distortion (each channel)
CT
Cross Talk (3)
Vi Ri fL fH Gv Gv eN SVR TJ
Notes : 1. 2.
Input Saturation Voltage (rms) Input Resistance Low Frequency Roll off (- 3dB) High Frequency Roll off (- 3dB) Voltage Gain (closed loop) Closed Loop Gain Matching Total Input Noise Voltage Supply Voltage Rejection (each channel) Thermal Shut-down Junction Temperature
Curve A 22Hz to 22kHz
3/12
TDA2009A
Figure 1 : Test and Application Circuit (GV = 36dB)
Figure 2 : P.C. board and component layout of the fig. 1
4/12
TDA2009A
Figure 3 : Output Power versus Supply Voltage Figure 4 : Output Power versus Supply Voltage
Figure 5 :
Distortion versus Output Power
Figure 6 :
Distortion versus Frequency
Figure 7 :
Distortion versus Frequency
Figure 8 :
Quiescent Current versus Supply Voltage
5/12
TDA2009A
Figure 9 : Supply Voltage Rejection versus Frequency Figure 10 : Total Power Dissipation and Efficiency versus Output Power
Figure 11 : Total Power Dissipation and Efficiency versus Output Power
APPLICATION INFORMATION Figure 12 : Example of Muting Circuit
6/12
TDA2009A
Figure 13 : 10W +10W Stereo Amplifier with Tone Balance and Loudness Control
Figure 14 : Tone Control Response (circuit of Figure 13)
7/12
TDA2009A
Figure 15 : High Quality 20 + 20W Two Way Amplifier for Stereo Music Center (one channel only)
Figure 16 : 18W Bridge Amplifier (d = 1%, GV = 40dB)
8/12
TDA2009A
Figure 17 : P.C. BOARD and Components Layout of the Circuit of Figure 16 (1:1 scale)
APPLICATION SUGGESTION The recommended values of the components are those shown on application circuit of fig. 1. Different values can be used ; the following table can help the designer.
Component R1, R3 R2, R4 R5, R6 C1, C2 Recommended Value 1.2k 18k 1 2.2F Purpose Close Loop Gain Setting (1) Frequency Stability Input DC Decoupling Larger than Increase of Gain Decrease of Gain Danger of Oscillation at High Frequency with Inductive Load High Turn-on Delay Smaller than Decrease of Gain Increase of Gain
C3 C6, C7 C8, C9 C10, C11
22F 220F 0.1F 1000F to 2200F
Ripple Rejection Feedback Input DC Decoupling Frenquency Stability Output DC Decoupling
Better SVR. Increase of the Switch-on Time
High Turn-on Pop. Higher Low Frequency Cut-off. Increase of Noise Degradation of SVR
Danger of Oscillation Higher Low-frequency Cut-off
(1) The closed loop gain must be higher than 26dB.
BUILD-IN PROTECTION SYSTEMS THERMAL SHUT-DOWN The presence of a thermal limiting circuit offers the following advantages: 1) an averload on the output (even if it is pe rman e nt ), o r an e xce ssive a mb ien t temperature can be easily withstood. 2) the heatsink can have a smaller factor of safety compared with that of a conventional circuit. There is no device damage in the case of excessive junction temperature : all that happens is that Po (and therefore Ptot) and Io are reduced.
The maximum allowable power dissipation depends upon the size of the external heatsink (i.e. its thermal resistance); Figure 18 shows this dissipable power as a function of ambient temperature for different thermal resistance.
Short circuit (AC Conditions). The TDA2009A can withstand an accidentalshort circuit from the output and ground made by a wrong connection during normal play operation.
9/12
TDA2009A
MOUNTING INSTRUCTIONS The power dissipated in the circuit must be removed by adding an external heatsink. Thanks to the MULTIWATT (R) package attaching Figure 18 : Maximum Allowable Power Dissipation versus Ambient Temperature the heatsink is very simple, a screw or a compression spring (clip) being sufficient. Between the heatsinkand the package it is better to insert a layer of silicon grease, to optimize the thermal contact ; no electrical isolation is needed between the two Figure 19 : Output Power versus Case Temperature
Figure 20 : Output Power and Drain Current versus Case Temperature
10/12
TDA2009A
MULTIWATT11 PACKAGE MECHANICAL DATA
DIM. A B C D E F G G1 H1 H2 L L1 L2 L3 L4 L7 M M1 S S1 Dia1 MIN. mm TYP. MAX. 5 2.65 1.6 0.55 0.95 1.95 17.25 20.2 22.5 22.5 18.1 17.75 10.9 2.9 4.85 5.43 2.6 2.6 3.85 MIN. inch TYP. MAX. 0.197 0.104 0.063 0.022 0.037 0.077 0.679 0.795 0.886 0.886 0.713 0.699 0.429 0.114 0.191 0.214 0.102 0.102 0.152
1 0.49 0.88 1.45 16.75 19.6 21.9 21.7 17.4 17.25 10.3 2.65 4.25 4.73 1.9 1.9 3.65 0.019 0.035 0.057 0.659 0.772 0.862 0.854 0.685 0.679 0.406 0.104 0.167 0.186 0.075 0.075 0.144
0.039
1.7 17
0.067 0.669
22.2 22.1 17.5 10.7 4.55 5.08
0.874 0.87 0.689 0.421 0.179 0.200
11/12
TDA2009A
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use as critical components inlife support devices or systems without express written approval of SGS-THOMSON Microelectronics. (c) 1994 SGS-THOMSON Microelectronics - All Rights Reserved SGS-THOMSON Microelectronics GROUP OF COMPANIES Australia - Brazil - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands - Singapore Spain - Sweden - Switzerland - Taiwan - Thaliand - United Kingdom - U.S.A.
12/12


▲Up To Search▲   

 
Price & Availability of TDA2009

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X