Part Number Hot Search : 
IRFPF50 12F40 CTCDRH ECA25 1N5352 LBN03604 M74HC40 DTD123
Product Description
Full Text Search
 

To Download SY100S322JCTR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 9-BIT BUFFER
SY100S322
FEATURES
s Max. propagation delay of 700ps s IEE min. of -55mA s Extended supply voltage option: VEE = -4.2V to -5.5V s Voltage and temperature compensation for improved noise immunity s Internal 75K input pull-down resistors s 70% faster than Fairchild 300K at lower power s Function and pinout compatible with Fairchild F100K s Available in 24-pin CERPACK and 28-pin PLCC packages
DESCRIPTION
The SY100S322 is an ultra-fast buffer designed for use in high-performance ECL systems. The device provides nine non-inverting buffers with single-ended outputs. The inputs on the device have 75K pull-down resistors.
PIN CONFIGURATIONS
D4 VCCA VEES O4 O5 O6 4 3 2 1 28 27 26 D5 D6 D7 VEE VEES VCCA 12 13 14 15 16 17 18
11 10 9 8 7 6 5 O7 O8 VCCA VCC VCC O9 O1
Top View PLCC J28-1
BLOCK DIAGRAM
D8 D9
19 20 21 22 23 24 25 D2 D3 VEES VCCA O3 D1 O2
D1 D2 D3 D4 D5 D6 D7 D8 D9
O1 O2 O3 O4 O5 O6 O7 O8 O9
VCCA VEE
D9
D8
D7
D1 D2 D3 VCCA O3 O2
1 2 3 4 5 6
24 23 22 21 20 19 18 Top View Flatpack F24-1 17 16 15 14
D6
D5 D4 VCCA O4 O5 O6
13 7 8 9 10 11 12 O1 O9 VCC VCCA O8 O7
PIN NAMES
Pin D1 - D9 O1 - O9 VEES VCCA Data Inputs Data Outputs VEE Substrate VCCO for ECL Outputs Function
Rev.: G
Amendment: /0
1
Issue Date: July, 1999
Micrel
SY100S322
LOGIC EQUATION
On = Dn, n = 1 to 9
DC ELECTRICAL CHARACTERISTICS
VEE = -4.2V to -5.5V unless otherwise specified, VCC = VCCA = GND
Symbol IIH IEE Parameter Input HIGH Current Power Supply Current Min. -- -55 Typ. -- -41 Max. 200 -25 Unit A mA Condition VIN = VIH (Max.) Inputs Open
AC ELECTRICAL CHARACTERISTICS CERPACK
VEE = -4.2V to -5.5V unless otherwise specified, VCC = VCCA = GND
TA = 0C Symbol tPLH tPHL tTLH tTHL Parameter Propagation Delay Data to Output Transition Time 20% to 80%, 80% to 20% Min. 300 300 Max. 800 900 TA = +25C Min. 300 300 Max. 800 900 TA = +85C Min. 300 300 Max. 800 900 Unit ps ps Condition
PLCC
VEE = -4.2V to -5.5V unless otherwise specified, VCC = VCCA = GND
TA = 0C Symbol tPLH tPHL tTLH tTHL Parameter Propagation Delay Data to Output Transition Time 20% to 80%, 80% to 20% Min. 300 300 Max. 700 900 TA = +25C Min. 300 300 Max. 700 900 TA = +85C Min. 300 300 Max. 700 900 Unit ps ps Condition
2
Micrel
SY100S322
TIMING DIAGRAM
0.7 0.1 ns INPUT
0.7 0.1 ns -0.95V 80% 50% 20% -1.69V tPHL tPLH 80% 50% 20% tTLH tTHL
OUTPUT
Propagation Delay and Transition Times NOTE: VEE = -4.2V to -5.5V unless otherwise specified, VCC = VCCA = GND
PRODUCT ORDERING CODE
Ordering Code SY100S322FC SY100S322JC SY100S322JCTR Package Type F24-1 J28-1 J28-1 Operating Range Commercial Commercial Commercial
3
Micrel
SY100S322
24 LEAD CERPACK (F24-1)
Rev. 03
4
Micrel
SY100S322
28 LEAD PLCC (J28-1)
Rev. 03
MICREL-SYNERGY
TEL
3250 SCOTT BOULEVARD SANTA CLARA CA 95054 USA
FAX
+ 1 (408) 980-9191
+ 1 (408) 914-7878
WEB
http://www.micrel.com
This information is believed to be accurate and reliable, however no responsibility is assumed by Micrel for its use nor for any infringement of patents or other rights of third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent right of Micrel Inc. (c) 2000 Micrel Incorporated
5


▲Up To Search▲   

 
Price & Availability of SY100S322JCTR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X