Part Number Hot Search : 
C68HC 46000 SDT96301 30DCB6 EB300WT 5KP13 2SJ74 4AHCT1
Product Description
Full Text Search
 

To Download SUF4002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SUF 4001 ... SUF 4007 Ultrafast Switching Surface Mount Si-Rectifiers Ultraschnelle Si-Gleichrichter fur die Oberflachenmontage
Nominal current - Nennstrom Repetitive peak reverse voltage Periodische Spitzensperrspannung Plastic case MELF Kunststoffgehause MELF Weight approx. - Gewicht ca. Plastic material has UL classification 94V-0 Gehausematerial UL94V-0 klassifiziert
Dimensions / Mae in mm
1A 50...1000 V DO-213AB 0.12 g
Standard packaging taped and reeled Standard Lieferform gegurtet auf Rolle
see page 18 siehe Seite 18
Maximum ratings Type Typ SUF 4001 SUF 4002 SUF 4003 SUF 4004 SUF 4005 SUF 4006 SUF 4007 Repetitive peak reverse voltage Periodische Spitzensperrspannung VRRM [V] 50 100 200 400 600 800 1000
Grenzwerte Surge peak reverse voltage Stospitzensperrspannung VRSM [V] 50 100 200 400 600 800 1000 1 A 1) 10 A 1) 27 A 30 A 3,6 A2s
Max. average forward rectified current, R-load Dauergrenzstrom in Einwegschaltung mit R-Last Repetitive peak forward current Periodischer Spitzenstrom Peak forward surge current, 50 Hz half sine-wave Stostrom fur eine 50 Hz Sinus-Halbwelle Peak forward surge current, 60 Hz half sine-wave Stostrom fur eine 60 Hz Sinus-Halbwelle Rating for fusing - Grenzlastintegral, t < 10 ms
1
TA = 50/C f > 15 Hz TA = 25/C TA = 25/C TA = 25/C
IFAV IFRM IFSM IFSM i2t
) Mounted on P.C. board with 25 mm2 copper pads at each terminal Montage auf Leiterplatte mit 25 mm2 Kupferbelag (Lotpad) an jedem Anschlu 28.02.2002
142
SUF 4001 ... SUF 4007 Operating junction temperature - Sperrschichttemperatur Storage temperature - Lagerungstemperatur Tj TS - 50...+175/C - 50...+175/C
Characteristics Type Typ SUF 4001 ... SUF 4004 SUF 4005 ... SUF 4007 Reverse recovery time Sperrverzugszeit trr [ns] 1) < 50 < 75
Kennwerte Forward voltage Durchlaspannung VF [V] at / bei IF [A] < 1.0 < 1.7 1 1 < 10 :A < 50 :A < 45 K/W 2) < 10 K/W
Leakage current Sperrstrom
Tj = 25/C Tj = 100/C
VR = VRRM VR = VRRM
IR IR RthA RthT
Thermal resistance junction to ambient air Warmewiderstand Sperrschicht - umgebende Luft Thermal resistance junction to terminal Warmewiderstand Sperrschicht - Kontaktflache
1 2
) IF = 0.5 A through/uber IR = 1 A to/auf IR = 0.25 A ) Mounted on P.C. board with 25 mm2 copper pads at each terminal Montage auf Leiterplatte mit 25 mm2 Kupferbelag (Lotpad) an jedem Anschlu 28.02.2002
143


▲Up To Search▲   

 
Price & Availability of SUF4002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X