Part Number Hot Search : 
TCS3414 XXXSP 16011 0512E SM4001A 210A0 3238E 1SV216
Product Description
Full Text Search
 

To Download STS1HNK60 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STS1HNK60
N-CHANNEL 600V - 8 - 0.3A SO-8 SuperMESHTMPower MOSFET
TYPE STS1HNK60
s s s s s
VDSS 600 V
RDS(on) < 8.5
ID 0.3 A
Pw 2W
TYPICAL RDS(on) = 8 EXTREMELY HIGH dv/dt CAPABILITY 100% AVALANCHE TESTED GATE CHARGE MINIMIZED NEW HIGH VOLTAGE BENCHMARK
SO-8
DESCRIPTION The SuperMESHTM series is obtained through an extreme optimization of ST's well established stripbased PowerMESHTM layout. In addition to pushing on-resistance significantly down, special care is taken to ensure a very good dv/dt capability for the most demanding applications. Such series complements ST full range of high voltage MOSFETs including revolutionary MDmeshTM products.
INTERNAL SCHEMATIC DIAGRAM
APPLICATIONS SWITCH MODE LOW POWER SUPPLIES (SMPS) s LOW POWER, LOW COST CFL (COMPACT FLUORESCENT LAMPS) s LOW POWER BATTERY CHARGERS
s
ORDERING INFORMATION
SALES TYPE STS1HNK60 MARKING S1HNK60 PACKAGE SO-8 PACKAGING TAPE & REEL
June 2003
1/8
STS1HNK60
ABSOLUTE MAXIMUM RATINGS
Symbol VDS VDGR VGS ID ID IDM ( ) PTOT dv/dt (1) Tj Tstg Parameter Drain-source Voltage (VGS = 0) Drain-gate Voltage (RGS = 20 k) Gate- source Voltage Drain Current (continuous) at TC = 25C Drain Current (continuous) at TC = 100C Drain Current (pulsed) Total Dissipation at TC = 25C Derating Factor Peak Diode Recovery voltage slope Operating Junction Temperature Storage Temperature Value 600 600 30 0.3 0.19 1.2 2 0.016 3 -65 to 150 Unit V V V A A A W W/C V/ns C
( ) Pulse width limited by safe operating area (1) ISD 0.3A, di/dt 100A/s, VDD V(BR)DSS, Tj TJMAX.
THERMAL DATA
Rthj-amb Thermal Resistance Junction-ambient Max 62.5 C/W
ELECTRICAL CHARACTERISTICS (TCASE =25C UNLESS OTHERWISE SPECIFIED) ON/OFF
Symbol V(BR)DSS IDSS IGSS VGS(th) RDS(on) Parameter Drain-source Breakdown Voltage Zero Gate Voltage Drain Current (VGS = 0) Gate-body Leakage Current (VDS = 0) Gate Threshold Voltage Static Drain-source On Resistance Test Conditions ID = 1 mA, VGS = 0 VDS = Max Rating VDS = Max Rating, TC = 125 C VGS = 30 V VDS = VGS, ID = 250 A VGS = 10 V, ID = 0.5 A 2.25 3 8 Min. 600 1 50 100 3.7 8.5 Typ. Max. Unit V A A nA V
2/8
STS1HNK60
ELECTRICAL CHARACTERISTICS (CONTINUED) DYNAMIC
Symbol gfs (1) Ciss Coss Crss Parameter Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Test Conditions VDS > ID(on) x RDS(on)max, ID = 0.5 A VDS = 25V, f = 1 MHz, VGS = 0 Min. Typ. 1 156 23.5 3.8 Max. Unit S pF pF pF
SWITCHING ON
Symbol td(on) tr Qg Qgs Qgd Parameter Turn-on Delay Time Rise Time Total Gate Charge Gate-Source Charge Gate-Drain Charge Test Conditions VDD = 300 V, ID = 0.5 A RG = 4.7 VGS = 10 V (Resistive Load see, Figure 3) VDD = 480 V, ID = 1 A, VGS = 10V, RG = 4.7 Min. Typ. 6.5 5 7 1.1 3.4 10 Max. Unit ns ns nC nC nC
SWITCHING OFF
Symbol td(off) tf tr(Voff) tf tc Parameter Turn-off Delay Time Fall Time Off-voltage Rise Time Fall Time Cross-over Time Test Conditions VDD = 300 V, ID = 0.5 A RG = 4.7 VGS = 10 V (Resistive Load see, Figure 3) VDD = 480V, ID = 1.0 A, RG = 4.7, VGS = 10V (Inductive Load see, Figure 5) Min. Typ. 19 25 24 25 44 Max. Unit ns ns ns ns ns
SOURCE DRAIN DIODE
Symbol ISD ISDM (2) VSD (1) trr Qrr IRRM Parameter Source-drain Current Source-drain Current (pulsed) Forward On Voltage Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Current ISD = 0.3 A, VGS = 0 ISD = 0.3 A, di/dt = 100 A/s VDD = 25 V, Tj = 150C (see test circuit, Figure 5) 229 377 3.3 Test Conditions Min. Typ. Max. 0.3 1.2 1.6 Unit A A V ns C A
Note: 1. Pulsed: Pulse duration = 300 s, duty cycle 1.5 %. 2. Pulse width limited by safe operating area.
3/8
STS1HNK60
Safe Operating Area Thermal Impedance
Output Characteristics
Transfer Characteristics
Transconductance
Static Drain-source On Resistance
4/8
STS1HNK60
Gate Charge vs Gate-source Voltage Capacitance Variations
Normalized Gate Threshold Voltage vs Temp.
Normalized On Resistance vs Temperature
Source-drain Diode Forward Characteristics
Normalized BVDSS vs Temperature
5/8
STS1HNK60
Fig. 1: Unclamped Inductive Load Test Circuit Fig. 2: Unclamped Inductive Waveform
Fig. 3: Switching Times Test Circuit For Resistive Load
Fig. 4: Gate Charge test Circuit
Fig. 5: Test Circuit For Inductive Load Switching And Diode Recovery Times
6/8
STS1HNK60
SO-8 MECHANICAL DATA
DIM. MIN. A a1 a2 a3 b b1 C c1 D E e e3 F L M S 3.8 0.4 4.8 5.8 1.27 3.81 4.0 1.27 0.6 8 (max.) 0.14 0.015 5.0 6.2 0.65 0.35 0.19 0.25 0.1 mm TYP. MAX. 1.75 0.25 1.65 0.85 0.48 0.25 0.5 45 (typ.) 0.188 0.228 0.050 0.150 0.157 0.050 0.023 0.196 0.244 0.025 0.013 0.007 0.010 0.003 MIN. inch TYP. MAX. 0.068 0.009 0.064 0.033 0.018 0.010 0.019
0016023
7/8
STS1HNK60
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. (c) The ST logo is a registered trademark of STMicroelectronics (c) 2003 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - United States. (c) http://www.st.com
8/8


▲Up To Search▲   

 
Price & Availability of STS1HNK60

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X