Part Number Hot Search : 
KBPC2500 2SD11 UGF1004G MS3102 CONTRO S24RE3J IW873 HCS86D
Product Description
Full Text Search
 

To Download SS1P3L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SS1P3L & SS1P4L
New Product
Vishay General Semiconductor
Low VF High Current Density Surface Mount Schottky Barrier Rectifiers
FEATURES * Very low profile - typical height of 1.0 mm * Ideal for automated placement * Low forward voltage drop, low power losses * High efficiency * Low thermal resistance * Meets MSL level 1, per J-STD-020C
DO-220AA (SMP)
* Solder Dip 260 C, 40 seconds * Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC TYPICAL APPLICATIONS For use in low voltage high frequency inverters, freewheeling, dc-to-dc converters, and polarity protection applications. MECHANICAL DATA Case: DO-220AA (SMP) Epoxy meets UL 94V-0 flammability rating Terminals: Matte tin plated leads, solderable per J-STD-002B and JESD22-B102D E3 suffix for commercial grade, HE3 suffix for high reliability grade (AEC Q101 qualified) Polarity: Color band denotes the cathode end
MAJOR RATINGS AND CHARACTERISTICS
IF(AV) VRRM IFSM EAS VF Tj max. 1A 30 V, 40 V 50 A 11.25 mJ 0.35 V, 0.38 V 150 C
MAXIMUM RATINGS (TA = 25 C unless otherwise specified)
PARAMETER Device marking code Maximum repetive peak reverse voltage Maximum average forward rectified current see Fig. 1 TL = 140 C TL = 135 C VRRM IF(AV) IFSM EAS dv/dt TJ, TSTG SYMBOL SS1P3L 13L 30 1.0 1.5 50 11.25 10000 - 55 to + 150 SS1P4L 14L 40 V A A mJ V/s C UNIT
Peak forward surge current 10 ms single half sine-wave superimposed on rated load Non-repetitive avalanche energy at IAS = 1.5 A, L = 10 mH, TJ = 25 C Voltage rate of change (rated VR) Operating junction and storage temperature range
ELECTRICAL CHARACTERISTICS (TA = 25 C unless otherwise specified)
PARAMETER Maximum instantaneous forward voltage (1) Maximum reverse current at rated VR (1) Typical junction capacitance TEST CONDITIONS at IF = 1.0 A, TJ = 25 C at IF = 1.0 A, TJ = 125 C TJ = 25 C TJ = 125 C at 4.0 V, 1 MHz SYMBOL VF IR CJ SS1P3L 0.45 0.35 200 20 110 SS1P4L 0.48 0.38 150 15 130 UNIT V A mA pF
Document Number 88915 07-Feb-06
www.vishay.com 1
SS1P3L & SS1P4L
Vishay General Semiconductor
THERMAL CHARACTERISTICS (TA = 25 C unless otherwise specified)
PARAMETER Typical thermal resistance (2) Note: (1) Pulse test: 300 s pulse width, 1 % duty cycle (2) Thermal resistance from junction to ambient and junction to lead mounted on P.C.B. with 5.0 x 5.0 mm copper pad areas. RJL is measured at the terminal of cathode band. RJC is measured at the top centre of the body SYMBOL RJA RJL RJC SS1P3L 105 15 20 SS1P4L UNIT C/W
ORDERING INFORMATION
PREFERRED P/N SS1P3L-E3/84A SS1P3L-E3/85A UNIT WEIGHT (g) 0.024 0.024 PREFERRED PACKAGE CODE 84A 85A BASE QUANTITY 3000 10000 DELIVERY MODE 7" Diameter Plastic Tape & Reel 13" Diameter Plastic Tape & Reel
RATINGS AND CHARACTERISTICS CURVES (TA = 25 C unless otherwise specified)
2.0 100
Average Forward Rectified Current (A)
1.5
Instantaneous Forward Current (A)
10
TJ = 150 C
1.0 TL measured at the cathode band terminal 0.5
1
TJ = 25 C
SS1P3L SS1P4L 0.1 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2
0 0 25 50 75 100 125 150 175
Lead Temperature (C)
Instantaneous Forward Voltage (V)
Figure 1. Maximum Forward Current Derating Curve
Figure 3. Typical Instantaneous Forward Characteristics
50
10000
Instantaneous Reverse Current (A)
Peak Forward Surge Current (A)
40
TJ = 150 C 1000
30
SS1P3L 100 SS1P4L
20
10
TJ = 25 C
10
0 1 10 100
1 10 20 30 40 50 60 70 80 90 100
Number of Cycles at 50 Hz
Percent of Rated Peak Reverse Voltage (%)
Figure 2. Maximum Non-Repetitive Peak Forward Surge Current
Figure 4. Typical Reverse Leakage Characteristics
www.vishay.com 2
Document Number 88915 07-Feb-06
SS1P3L & SS1P4L
Vishay General Semiconductor
1000
1000
Transient Thermal Impedance (C/W)
Junction Capacitance (pF)
100
100
10 SS1P3L SS1P4L 1 0.01 0.1 1 10 100
SS1P3L SS1P4L 1 0.1 1 10 100
Reverse Voltage (%)
t - Pulse Duration (s)
Figure 5. Typical Junction Capacitance
Figure 6. Typical Transient Thermal Impedance
PACKAGE DIMENSIONS in inches (millimeters)
DO-220AA (SMP)
Cathode band 0.012 (0.30) REF
0.086 (2.18) 0.074 (1.88)
0.053 (1.35) 0.041 (1.05)
0.036 (0.91) 0.024 (0.61)
0.142 (3.61) 0.126 (3.19) 0.158 (4.00) 0.146 (3.70)
0.103 (2.60) 0.087 (2.20)
0.032 (0.80) 0.016 (0.40)
0.013 (0.35) 0.004 (0.10) 0.045 (1.15) 0.033 (0.85) 0.012 (0.30) 0.000 (0.00) 0.100 (2.54) 0.018 (0.45) 0.006 (0.15)
0.105 (2.67)
0.025 (0.635)
0.030 (0.762)
0.050 (1.27)
Document Number 88915 07-Feb-06
www.vishay.com 3
Legal Disclaimer Notice
Vishay
Notice
Specifications of the products displayed herein are subject to change without notice. Vishay Intertechnology, Inc., or anyone on its behalf, assumes no responsibility or liability for any errors or inaccuracies. Information contained herein is intended to provide a product description only. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. Except as provided in Vishay's terms and conditions of sale for such products, Vishay assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of Vishay products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. Customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Vishay for any damages resulting from such improper use or sale.
Document Number: 91000 Revision: 08-Apr-05
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of SS1P3L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X