Part Number Hot Search : 
FAN53418 1017000 RB3039 TA78012 AD5258 BC857C HJ1109 MV8411
Product Description
Full Text Search
 

To Download SPP03N60C3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Final data
SPP03N60C3, SPB03N60C3 SPA03N60C3
VDS @ Tjmax RDS(on) ID 650 1.4 3.2 V A
Cool MOSTM Power Transistor
Feature * New revolutionary high voltage technology * Ultra low gate charge * Periodic avalanche rated * Extreme dv/dt rated * High peak current capability * Improved transconductance
P-TO220-3-31 1 2 3
P-TO220-3-31
P-TO263-3-2
P-TO220-3-1
* P-TO-220-3-31: Fully isolated package (2500 VAC; 1 minute)
Type SPP03N60C3 SPB03N60C3 SPA03N60C3
Package P-TO220-3-1 P-TO263-3-2
Ordering Code Q67040-S4401 Q67040-S4391
Marking 03N60C3 03N60C3 03N60C3
P-TO220-3-31 -
Maximum Ratings Parameter Continuous drain current
TC = 25 C TC = 100 C
Symbol ID 3.2 2 ID puls EAS EAR IAR VGS VGS Ptot Tj , Tstg 9.6 100 0.2 3.2 20 30 38
Value SPP_B SPA
Unit A 3.21) 21) 9.6 100 0.2 3.2 20 30 29.7 W C A V A mJ
Pulsed drain current, tp limited by Tjmax Avalanche energy, single pulse
ID=2.4A, VDD =50V
Avalanche energy, repetitive tAR limited by Tjmax2)
ID=3.2A, VDD =50V
Avalanche current, repetitive tAR limited by Tjmax Gate source voltage static Gate source voltage AC (f >1Hz) Power dissipation, TC = 25C Operating and storage temperature
-55...+150
Page 1
2003-10-02
Final data Maximum Ratings Parameter Drain Source voltage slope
V DS = 480 V, I D = 3.2 A, Tj = 125 C
SPP03N60C3, SPB03N60C3 SPA03N60C3
Symbol dv/dt
Value 50
Unit V/ns
Thermal Characteristics Parameter Thermal resistance, junction - case Thermal resistance, junction - case, FullPAK Thermal resistance, junction - ambient, leaded Thermal resistance, junction - ambient, FullPAK SMD version, device on PCB: @ min. footprint @ 6 cm 2 cooling area 3) Soldering temperature, 1.6 mm (0.063 in.) from case for 10s 4) Electrical Characteristics, at T j=25C unless otherwise specified Parameter Symbol Conditions min. Drain-source breakdown voltage V(BR)DSS V GS=0V, ID=0.25mA Drain-Source avalanche V(BR)DS V GS=0V, ID=3.2A breakdown voltage Gate threshold voltage Zero gate voltage drain current VGS(th) I DSS
ID=135A, VGS=VDS V DS=600V, VGS=0V, Tj=25C Tj=150C
Symbol min. RthJC RthJC_FP RthJA RthJA_FP RthJA Tsold -
Values typ. 35 max. 3.3 4.1 62 80 62 260
Unit K/W
C
Values typ. 700 3 0.5 1.26 3.8 10 max. 3.9
Unit V
600 2.1 -
A 1 70 100 1.4 nA
Gate-source leakage current
I GSS
V GS=30V, VDS=0V V GS=10V, ID=2A Tj=25C Tj=150C
Drain-source on-state resistance RDS(on)
Gate input resistance
RG
f=1MHz, open drain
Page 2
2003-10-02
Final data Electrical Characteristics Parameter Transconductance Input capacitance Output capacitance Reverse transfer capacitance energy related Effective output capacitance, 6) Co(tr) time related Turn-on delay time Rise time Turn-off delay time Fall time Gate Charge Characteristics Gate to source charge Gate to drain charge Gate charge total Gate plateau voltage Qgs Qgd Qg td(on) tr td(off) tf Symbol g fs Ciss Coss Crss
V GS=0V, V DS=0V to 480V
SPP03N60C3, SPB03N60C3 SPA03N60C3
Conditions min.
V DS2*I D*RDS(on)max, ID=2A V GS=0V, V DS=25V, f=1MHz
Values typ. 3.4 400 150 5 12 26 7 3 64 12 max. 100 20 -
Unit S pF
Effective output capacitance, 5) Co(er)
V DD=350V, V GS=0/10V, ID=3.2A, RG=20
-
ns
V DD=420V, ID=3.2A
-
2 6 13 5.5
17 -
nC
V DD=420V, ID=3.2A, V GS=0 to 10V
V(plateau) V DD=420V, ID=3.2A
V
1Limited only by maximum temperature 2Repetitve avalanche causes additional power losses that can be calculated as PAV=EAR*f. 3Device on 40mm*40mm*1.5mm epoxy PCB FR4 with 6cm (one layer, 70 m thick) copper area for drain connection. PCB is vertical without blown air. 4Soldering temperature for TO-263: 220C, reflow 5C o(er) is a fixed capacitance that gives the same stored energy as Coss while VDS is rising from 0 to 80% V DSS. 6C o(tr) is a fixed capacitance that gives the same charging time as Coss while V DS is rising from 0 to 80% V DSS.
Page 3
2003-10-02
Final data Electrical Characteristics Parameter Inverse diode continuous forward current Inverse diode direct current, pulsed Inverse diode forward voltage Reverse recovery time Reverse recovery charge Peak reverse recovery current Peak rate of fall of reverse recovery current Typical Transient Thermal Characteristics Symbol SPP_B Rth1 Rth2 Rth3 Rth4 Rth5 Rth6 0.054 0.103 0.178 0.757 0.682 0.202
Tj P tot (t) C th1 C th2 C th,n
SPP03N60C3, SPB03N60C3 SPA03N60C3
Symbol IS I SM VSD t rr Q rr I rrm di rr/dt
Conditions min.
TC=25C
Values typ. 1 250 1.8 15 max. 3.2 9.6 1.2 400 -
Unit A
VGS =0V, I F=IS VR =420V, IF=IS , diF/dt=100A/s
-
V ns C A A/s
Tj=25C
Value SPA 0.054 0.103 0.178 0.356 0.655 2.535
R th1
Unit K/W
Symbol Cth1 Cth2 Cth3 Cth4 Cth5 Cth6
R th,n T case
Value SPP_B 0.0002034 0.0002963 0.0009103 0.002084 0.024 SPA 0.0002034 0.0002963 0.0009103 0.004434 0.412
Unit
0.00005232 0.00005232 Ws/K
E xternal H eatsink
T am b
Page 4
2003-10-02
Final data 1 Power dissipation Ptot = f (TC)
40
SPP03N60C3
SPP03N60C3, SPB03N60C3 SPA03N60C3
2 Power dissipation FullPAK Ptot = f (TC)
30
W
32 28
W
24 22
Ptot
24 20 16 12 8 4 0 0
Ptot
C
20 18 16 14 12 10 8 6 4 2
20
40
60
80
100
120
160
0 0
20
40
60
80
100
120
TC
C 160 TC
3 Safe operating area ID = f ( V DS ) parameter : D = 0 , TC =25C
10
1
4 Safe operating area FullPAK ID = f (VDS) parameter: D = 0, TC = 25C
10 1
A
A
10 0
10 0
ID
ID
10 -1
tp = 0.001 ms tp = 0.01 ms tp = 0.1 ms tp = 1 ms DC
10 -1
tp = 0.001 ms tp = 0.01 ms tp = 0.1 ms tp = 1 ms tp = 10 ms DC
10 -2 0 10
10
1
10
2
V VDS
10
3
10 -2 0 10
10
1
10
2
10 V VDS
3
Page 5
2003-10-02
Final data 5 Transient thermal impedance ZthJC = f (t p) parameter: D = tp/T
10
1
SPP03N60C3, SPB03N60C3 SPA03N60C3
6 Transient thermal impedance FullPAK ZthJC = f (t p) parameter: D = tp/t
10 1
K/W
K/W
10 0
10 0
ZthJC
10 -1
ZthJC
10 -1
10 -2
D = 0.5 D = 0.2 D = 0.1 D = 0.05 D = 0.02 D = 0.01 single pulse
10 -2
D = 0.5 D = 0.2 D = 0.1 D = 0.05 D = 0.02 D = 0.01 single pulse
10 -3 -7 10
10
-6
10
-5
10
-4
10
-3
s tp
10
-1
10 -3 -7 -6 -5 -4 -3 -2 -1 10 10 10 10 10 10 10
1 s 10
tp
7 Typ. output characteristic ID = f (VDS); Tj=25C parameter: tp = 10 s, VGS
11
8 Typ. output characteristic ID = f (VDS); Tj=150C parameter: tp = 10 s, VGS
6
A
9 8
ID
6 5 4 3 2 1 0 0
ID
7
20V 7V 6.5V 6V 5.5V 5V 4.5V 4V
A
4
20V 7V 6V 5.5V 5V 4.5V 4V 3.5V
3
2
1
4
8
12
16
V
24
0 0
4
8
12
16
V
24
VDS
VDS
Page 6
2003-10-02
Final data 9 Typ. drain-source on resistance RDS(on)=f(ID) parameter: Tj=150C, VGS
10
SPP03N60C3, SPB03N60C3 SPA03N60C3
10 Drain-source on-state resistance RDS(on) = f (Tj) parameter : ID = 2 A, VGS = 10 V
8
SPP03N60C3
8
7 6 5
4V 4.5V 5V 5.5V 6V 6.5V 8V 20V
6
RDS(on)
RDS(on)
5
4
3 4 3 2 1 0 2 98% typ 1
1
2
3
4
5
6
A ID
8
0 -60
-20
20
60
100
C
180
Tj
11 Typ. transfer characteristics ID= f ( VGS ); VDS 2 x ID x RDS(on)max parameter: tp = 10 s
11
12 Typ. gate charge VGS = f (Q Gate) parameter: ID = 3.2 A pulsed
16
SPP03N60C3
A
25C
V
9 8 12
ID
7 6
VGS
150C
10
0,2 VDS max
0,8 VDS max
8 5 4 3 2 1 0 0 2 4 6 8 10 12 14 16 2 6
4
V 20 VGS
0 0
2
4
6
8
10
12
14
16 nC
20
Q Gate
Page 7
2003-10-02
Final data 13 Forward characteristics of body diode IF = f (VSD) parameter: Tj , tp = 10 s
10
1 SPP03N60C3
SPP03N60C3, SPB03N60C3 SPA03N60C3
14 Typ. switching time t = f (ID), inductive load, T j=125C par.: V DS=380V, VGS=0/+13V, R G=20
100
ns
A
80 10 0 70 60 50 40 10
-1
IF
t
Tj = 25 C typ Tj = 150 C typ Tj = 25 C (98%) Tj = 150 C (98%) 10 -2 0 0.4 0.8 1.2 1.6 2 2.4 V 3
30 20 10 0 0
td(off) tf td(on) tr
0.5
1
1.5
2
2.5
A ID
3.5
VSD
15 Typ. switching time t = f (RG ), inductive load, Tj=125C par.: VDS =380V, VGS=0/+13V, ID=3.2 A
500
16 Typ. drain current slope di/dt = f(R G), inductive load, Tj = 125C par.: V DS=380V, VGS=0/+13V, ID=3.2A
1500
ns
400 350 300 250 200 150 100 50 0 0
A/s
1200 1050
di/dt
td(off) tf td(on) tr
900 750 600 450
di/dt(on)
t
300 150 0 0
di/dt(off)
20
40
60
80 100 120 140 160
200 RG
40
80
120
160
220 RG
Page 8
2003-10-02
Final data 17 Typ. drain source voltage slope dv/dt = f(RG), inductive load, Tj = 125C par.: VDS =380V, VGS=0/+13V, ID=3.2A
90
SPP03N60C3, SPB03N60C3 SPA03N60C3
18 Typ. switching losses E = f (ID), inductive load, Tj=125C par.: V DS=380V, VGS=0/+13V, R G=20
0.01
V/ns
mWs
0.008 0.007
*) E on includes SDP06S60 diode commutation losses.
70
dv/dt
60
E
0.006 0.005
Eon*
50 40 30 20
dv/dt(off) Eoff
dv/dt(on)
0.004 0.003 0.002 0.001 0 0
10 0 0
20
40
60
80 100 120 140 160
200 RG
0.5
1
1.5
2
2.5
A ID
3.5
19 Typ. switching losses E = f(RG), inductive load, Tj=125C par.: VDS =380V, VGS=0/+13V, ID=3.2A
0.06
20 Avalanche SOA IAR = f (tAR) par.: Tj 150 C
3.5
mWs
0.048
*) Eon includes SDP06S60 diode commutation losses.
A
Eoff
T j(START)=25C
2.5
0.042
E
0.036
Eon*
IAR
2 1.5
0.03 0.024 0.018 0.012 0.5 0.006 0 0 0 -3 10
-2 -1 0 1 2 4
Tj(START)=125C
1
40
80
120
160
220 RG
10
10
10
10
10
s 10 t AR
Page 9
2003-10-02
Final data 21 Avalanche energy EAS = f (Tj) par.: ID = 2.4 A, V DD = 50 V
120 720
SPP03N60C3, SPB03N60C3 SPA03N60C3
22 Drain-source breakdown voltage V(BR)DSS = f (Tj)
SPP03N60C3
V mJ
EAS
80
V(BR)DSS
C
680 660 640
60 620 40 600 580 20 560 0 20 540 -60
40
60
80
100
120
160
-20
20
60
100
C
180
Tj
Tj
23 Avalanche power losses PAR = f (f ) parameter: E AR=0.2mJ
200
24 Typ. capacitances C = f (VDS) parameter: V GS=0V, f=1 MHz
10 4
W
160 140 120 100 80 60 40 20 04 10
5 6
pF
10 3
Ciss
PAR
C
10 2
Coss
10 1
Crss
10
Hz f
10
10 0 0
100
200
300
400
V
600
VDS
Page 10
2003-10-02
Final data 25 Typ. Coss stored energy Eoss=f(VDS)
2.5
SPP03N60C3, SPB03N60C3 SPA03N60C3
J
Eoss
1.5
1
0.5
0 0
100
200
300
400
V
600
VDS
Definition of diodes switching characteristics
Page 11
2003-10-02
Final data P-TO-220-3-1
B 10 0.4 3.7 0.2 A 1.270.13 4.44
SPP03N60C3, SPB03N60C3 SPA03N60C3
15.38 0.6
2.8 0.2
C
5.23 0.9
13.5 0.5
3x 0.75 0.1 1.17 0.22 2x 2.54 0.25
M
0.5 0.1 2.510.2
ABC
All metal surfaces tin plated, except area of cut. Metal surface min. x=7.25, y=12.3
P-TO-263-3-2 (D 2-PAK)
9.98 0.48
0.05
Page 12
2003-10-02
Final data P-TO-220-3-31 (FullPAK)
SPP03N60C3, SPB03N60C3 SPA03N60C3
Please refer to mounting instructions (application note AN-TO220-3-31-01)
Page 13
2003-10-02
Final data
Published by Infineon Technologies AG, Bereichs Kommunikation St.-Martin-Strasse 53, D-81541 Munchen (c) Infineon Technologies AG 1999 All Rights Reserved.
SPP03N60C3, SPB03N60C3 SPA03N60C3
Attention please! The information herein is given to describe certain components and shall not be considered as warranted characteristics. Terms of delivery and rights to technical change reserved. We hereby disclaim any and all warranties, including but not limited to warranties of non-infringement, regarding circuits, descriptions and charts stated herein. Infineon Technologies is an approved CECC manufacturer. Information For further information on technology, delivery terms and conditions and prices please contact your nearest Infineon Technologies Office in Germany or our Infineon Technologies Reprensatives worldwide (see address list). Warnings Due to technical requirements components may contain dangerous substances. For information on the types in question please contact your nearest Infineon Technologies Office. Infineon Technologies Components may only be used in life-support devices or systems with the express written approval of Infineon Technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system Life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may be endangered.
Page 14
2003-10-02


▲Up To Search▲   

 
Price & Availability of SPP03N60C3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X