|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Ordering number : EN6024 SPI-235-19 GaAs Infrared LED SPI-235-19 Ultraminiature photointerrupter (single-transistor type) Features * GaAs Infrared LED plus Single Phototransistor * Photo-Interrupter * Contact type * Compact type : H3.25 ! L5.0 ! W4.5mm Absolute Maximum Ratings at Ta=25C, 65%RH Parameter Forward Current Reverse Voltage Power Dissipation Collector-Emitter Voltage Emitter-Collector Voltage Collector Curren Power Dissipation Operating Temperature Storage Temperature Soldering Temperature *1 Symbol IF VR PD VCEO VECO IC PC Topr Tstg Tsol Rating 50 5 70 20 5 20 70 - to +80 -20 - to +85 -30 260 Unit mA V mW V V mA mW C C C Input LED Output Phototransistor *1 Soldering conditions : time : max. 3sec; clearance : min. 1mm from lower stay Electro-Optical Characteristics at Ta=25C, 65%RH Parameter Forward Voltage Reverse Current Dark Current Collector Output Current Collector Emitter Saturation Voltage Symbol VF IR ICEO IC VCE(sat) Condition IF=10mA VR=5V IF=0mA, VCE=10V IF=10mA,VCE=5V *1 IF=10mA, IC=100A VCC=5V, RL=100 IC=1mA Min. 1.0 200 Typ. 1.15 10 7 7 VCE=5V IF=10mA Ic A Input Output Max. 1.4 10 200 1000 0.5 --- Unit V A nA A V s s Coupled Rise Time tr Fall Time tf *1 Measurement Circuit of Collector Current *2 Table of Classification of Collector Output Class A B C Ic (A) 1000 to 450 650 to 300 450 to 200 SANYO Electric Co.,Ltd. Semiconductor Company TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN 72199 GI, (MI) No.6024 1/6 SPI-235-19 Typical Characteristics CAUTION These numerical value show the electrical and optical characteristics of this product, and not assure this contents. Forward Current vs. Ambient Temperature 60 Power Dissipation vs. Ambient Temperature 120 (Rating) Power Dissipation P (mW) (Rating) 50 100 Forward Current IF (mA) 40 80 30 60 20 40 10 20 0 -25 0 25 50 75 100 0 -25 0 25 50 75 100 Ambient Temperature Ta (C) Ambient Temperature Ta (C) Forward Current vs. Forward Voltage 500 1000 Collector vs. Forward Current VCE=5V Ta=25C Collector Current IC (A) 800 Forward Current IF (mA) 100 50 Ta=75C 50C 25C 0C -25C 600 400 10 5 200 1 0 0.5 1 1.5 2 0 0 4 8 12 16 20 Forward Voltage VF (V) Forward Current IF (mA) Collector Current vs. Collector-emitter Voltage 1000 Relative Collector Current vs. Ambient Temperature 140 Ta=25C Collector Current IC (A) 800 Relative Collector Current (%) IF=15mA IF=10mA VCE=5V 120 600 100 10mA 400 80 5mA 200 60 0 0 5 10 40 -25 0 25 50 75 100 Collector-emitter Voltage VCE (V) Ambient Temperature Ta (C) No.6024 2/6 SPI-235-19 Typical Characteristics CAUTION These numerical value show the electrical and optical characteristics of this product, and not assure this contents. Collector-emitter Saturation Voltage VCE (sat) (V) Collector-emitter Saturation Voltage vs. Ambient Temperature 0.18 Collector Dark Current vs. Ambient Temperature -6 10 5 0.16 Collector Dark Current ICEO (A) IF=10mA IC=100A VCE=10V 10-7 5 0.14 10-8 5 0.12 10-9 5 0.10 0.08 -25 0 25 50 75 100 10-10 -25 0 25 50 75 100 Ambient Temperature Ta (C) Ambient Temperature Ta (C) Response Time vs. Load Resistance 1000 500 Test Circuit for Response Time IFP=10mA VCC=5V Ta=25C tf tr RD IFP VCC IFP Vout 10% Vout 90% tr tf Response (S) 100 50 RL 10 5 1 0.1 0.5 1 5 10 50 100 Load Resistance RL (k) Relative Collector Current vs. Shield Distance (1) 120 Relative Collector Current vs. Shield Distance (2) 120 Relative Collector Current (%) Relative Collector Current (%) 100 IF=10mA VCE=5V Ta=25C d Shield 100 IF=10mA VCE=5V Ta=25C Shield -0 d + Detector center 3 80 80 60 + 0 Detector center -- 60 40 40 20 20 0 -2 -1 0 1 2 3 0 -2 -1 0 1 2 Shield Distance d (mm) Shield Distance d (mm) No.6024 3/6 SPI-235-19 0.5, Max 0.1 Pin No. 1 2.4 2.5 4.5 3 2 Pin connection 1. Common (Cathode) 2. Ph. Tr Collector 3. LED Anode LED Ph.Tr 5 0.3 1.5 1 2 0.3 1 1.5 Optical C / L 3 Injection gate 2.8 2.7 C0 .5 1.5 2.4 3.25 0.25 2.9 3--0.4 0.25 3.5 0.25 2 Tolerance : 0.2 Unit : mm No.6024 4/6 0.3, Max 0.1 1.3 SPI-235-19 Package dimensions and Pin connection As stated in the sttached paper. (No.6024 4/6) Min. 1mm Soldering conditions (1) Temperature : Max. 260C (2) Time : Max. 3 sec (3) Clearance : Min. 1mm from stay (include PCB thickness) PRECAUTIONS (1) Bending a lead should avoid. However, when bending is necessary, take care the next items. q Bending a lead must be done before soldering. w Bending a lead must be done in the states of fixing leads and no stress for the regin part. Because it is possible that stress for the regin part cause troubles such as gold wire breaking and so on. e A lead must be bend under the stay. r Do not bend the same position of leads more than twice. (2) The hole pitch of a circuit board must fit to the lead pitch. (3) Two stays coupling LED and Ph. Tr should be isolated from any PCB pattern or any lead. (4) Take core the following when soldering. q Do not heat a product under any stress (a twist and so on) to leads. w Do not heat a product in the states of operating force to the regin part. (5) Use the flux which contain no chlorine, have no corrosion and do not need washing. (6) Be careful that flux or other chemicals do not attach to the luminous surface and passive surface. No.6024 5/6 SPI-235-19 CAUTION 1. No products described or contained herein are intended for use in surgical implants, life-support systems, aerospace equipment, nuclear power control systems, vehicles, disaster / crime-prevention equipment or the like, and the failure of which may directly or indirectly cause injury, death or property loss. 2. Anyone purchasing any products described or contained herein for an above-mentioned use shall: 1) Accept full responsibility and indemnify and defend SANYO ELECTRIC CO.,LTD., it's affiliates, subsidiaries and distributors or any of their officers and employees, jointly and severally, against any and all claims and litigation and all damages, costs and expenses associated with such use. 2) Not impose any responsibility for any fault or negligence which may be cited in any such claim or litigation on SANYO ELECTRIC CO., LTD., it's affiliates, subsidiaries and distributors or any of their officers and employees jointly or severally. 3. Information (including circuit diagrams and circuit parameters) disclosed herein is for example only; it is not guaranteed for mass production, SANYO believes the information disclosed herein is accurate and reliable, but no guarantees are made or implied regarding it's use or any infringements of intellectual property rights or other rights of third parties. Precautionary instructions in handling gallium arsenic products Special precautions must be taken in handling this product because it contains, gallium arsenic, which is designated as a toxic substance by law. Be sure to adhere strictly to all applicable laws and regulations enacted for this substance, particularly when it comes to disposal. Manufactured by ; Tottori SANYO Electric Co., Ltd. LED Division 5-318, Tachikawa-cho, Tottori City, 680-8634 Japan TEL: +81-857-21-2137 FAX: +81-857-21-2161 PS No.6024 6/6 |
Price & Availability of SPI-235-19 |