Part Number Hot Search : 
ON1082 RF7201 6D860 200AAO5B 0512S 10009 LTC24 MPV1965
Product Description
Full Text Search
 

To Download SHF-0186 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Preliminary Preliminary
Product Description
Stanford Microdevices' SHF-0186 is a high performance GaAs Heterostructure FET housed in a low-cost surface-mount plastic package. HFET technology improves breakdown voltage while minimizing Schottky leakage current for higher power added efficiency and improved linearity. Output power at 1dB compression for the SHF-0186 is +28 dBm when biased for Class AB operation at 8V and 100mA. The +40 dBm third order intercept makes it ideal for high dynamic range, high intercept point requirements. It is well suited for use in both analog and digital wireless communication infrastructure and subscriber equipment including cellular PCS, CDPD, wireless data, and pagers. Gain vs. Frequency
SHF-0186
DC-12 GHz, 0.5 Watt AlGaAs/GaAs HFET
Product Features * Patented AlGaAs/GaAs Heterostructure FET
Technology
40
VDS=8V, IDQ=100mA
30
GMax(dB)
20 10 0 -10 0 2 4 6 8 10 12
Frequency (GHz) S21 Gmax
* +28 dBm P1dB Typical * +40 dBm Output IP3 Typical * High Drain Efficiency: Up to 46% at Class AB * 17 dB Gain at 900 MHz (Application circuit) * 15 dB Gain at 1900 MHz (Application circuit) * Gmax Guaranteed at 12 GHz Applications * Analog and Digital Wireless System * Cellular PCS, CDPD, Wireless Data, Pagers * AN-020 Contains detailed application circuits
Units Min. Typ. 23.4 20.1 5.0 18.0 15.2 17.9 14.6 28.0 28.8 40.9 40.4 300 175 -2.7 -1.9 -20 -20 66 -1.0 -17 -17 Max.
Symbol
Device Characteristics, T = 25C VDS = 8V, IDQ = 100 mA Maximum Available Gain f = 900 MHz, ZS=ZS*, ZL=ZL* f = 1960 MHz, ZS=ZS*, ZL=ZL* f = 12000 MHz, ZS=ZS*, ZL=ZL* f = 900 MHz, ZS=ZL= 50 Ohms f = 1960 MHz, ZS=ZL= 50 Ohms f = 900 MHz, ZS=ZSOPT, ZL=ZLOPT f = 1960 MHz, ZS=ZSOPT, ZL=ZLOPT f = 900 MHz, ZS=ZSOPT, ZL=ZLOPT f = 1960 MHz, ZS=ZSOPT, ZL=ZLOPT f = 900 MHz, ZS=ZSOPT, ZL=ZLOPT f = 1960 MHz, ZS=ZSOPT, ZL=ZLOPT
GMAX
dB 4.0 dB dB dB m dB m mA mS V V V C/W 13.7
S 21 S 21 P 1dB OIP3 IDSS gm VP V bgs V bgd Rth
Insertion Power Gain Gain Output 1 dB compression point Output Third Order Intercept Point Saturated Drain Current VDS = 3V, VGS = 0V Transconductance VDS = 3V, VGS = 0V Pinch-Off Voltage VDS = 3V, IDQ = 1mA Gate-to-Source Breakdown Voltage, Igs = 1.2mA Gate-to-Drain Breakdown Voltage, Igd = 1.2mA Thermal Resistance (junction to lead)
The information provided herein is believed to be reliable at press time. Stanford Microdevices assumes no responsibility for inaccuracies or omissions. Stanford Microdevices assumes no responsibility for the use of this information, and all such information shall be entirely at the user's own risk. Prices and specifications are subject to change without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. Stanford Microdevices does not authorize or warrant any Stanford Microdevices product for use in life-support devices and/or systems. Copyright 2000 Stanford Microdevices, Inc. All worldwide rights reserved.
522 Almanor Ave., Sunnyvale, CA 94085
Phone: (800) SMI-MMIC
http://www.stanfordmicro.com
EDS-101574 Rev A
1
Preliminary SHF-0186 DC-12 GHz 0.5 Watt AlGaAs/GaAs HFET Absolute Maximum Ratings
Operation of this device above any one of these parameters may cause permanent damage. Bias Conditions should also satisfy the following expression: IDSVDS (max) < (TJ - TL)/RTH
Parameter Drain-to-Source Voltage Gate-to-Source Voltage RF Input Power Operating Temperature Storage Temperature Range Operating Junction Temperature Symbol V DS VGS PIN TOP Tstor TJ Value +12 -5 to 0 200 -45 to +85 -65 to +175 +175 Unit V V mW C C C
Typical Performance - Engineering Application Circuits (See AN-020)
Freq (MHz ) 945 1960 2140 2450 VDS (V) 8 8 8 8 IDQ (mA) 100 100 100 100 P 1d B (dBm) 28.0 28.8 28.7 28.5 OIP3* (dBm) 41.0 39.5 39.0 39.5 Gain (dB) 17.9 14.6 14.5 14.0 S11 (dB) -19.4 -15.8 -12.3 -14.7 S 22 (dB) -9.62 -5.31 -7.02 -5.28 NF (dB) 3.1 2.5 3.0 2.9 ZSOPT ZLOPT Mag Ang Mag Ang .50 .50 .60 105 120 130 .16 .18 .08
* 15dBm per tone
Data above represents typical performance of the application circuits noted in Application Note AN-020. Refer to the application note for additional RF data, PCB layouts, and BOMs for each application circuit. The application note also includes biasing instructions and other key issues to be considered. For the latest application notes please visit our site at www.stanfordmicro.com or call your local sales representative.
D G S ZLOPT ZSOPT
522 Almanor Ave., Sunnyvale, CA 94085
Phone: (800) SMI-MMIC
http://www.stanfordmicro.com
EDS-101574 Rev A
2
-

.45
40
.02
50
168
170 130
Preliminary SHF-0186 DC-12 GHz 0.5 Watt AlGaAs/GaAs HFET
De-embedded S-Parameters (ZS=ZL=50 Ohms, VDS=8V, IDQ=100mA, 25 C)
40 30
Insertion Gain & Isolation
0 -10
25 20
Insertion Gain vs Temperature
Isolation (dB)
Gain (dB)
20 10
S21
S12 Gmax
Gain (dB)
15 10 5 0 -5 -10 0 2 4 6 8 10
T = -40, 25, 85C
-20 -30 -40 -50
0 -10 0 2 4 6 8 10 12
Frequency (GHz) S11 vs Frequency
1.0 0.5
Frequency (GHz) S22 vs Frequency
1.0
2.0
6 GHz
0.5
2.0
10 GHz
0.2
10 GHz 13 GHz
5.0
0.2
5.0
13 GHz 3 GHz
0.0 0.2 0.5 1.0 2.0 5.0 inf
6 GHz
0.0 0.2 0.5 1.0 2.0 5.0 inf
3 GHz 2 GHz
0.2
1 GHz
5.0
2 GHz
5.0
0.2
0.5
1 GHz
2.0
0.5
2.0
1.0
1.0
350 300 250
DC-IV Curves (VGS = -2 to 0V, 0.2V steps)
VGS = 0V
IDS (mA)
200 150 100 50 0 0 1 2 3 4 5 6 7 8
VGS = -2V VDS (Volts)
Note: S-parameters are de-embedded to the device leads. The data represents typical performace of the device. Measured s-parameter data files can be downloaded using a link found on the SHF-0186 device page from our web site at www.stanfordmicro.com.
522 Almanor Ave., Sunnyvale, CA 94085
Phone: (800) SMI-MMIC
http://www.stanfordmicro.com
EDS-101574 Rev A
3
Preliminary SHF-0186 DC-12 GHz 0.5 Watt AlGaAs/GaAs HFET
Caution: ESD sensitive
Appropriate precautions in handling, packaging and testing devices must be observed.
Part Number Ordering Information
Part Number SHF-0186 Reel Siz e 7" Devices/Reel 1000
Pin #
1 2 3 4
Function
Gate GND & Source Drain GND & Source Gate pin.
Description
Connection to ground. Use via holes to reduce lead inductance. Place vias as close to ground leads as possible. Drain pin. Same as Pin 2
Part Symbolization The part will be symbolized with an "H1" designator on the top surface of the package.
Package Dimensions
H1
PCB Pad Layout
H1
522 Almanor Ave., Sunnyvale, CA 94085
Phone: (800) SMI-MMIC
http://www.stanfordmicro.com
EDS-101574 Rev A
4


▲Up To Search▲   

 
Price & Availability of SHF-0186

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X