Part Number Hot Search : 
48S05W FDD66 FAN5405 ANTX2 LL4151 GP2Y0A2 RB751G GP10N
Product Description
Full Text Search
 

To Download SD4027 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SD4027
NPN SILICON RF POWER TRANSISTOR
DESCRIPTION:
The ASI SD4027 is Designed for Television Band IV & V Applications up to 860 MHz.
PACKAGE STYLE .280 4L STUD
A 45
FEATURES:
* Common Emitter * PG = 8.5 dB at 4.0 W/860 MHz * OmnigoldTM Metalization System
B
C E B
D E F G H K DIM A B C D E F G H I J K .245 / 6.22 .640 / 16.26 .175 / 4.45 .275 / 6.99 .217 / 5.51 .285 / 7.24 MINIMUM
inches / mm
E
C J
MAXIMUM RATINGS
IC VCBO VCES VEBO PDISS TJ TSTG JC 1.59 A 65 V 65 V 3.5 V 31.8 W @ TC = 25 C -65 C to +200 C -65 C to +150 C 7.0 C/W
I
#8-32 UNC MAXIMUM
inches / mm
1.010 / 25.65 .220 / 5.59 .270 / 6.86 .003 / 0.08 .117 / 2.97 .572 / 14.53 .130 / 3.30
1.055 / 26.80 .230 /5.84 .285 / 7.24 .007 / 0.18 .137 / 3.48
.255 / 6.48
CHARACTERISTICS
SYMBOL
BVCEO BVCES BVCBO BVEBO ICBO hFE COB PG IMD3 IC = 10 mA
TC = 25 C
NONETEST CONDITIONS
IC = 5.0 mA IC = 5.0 mA IE = 5.0 mA VCB = 40 V VCE = 5.0 V VCE = 25 V VCE = 25 V POUT = 4.0 W IC = 850 mA IC = 800 mA f = 1.0 MHz f = 860 MHz
MINIMUM TYPICAL MAXIMUM
20 65 65 3.5 1.0 20 200 20 8.5 -60
UNITS
V V V V mA --pF dB dBc
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. B
1/1


▲Up To Search▲   

 
Price & Availability of SD4027

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X