Part Number Hot Search : 
15102E C8799 AN7216 2KW16C WSH135 TTC05101 LPR5150A CY7C42
Product Description
Full Text Search
 

To Download RFG40N10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RFG40N10, RFP40N10, RF1S40N10, RF1S40N10SM
Data Sheet January 2002
40A, 100V, 0.040 Ohm, N-Channel Power MOSFETs
These are N-Channel power MOSFETs manufactured using the MegaFET process. This process, which uses feature sizes approaching those of LSI integrated circuits gives optimum utilization of silicon, resulting in outstanding performance. They were designed for use in applications such as switching regulators, switching converters, motor drivers, relay drivers and emitter switches for bipolar transistors. These transistors can be operated directly from integrated circuits. Formerly developmental type TA9846
Features
* 40A, 100V * rDS(ON) = 0.040 * UIS Rating Curve * SOA is Power Dissipation Limited * 175oC Operating Temperature * Related Literature - TB334 "Guidelines for Soldering Surface Mount Components to PC Boards"
Symbol
D
Ordering Information
PART NUMBER RFG40N10 RFP40N10 RF1S40N10 RF1S40N10SM PACKAGE TO-247 TO-220AB TO-262AA TO-263AB BRAND RFG40N10 RFP40N10
G
S
F1S40N10 F1S40N10
NOTE: When ordering, use the entire part number. Add the suffix, 9A, to obtain the TO-263AB variant in tape and reel, i.e. RF1S40N10SM9A.
Packaging
JEDEC STYLE TO-247
SOURCE DRAIN GATE DRAIN (FLANGE)
JEDEC TO-220AB
SOURCE DRAIN GATE
DRAIN (FLANGE)
JEDEC TO-263AB
JEDEC TO-262AA
SOURCE DRAIN GATE
GATE SOURCE
DRAIN (FLANGE)
DRAIN (FLANGE)
(c)2002 Fairchild Semiconductor Corporation
RFG40N10, RFP40N10, RF1S40N10, RF1S40N10SM Rev. C
RFG40N10, RFP40N10, RF1S40N10, RF1S40N10SM
Absolute Maximum Ratings
TC = 25oC, Unless Otherwise Specified RFG40N10, RFP40N10, RF1S40N10, RF1S40N10SM 100 100 20 40 100 Figures 4, 12, 13 160 1.07 -55 to 175 300 260 UNITS V V V A A W W/oC oC
oC oC
Drain to Source Breakdown Voltage (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . VDSS Drain to Gate Voltage (RGS = 1M) (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . VDGR Gate to Source Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VGS Drain Current Continuous (Figure 2). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .ID Pulsed Drain Current (Note 2) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IDM Pulsed Avalanche Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . EAS Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PD Derate Above 25oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Operating and Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TJ, TSTG Maximum Temperature for Soldering Leads at 0.063in (1.6mm) from case for 10s . . . . . . . . . . . . . . . . . . . . . . . . . . . . TL Package Body for 10s, see Techbrief 334 . . . . . . . . . . . . . . . . . . . . . . . . . . . . .Tpkg
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES: 1. TJ = 25oC to 150oC. 2. Repetitive Rating: pulse width limited by maximum junction temperature.
Electrical Specifications
PARAMETER
TC = 25oC, Unless Otherwise Specified SYMBOL BVDSS VGS(TH) IDSS TEST CONDITIONS ID = 250A, VGS = 0V (Figure 9) VGS = VDS, ID = 250A (Figure 8) VDS = 80V, VGS = 0V VGS = 20V ID = 40A, VGS = 10V (Figure 7) VDD = 50V, ID = 20A, RL = 2.5, VGS = 10V, RGS = 4.2 (Figure 11) TC = 25oC TC = 150oC MIN 100 2 VGS = 0V to 20V VGS = 0V to 10V VGS = 0V to 2V VDD = 80V, ID = 40A, RL = 2.0 (Figures 11) TO-247 TO-220AB and TO-263AB TYP 17 30 42 20 MAX 4 1 50 100 0.040 80 100 300 150 7.5 0.94 30 62 UNITS V V A A nA ns ns ns ns ns ns nC nC nC
oC/W oC/W oC/W
Drain to Source Breakdown Voltage Gate Threshold Voltage Zero Gate Voltage Drain Current
Gate to Source Leakage Current Drain to Source On Resistance Turn-On Time Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Turn-Off Time Total Gate Charge Gate Charge at 10V Threshold Gate Charge Thermal Resistance Junction to Case Thermal Resistance Junction to Ambient
IGSS rDS(ON) tON td(ON) tr td(OFF) tf tOFF Qg(TOT) Qg(10) Qg(TH) RJC RJA
Source to Drain Diode Specifications
PARAMETER Source to Drain Diode Voltage Reverse Recovery Time SYMBOL VSD trr ISD = 40A ISD = 40A, dISD/dt = 100A/s TEST CONDITIONS MIN TYP MAX 1.5 200 UNITS V ns
(c)2002 Fairchild Semiconductor Corporation
RFG40N10, RFP40N10, RF1S40N10, RF1S40N10SM Rev. C
RFG40N10, RFP40N10, RF1S40N10, RF1S40N10SM Typical Performance Curves
1.2 POWER DISSIPATION MULTIPLIER 1.0 0.8 0.6 0.4 0.2 0 0 25 50 75 100 125 TC , CASE TEMPERATURE (oC) 150 175 ID, DRAIN CURRENT (A)
Unless Otherwise Specified
40
32
24
16
8
0 25 50 75 100 125 150 175 TC, CASE TEMPERATURE (oC)
FIGURE 1. NORMALIZED POWER DISSIPATION vs CASE TEMPERATURE
FIGURE 2. MAXIMUM CONTINUOUS DRAIN CURRENT vs CASE TEMPERATURE
100
VDSS(MAX) = 100V
IAS, AVALANCHE CURRENT (A)
ID , DRAIN CURRENT (A)
TC = 25oC SINGLE PULSE TJ = MAX RATED DC OPERATION
100
ST AR TIN
ST AR TIN GT
GT
10
J= 25 o
C
10
J= 15 o 0
C
1
OPERATION IN THIS AREA MAY BE LIMITED BY rDS(ON)
0.1 1 10 VDS , DRAIN TO SOURCE VOLTAGE (V) 100
1 0.01
If R = 0 tAV = (L)(IAS)/(1.3 RATED BVDSS - VDD) If R 0 tAV = (L/R)LN[(IAS*R)/(1.3 RATED BVDSS - VDD) + 1] 0.1 1 tAV, TIME IN AVALANCHE (ms) 10
FIGURE 3. FORWARD BIAS SAFE OPERATING AREA
NOTE: Refer to application notes AN9321 and AN9322. FIGURE 4. UNCLAMPED INDUCTIVE SWITCHING CAPABILITY
100
100
=1 0V
80 ID , DRAIN CURRENT (A)
GS
VG
ID, DRAIN CURRENT (A)
S
=
7V
PULSE DURATION = 80s DUTY CYCLE = 0.5% MAX TC = 25oC
80
PULSE DURATION = 80s DUTY CYCLE = 0.5% MAX VDD = 15V
-55oC
25oC
60
VGS = 6V
175oC
60
V
40 VGS = 5V 20 VGS = 4V 0 0 2 4 6 8 VDS, DRAIN TO SOURCE VOLTAGE (V) 10
40
20
0 0 2 4 6 8 10 VGS , GATE TO SOURCE VOLTAGE (V)
FIGURE 5. SATURATION CHARACTERISTICS
FIGURE 6. TRANSFER CHARACTERISTICS
(c)2002 Fairchild Semiconductor Corporation
RFG40N10, RFP40N10, RF1S40N10, RF1S40N10SM Rev. C
RFG40N10, RFP40N10, RF1S40N10, RF1S40N10SM Typical Performance Curves
2.5 NORMALIZED DRAIN TO SOURCE ON RESISTANCE PULSE DURATION = 80s DUTY CYCLE = 0.5% MAX VGS = 10V, ID = 40A NORMALIZED GATE THRESHOLD VOLTAGE
Unless Otherwise Specified (Continued)
1.50 1.25 1.00 0.75 0.50 0.25 VGS = VDS ID = 250A
2.0
1.5
1.0
0.5
0 -50 0 50 100 150 200 TJ, JUNCTION TEMPERATURE (oC)
0 -50
0
50
100
150
200
TJ, JUNCTION TEMPERATURE (oC)
FIGURE 7. NORMALIZED DRAIN TO SOURCE ON RESISTANCE vs JUNCTION TEMPERATURE
FIGURE 8. NORMALIZED GATE THRESHOLD VOLTAGE vs JUNCTION TEMPERATURE
2.0 NORMALIZED DRAIN TO SOURCE BREAKDOWN VOLTAGE ID = 250A
6000 5000 C, CAPACITANCE (pF)
1.5
VGS = 0V, f = 1MHz CISS = CGS + CGD CRSS = CGD COSS CDS + CGD
4000 3000 2000 COSS 1000 CRSS 0 CISS
1.0
0.5
0 -50 0 50 100 150 200 TJ, JUNCTION TEMPERATURE (oC)
0
5
10
15
20
25
VDS , DRAIN TO SOURCE VOLTAGE (V)
FIGURE 9. NORMALIZED DRAIN TO SOURCE BREAKDOWN VOLTAGE vs JUNCTION TEMPERATURE
100 VDS, DRAIN TO SOURCE VOLTAGE (V)
FIGURE 10. CAPACITANCE vs DRAIN TO SOURCE VOLTAGE
10 VGS, GATE TO SOURCE VOLTAGE (V)
VDD = BVDSS 75
VDD = BVDSS
7.5
50 0.75 BVDSS 0.75 BVDSS 0.50 BVDSS 0.50 BVDSS 0.25 BVDSS 0.25 BVDSS RL = 2.5 Ig(REF) = 2.25mA VGS = 10V 0 20
5.0
25
2.5
0 Ig(REF) Ig(ACT) t, TIME (s) 80 Ig(REF) Ig(ACT)
NOTE: Refer to Application Notes AN7254 and AN7260. FIGURE 11. NORMALIZED SWITCHING WAVEFORMS FOR CONSTANT GATE CURRENT
(c)2002 Fairchild Semiconductor Corporation
RFG40N10, RFP40N10, RF1S40N10, RF1S40N10SM Rev. C
RFG40N10, RFP40N10, RF1S40N10, RF1S40N10SM Test Circuits and Waveforms
VDS BVDSS L VARY tP TO OBTAIN REQUIRED PEAK IAS VGS DUT tP RG IAS VDD tP VDS VDD
+
0V
IAS 0.01
0 tAV
FIGURE 12. UNCLAMPED ENERGY TEST CIRCUIT
FIGURE 13. UNCLAMPED ENERGY WAVEFORMS
tON td(ON) tr RL VDS
+
tOFF td(OFF) tf 90%
90%
DUT RGS
VDD 0
10% 90%
10%
VGS VGS 0 10%
50% PULSE WIDTH
50%
FIGURE 14. SWITCHING TIME TEST CIRCUIT
VDS RL VDD
FIGURE 15. RESISTIVE SWITCHING WAVEFORMS
Qg(TOT) VDS VGS = 20V
VGS
+
Qg(10) VDD VGS VGS = 2V 0 Qg(TH) Ig(REF) 0 VGS = 10V
DUT Ig(REF)
FIGURE 16. GATE CHARGE TEST CIRCUIT
FIGURE 17. GATE CHARGE WAVEFORMS
(c)2002 Fairchild Semiconductor Corporation
RFG40N10, RFP40N10, RF1S40N10, RF1S40N10SM Rev. C
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM BottomlessTM CoolFETTM CROSSVOLTTM DenseTrenchTM DOMETM EcoSPARKTM E2CMOSTM EnSignaTM FACTTM FACT Quiet SeriesTM
DISCLAIMER
FAST (R) FASTrTM FRFETTM GlobalOptoisolatorTM GTOTM HiSeCTM ISOPLANARTM LittleFETTM MicroFETTM MicroPakTM MICROWIRETM
OPTOLOGICTM OPTOPLANARTM PACMANTM POPTM Power247TM PowerTrench (R) QFETTM QSTM QT OptoelectronicsTM Quiet SeriesTM SILENT SWITCHER (R)
SMART STARTTM STAR*POWERTM StealthTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SyncFETTM TinyLogicTM TruTranslationTM UHCTM UltraFET (R)
VCXTM
STAR*POWER is used under license
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or 2. A critical component is any component of a life systems which, (a) are intended for surgical implant into support device or system whose failure to perform can the body, or (b) support or sustain life, or (c) whose be reasonably expected to cause the failure of the life failure to perform when properly used in accordance support device or system, or to affect its safety or with instructions for use provided in the labeling, can be effectiveness. reasonably expected to result in significant injury to the user. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design.
Preliminary
First Production
No Identification Needed
Full Production
Obsolete
Not In Production
This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Rev. H4


▲Up To Search▲   

 
Price & Availability of RFG40N10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X