Part Number Hot Search : 
SPN7402 GBP5W ATMEGA3 D6553 A180Z MC34017A SMAJ58A D6553
Product Description
Full Text Search
 

To Download QIQ1245001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 QIQ1245001
Powerex, Inc., 200 Hillis St., Youngwood 15697 (724) 925-7272 Low side Chopper IGBT Module 1200V 450A IGBT / 1200V 750A Fast Diode
Description:
Powerex Low Side Chopper IGBT Module is designed specially for customer applications. The modules are isolated for easy mounting with other components on a common heatsink.
Features:
Low Drive Requirement Low VCE(sat) Super Fast Diode (3) F Series 150A 1200V Trench Gate Chips per IGBT (5) F Series 150A 1200V Chips per Diode Isolated Baseplate for Easy Heat Sinking Al2O3 DBC Ceramic Low Thermal Impedance
Outline Drawing and Circuit Diagram
Applications:
Choppers Welding Power Supplies
Dim K M P Q R S T V W X Inches 0.55 0.33 0.94 0.98 0.86 M6 0.26 Dia. 0.02 0.11 1.08 Millimeters 14.0 8.5 24.0 25.0 21.75 M6 6.5 Dia. 0.5 2.79 27.35
Dim A B C D E F G H J
Inches 4.33 3.15 1.14+0.04/-0.02 3.660.01 2.440.01 0.83 0.16 0.24 0.59
Millimeters 110.0 80.0 29.0+1.0/-0.5 93.00.25 62.00.25 21.0 4.0 6.0 15.0
n
Preliminary
Page 1
4/22/2002
QIQ1245001
Powerex, Inc., 200 Hillis St., Youngwood 15697 (724) 925-7272 Low side Chopper IGBT Module 1200V 450A IGBT / 1200V 750A Fast Diode
Maximum Ratings, Tj=25C unless otherwise specified
Ratings Collector- Emitter Voltage (G-E Short) Gate- Emitter Voltage (C-E Short) Collector Current Peak Collector Current (Tj<= 150C) Diode Forward Current Power Dissipation Junction Temperature Storage Temperature Mounting Torque, M6 Terminal Screws Mounting Torque, M6 Mounting Screws Module Weight (Typical) Isolation Voltage (Main Terminal to Baseplate, AC 1 min.) Symbol VCES VGES IC ICM IFM Pd Tj Tstg VRMS QIQ1245001 1200 20 450 900* 750 TBD -40 to 150 -40 to 125 40 40 580 2500 Units Volts Volts Amperes Amperes Amperes Watts C C In-lb In-lb Grams Volts
*Pulse width and repetition rate should be such that the device junction temperature (Tj) does not exceed Tj(max) rating.
Static Electrical Characteristics, Tj=25C unless otherwise specified
Characteristic Collector Cutoff Current Gate Leakage Current Gate-Emitter Threshold Voltage Collector-Emitter Saturation Voltage Symbol ICES IGES VGE(th) VCE(sat) Test Conditions VCE=VCES VGE=0V VGE=VGES VCE=0V IC=45mA, VCE=10V IC=450A, VGE=15V IC=450A, VGE=15V, Tj=125C Total Gate Charge Diode Forward Voltage QG VFM VCC=600V, IC=450A, VGS=15V IF=750A Min. 5.0 Typ. 6.0 1.8 1.9 4950 Max. 1.0 60 7.0 2.4 3.2 Units mA A Volts Volts Volts nC Volts
Dynamic Electrical Characteristics, Tj=25C unless otherwise specified
Characteristic Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn on Delay time Rise Time Turn-off Delay Time Fall Time Diode Reverse Recovery Time Diode Reverse Recovery Charge Symbol Cies Coes Cres td(on) tr td(off) tf trr Qrr Test Conditions VGE=0V VCE=10V f=1MHz VCC=600V IC=450A VGE1=VGE2=15V RG=1.0 IF=750A Min. Typ. 44.0 Max. 180 7.6 4.5 TBD TBD TBD TBD 250 Units nF nF nF ns ns ns ns ns C
Thermal and Mechanical Characteristics, Tj=25C unless otherwise specified
Characteristic Thermal Resistance, Junction to Case Thermal Resistance, Junction to Case Contact Thermal Resistance Symbol RJC RJC RCF Test Conditions Per IGBT Per Diode Per Module Min. Typ. 0.075 0.052 0.01 Max. TBD TBD Units C/W C/W C/W
Preliminary
Page 2
4/22/2002


▲Up To Search▲   

 
Price & Availability of QIQ1245001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X