Part Number Hot Search : 
C3311 MOLEX 26CX14 TFS110D MAX639 HT24LC32 D291S 10020462
Product Description
Full Text Search
 

To Download PG320240-M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PG320240-M .......OUTLINE DIMENSION & BLOCK DIAGRAM
MECHNICAL SPECIFICATION
Overall Size View Area Dot Size Dot Pitch 167.0 x 111.0 mm 120.2 x 90.0 mm 0.345 x 0.345 mm 0.360 x 0.360 mm Module W/O B/L EL B/L CCFL B/L H2 / H1 -/-/- / 7.5 mm Symbol VDD-VSS VDD-VEE VIN Condition 25C 25C 25C Min. 2.7 NW Min. 4.75 22.0 -0.4 Typical 5.0 NW Max. Units 5.25 V 23.4 V Vdd+0.3 V
PIN ASSIGNMENT
Pin No. Symbol Function DB0 Data input 1 DB1 Data input 2 DB2 Data input 3 DB3 Data input 4 /DISPOFF Driver on(H)/off(L) enable 5 FRAME First line mark 6 NC No connection 7 LOAD Input data latch signal 8 CP Data input shift signal 9 VDD Logic power supply 10 Ground VSS 11 Negative voltage VEE 12 VO Contrast adjust 13 Ground VSS 14
ABSOLUTE MAXIMUM RATING
Item Supply for logic voltage LCD driving supply voltage Input Voltage Item
Power supply voltage
ELECTRICAL CHARACTERISTICS
Symbol Condition VDD-VSS 25C TOP -20C 0C VOP 25C 50C 70C IDD VDD=5V IEE VDD=5V White LED B/L=3.3V Max. Units 5.5 V NWV - 23.5 - 24.0 - 24.5 V V - 22.5 - 23.0 - 23.5 V V - 20.5 - 21.0 - 21.5 V 1.0 2.0 mA 4.0 10.0 mA 160 -mA
LCD operation voltage (VDD=5v)
LCM current consumption (No B/L) Backlight current consumption
REMARK LCD option: STN, FSTN Backlight Option: CCFL, white LED backlight


▲Up To Search▲   

 
Price & Availability of PG320240-M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X