Part Number Hot Search : 
TK15402M SL5232 2DSBA MAX207E 06031 SCH1343 M67759 43650
Product Description
Full Text Search
 

To Download PG320240-H-P2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PG320240-H-P2
(WHITE LED BACKLIGHT)
.......OUTLINE DIMENSION & BLOCK DIAGRAM
MECHNICAL SPECIFICATION
Overall Size View Area Dot Size Dot Pitch 92.0 x 71.3 mm 78.78 x 59.58 mm 0.22 x 0.22 mm 0.24 x 0.24 mm
Function Display cycle AC signal input Bi-directional shift register Clock input pin Control input Display data input Logic system power supply Ground LCD operator voltage Ground No connection Power supply(LED+) Power supply (LED-)
Module W/O B/L EL B/L LED B/L Item Supply for logic voltage LCD driving supply voltage Input Voltage Item
Power supply voltage
H2 / H1 -/- / - mm 6.9 / 9.3 mm Symbol VDD-VSS VDD-VEE VIN Condition 25C 25C 25C Min. 2.5 NW
22.0 20.7 18.7
PIN ASSIGNMENT
Pin No. 1 2 3 4 5 6~9 10 11 12 13 14 15 16 Symbol FLM M CL1 CL2 /D-OFF DB0~3 VDD VSS VEE VSS NC A K
ABSOLUTE MAXIMUM RATING
Min. -0.3 -0.3 Typical 5.0 NW Max. Units 7.0 V 21.8 V Vdd+0.3 V
ELECTRICAL CHARACTERISTICS
Symbol Condition VDD-VSS 25C TOP -20C 0C VOP 25C 50C 70C IDD VDD=5V IEE VDD=5V IFLED VB/L=3.3V Max. Units 5.5 V NWV 22.3 22.6 V V 21.0 21.3 V V 19.0 19.3 V 12.0 20.0 mA mA 80.0 mA
LCD operation voltage
LCM current consumption (No B/L) Backlight current consumption
REMARK LCD option: STN, FSTN Backlight Option: EL, LED


▲Up To Search▲   

 
Price & Availability of PG320240-H-P2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X