Part Number Hot Search : 
SK3A5P0 43650 OP400GS BV55BE MMBD3004 SS411 MMBD3004 2322168
Product Description
Full Text Search
 

To Download PG320240-G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PG 320240-G
OUTLINE DIMENSION & BLOCK DIAGRAM
71.0 4.0 8.4 0.9 11.1 9.6 139.0 0.5 131.0 122.2 103.0 95.97 13.2MAX 4.0 H2 H1 1.2
DB0~DB3 CL2 DISOFF CL1 M 4 IC1 FLM IC5 80 80 4 IC2 80 4 IC3 80 4 IC4 80
BLOCK DIAGRAM
50.0
0.27 0.03 1 0.03 0.27
2.5 0.5 1.8 P2.54 x 13=33.02 92.0 100.0 120.0 0.5
98.2 79.0 71.97
320 x 240 Dots
CN1
30.0
4
14 14- 1.0
IC6 4 IC7 6 Vdd Vss Vee Vo FL FL GND 4
80
LCD PANEL
80
POWER SUPPLY
4- 3.5 GND4- 8.0
BACKLIGHT
7.0
128.0 CN2
1 4
The tolerance unless classified
Overall Size View Area Dot Size Dot Pitch 139.0 x 120.0 103.0 x 79.0 0.27 x 0.27 0.30 x 0.30
40.0 0.5
0.3mm
Module W /O B/L EL B/L CCFL B/L H2 / H1 / / 7.8 / 11.5
MECHANICAL SPECIFICATION
PIN ASSIGNMENT
Pin no.
1 2 3 4 5 6 7 8 9 10 11 12 13 14
ABSOLUTE MAXIMUM RATING
Symbol Condition Vdd-Vss 25oC 25oC LCD driving supply voltage Vdd-Vee Input voltage 25oC Vin Item
Supply for logic voltage
Symbol
FLM CL1 CL2 M Vo Vdd Vss Vee DB0 DB1 DB2 DB3 DISPOFF N.C.
Function
Shift direction select Colck signal input Colck signal input Command / Data select Contrast adjust Power supply (+) Power supply (GND) Negtive voltage output Data bus line Data bus line Data bus line Data bus line Clumn output control No connection
Min. -0.3 0 -0.3
Max. Units V 7.0 35.0 V Vdd+0.3 V
ELECTRICAL CHARACTERISTICS
Item Symbol Condition Min. Typical Max. Units Power supply voltage Vdd-Vss 25oC 4.5 V 5.5 Top N WNW NW V -20oC V LCD operation voltage Vop
0oC 25oC 50oC 70oC
LCM current consumption (No B/L)
30 22.8 18.8 24 20
31.2 25.2
Idd
Vdd=5V
3.5
7
Backlight current consumption
LED/edge VB/L=4.2V LED/array VB/L=4.2V
V V V V mA mA mA
LCD option: STN, TN, FSTN Backlight Option: LED,EL Backlight feature, other Specs not available on catalog is under request.


▲Up To Search▲   

 
Price & Availability of PG320240-G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X