Part Number Hot Search : 
RERA16D AO3401 350019 A102J W2CBW003 CONDUCT C3842 CA307
Product Description
Full Text Search
 

To Download PG320240-D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PG 320240-D
OUTLINE DIMENSION & BLOCK DIAGRAM
74.04 4.44 4.02 6.63 H1 H2 9.53
7.11
148.02 0.5 136.2 120.14(V/A) 115.17(A/A)
(8.0)
190 10.0 CCFL
59.81
0.33 0.03 (P2.54 x 2) 5.08 Molex 50-57-9403 86.0
20 19 1
120.24 0.5 112.2 105.4 92.14(V/A) 86.37(A/A)
320 x 240 Dots
0.03 0.33
1.6
HLOE4- 3.5
HOLE20- 1.0 PAD20- 1.4 139.98
(P2.54 x 9) 22.86
21.06
2.54 5.0
2
4.02
/WR /RD Ao /CS /RES DB0~DB7 Vss Vdd (TEST POINT) Vee VLCD A K
9
4 3 3
CONTROLLER SED 1335
15 8
COM COM COM 32K RAM CRYSTAL
80 80 80 80 80 80 80
LCD PANEL
8
COL
9 8
COL
8
COL
8
COL
8
2
NEGATIVE VOLTAGE / TEMP. COMPENSATION
BIAS
TO COM, COL, LSI
BACKLIGHT
The tolerance unless classified
Overall Size View Area Dot Size Dot Pitch 148.02 x 120.24 120.14 x 92.14 0.33 x 0.33 0.36 x 0.36
0.3mm
Module W /O B/L EL B/L LED CCFL B/L H2 / H1 / / 10.5 / 20.3
MECHANICAL SPECIFICATION
PIN ASSIGNMENT
Pin no. Symbol Vss 1 2 Vdd 3 VLCD 4 RD 5 WR Ao 6 7~14 DB0~DB7 15 CS 16 RST 17 Vee 18 FG NC 19/20 Function Power supply(GND) Power supply(+) No connection(VLCD test point) Data Read Data Write Command / Data select Data bus line Chip select Reset No connection(VLCDtest point) Frame Ground No Connection
ABSOLUTE MAXIMUM RATING
Symbol Condition Vdd-Vss 25oC 25oC LCD driving supply voltage Vdd-Vee Input voltage 25oC Vin Item
Supply for logic voltage
(17.43)
Min. -0.3 0 -0.3
Max. Units V 7.0 35.0 V Vdd+0.3 V
ELECTRICAL CHARACTERISTICS
Item Symbol Condition Min. Typical Max. Units 4.5 V Power supply voltage Vdd-Vss 25oC 5.5 Top N WNW NW V -20oC V LCD operation voltage Vop
0oC 25oC 50oC 70oC
LCM current consumption (No B/L) 26.4 24.8 24.2
Idd
Vdd=5V
50 200 160
Backlight current consumption
LED/edge VB/L=4.2V LED/white VB/L=3.5V
V V V V mA mA mA
LCD option: STN, TN, FSTN Backlight Option: LED,EL Backlight feature, other Specs not available on catalog is under request.


▲Up To Search▲   

 
Price & Availability of PG320240-D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X