Part Number Hot Search : 
2771H STA42 SM104 ACT10 SD1020YS P6KE39 12250 KK4502BD
Product Description
Full Text Search
 

To Download PG320240-C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PG 320240-C
OUTLINE DIMENSION & BLOCK DIAGRAM
76.0 143.0 0.5 126.0 105.0 95.97 8.5 15.0 4- 0.3.4 H1 H2
42.8
71.97 80.0
5.6
BL2
20.0
74.75
88.0 94.8
BL1
96.8 0.5 48.4
14
1
320 x 240 Dots
135.0 150.5
4.0
1.2
D-OFF DB0~DB3 M,CL1,CL2 Vdd Vo Vee Vss FLM
4 3 2 2 240
M MODULATION CIRCUIT
2
SEG. DRIVER x 4
320 4
COM. DRIVER x 3
6 4
LCD PANEL
0.3 0.03
BIAS
BL1 BL2
BACKLIGHT
The tolerance unless classified
Overall Size View Area Dot Size Dot Pitch 143.0 x 96.8 105.0 x 80.0 0.27 x 0.27 0.30 x 0.30
0.3mm
Module W /O B/L EL B/L LED / CCFL B/L H2 / H1 5.9 / 10.1 5.9 / 10.1 8.0 / 11.7
MECHANICAL SPECIFICATION
PIN ASSIGNMENT
Pin no. Symbol Function
ABSOLUTE MAXIMUM RATING
Symbol Condition Vdd-Vss 25oC 25oC LCD driving supply voltage Vdd-Vee Input voltage 25oC Vin Item
Supply for logic voltage
1 2 3 4 5 6-9 10 11 12 13 14
FLM M CL1 CL2 D-OFF DB0-DB3 Vdd Vss Vee Vo FG
Shift direction select Synchronous signal input Display data input clock Display data input clock Column output control Data bus line Power supply(+) Power supply(GND) Negative voltage input Contrast Adjust Frame ground
Min. -0.3 0 -0.3
Max. Units V 7.0 35.0 V Vdd+0.3 V
ELECTRICAL CHARACTERISTICS
Item Symbol Condition Min. Typical Max. Units Power supply voltage Vdd-Vss 25oC V 4.5 5.5 Top N WNW NW V 26.9 29.9 28.4 -20oC V LCD operation voltage Vop
0oC 25oC 50oC 70oC
LCM current consumption (No B/L)
0.03
25.5 27 28.5 23.5 24.4 25 21 22 22.5 23.5 24
0.3
25.9 26.5 27.4
25
Idd
Vdd=5V
7 180 120
Backlight current consumption
LED/edge VB/L=4.2V LED/white VB/L=3.5V
V V V V mA mA mA
LCD option: STN, TN, FSTN Backlight Option: LED,EL Backlight feature, other Specs not available on catalog is under request.


▲Up To Search▲   

 
Price & Availability of PG320240-C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X