Part Number Hot Search : 
HS0038 TS3V339 TS3V339 RL73N1E MSO2M BF423A3S 1N5229A 220M4
Product Description
Full Text Search
 

To Download PG24064-G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PG 24064-G
OUTLINE DIMENSION & BLOCK DIAGRAM
90.0 9.3 4-R1.88 161.4 134.0 127.16 H1 H2
2.0 3.5 61.4 40.4 33.88 16.0 (P2.54 x 9) 22.86 64.0 17.0 4- 1.0 176.0 180.0 0.5 10- 1.0 PAD 10- 1.0 A K
240 x 64
Dots
1
37.5
29.5
10
75.0 0.5
FLM CL1 M CL2 D
6.8
1.6
COM
64 80
LCD PANEL
80 80
0.49 0.04
COL
COL
COL
Vdd Vo Vss Vee A K
Negative Voltage Generator
BACKLIGHT
The tolerance unless classified
Overall Size View Area Dot Size Dot Pitch 180.0 x 75.0 134.0 x 40.4 0.49 x 0.49 0.53 x 0.53
0.3mm
Module W /O B/L EL B/L LED CCFL B/L H2 / H1 4.5 / 8.6 4.5 / 8.6 9.2 / 13.3
MECHANICAL SPECIFICATION
PIN ASSIGNMENT
Pin no. Symbol D 1 2 FLM 3 M 4 CL1 5 CL2 NC 6 Vdd 7 8 Vss 9 Vee 10 Vo Function Serial data input Shift direction select Alternation control signal Display data input clock Display data input clock No connection Power supply(+) Power supply(GND) Negative voltage output Contrast Adjust
ABSOLUTE MAXIMUM RATING
Symbol Condition Vdd-Vss 25oC 25oC LCD driving supply voltage Vdd-Vee Input voltage 25oC Vin Item
Supply for logic voltage
Min. -0.3 0 -0.3
ELECTRICAL CHARACTERISTICS
Item Symbol Condition Min. Typical Max. Units Power supply voltage Vdd-Vss 25oC V 4.5 5.5 Top N WNW NW V 15.1 14.3 14.7 -20oC V LCD operation voltage Vop
0oC 25oC 50oC 70oC
LCM current consumption (No B/L)
9.7 10.2 10.7 9.9 9.6 12.4 12.8 14 8.9 13.2 9.4 13.6 8.6 12 9.1
0.04 0.49
Max. Units V 7.0 22.0 V Vdd+0.3 V
Idd
Vdd=5V
2.5 80 650
Backlight current consumption
LED/edge VB/L=3.5V LED/array VB/L=4.2V
V V V V mA mA mA
LCD option: STN, TN, FSTN Backlight Option: LED,EL Backlight feature, other Specs not available on catalog is under request.


▲Up To Search▲   

 
Price & Availability of PG24064-G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X