Part Number Hot Search : 
2SA841 13005 087381 TC406 AN3594K AD9957 90ECB 20F6TR
Product Description
Full Text Search
 

To Download PG24064-EF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PG 24064-E/F
OUTLINE DIMENSION & BLOCK DIAGRAM PG 24064-E
90.0 9.3 4-R1.75 2.0 161.4 134.0 127.16 13.0 H1 H2
21
61.4 40.4 33.88 16.0
A K
240 x 64 Dots
20 19
32.5
24.5
2.54 4.13
(P2.54 x 9) 22.86 54.0 65.0 0.5
1.8
4- 1.0 176.0 180.0 0.5
20- 1.0 PAD 20- 1.8
1.6
PG 24064-F
90.0 9.3 4-R1.75 2.0 161.4 134.0 127.16 H1 H2 13.0
WR RD CE CD RESET DB0~DB7 FS Vdd Vo Vss FG Vee A K
5
3
COM
64
LCD PANEL
80 80 80
T6963C
13 8 8 2
8K RAM
4
COL
4
COL
4
COL
4
CRYSTAL Negative Voltage Generator BACKLIGHT
12
61.4 40.4 33.88 16.0
A K
19
20
32.5
24.5
2.54 4.13
1.8
4- 1.0 176.0 180.0 0.5
20- 1.0 PAD 20- 1.8
1.6
The tolerance unless classified
Overall Size View Area Dot Size Dot Pitch 180.0 x 65.0 134.0 x 40.4 0.49 x 0.49 0.53 x 0.53
0.3mm
Module W /O B/L EL B/L LED / CCFL B/L H2 / H1 4.5 / 8.6 4.5 / 8.6 9.2 / 13.3
MECHANICAL SPECIFICATION
PIN ASSIGNMENT
Pin no. 1 2 3 4 5 6 7 8 9 10 11-18 19 20 Symbol FG Vss Vdd Vo WR RD CE C/D Vee RST Function Frame ground Power supply(GND) Power supply(+) Contrast Adjust Data write Data read
ABSOLUTE MAXIMUM RATING
Symbol Condition Vdd-Vss 25oC 25oC LCD driving supply voltage Vdd-Vee Input voltage 25oC Vin Item
Supply for logic voltage
Min. -0.3 0 -0.3
Max. Units V 7.0 22.0 V Vdd+0.3 V
ELECTRICAL CHARACTERISTICS
Item Symbol Condition Min. Typical Max. Units Power supply voltage Vdd-Vss 4.5 5.5 25oC V Top N WNW NW V 14.3 14.7 15.1 -20oC V LCD operation voltage Vop
0oC 25oC 50oC 70oC
LCM current consumption (No B/L)
Chip enable Command / data select Negative output Reset DB0-DB7 Data bus line FS Font selection No connection NC
0.04 0.49
240 x 64 Dots
(P2.54 x 9) 22.86 54.0 65.0 0.5
0.49 0.04
9.7
10.2
10.7 9.9 9.6 12.4 12.8 14
8.9 13.2 9.4 13.6 8.6 12 9.1
Idd
Vdd=5V
10
80
Backlight current consumption
LED/edge VB/L=3.5V LED/array VB/L=4.2V
650
V V V V mA mA mA
LCD option: STN, TN, FSTN Backlight Option: LED,EL Backlight feature, other Specs not available on catalog is under request.


▲Up To Search▲   

 
Price & Availability of PG24064-EF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X