Part Number Hot Search : 
BD87A29 BT412 SST124 62LV1024 MA22D39 STV93 E005003 4053B
Product Description
Full Text Search
 

To Download PG24064-AB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PG 24064-A/B
OUTLINE DIMENSION & BLOCK DIAGRAM
PG24064-A
90.0 9.3 4-R1.75 161.4 134.0 127.16 H1 H2 13.0
21 20 19
2.0
61.4 40.4 33.88 16.0
A K
240 x 64 Dots
32.5
24.5
2.54 4.13
1.8
4- 1.0 176.0 180.0 0.5
20- 1.0 PAD 20- 1.8
(P2.54 x 9) 22.86 54.0 65.0 0.5
1.6
PG24064-B
90.0 9.3 4-R1.75 161.4 134.0 127.16 18.0 H1 H2
RES CS E R/W RS DB0~DB7 Vdd Vo Vss Vee A K
5
3
COM
64
LCD PANEL
80 80 80
LC7981
COL
8 11 8
COL
4
COL
4
SRAM
4
4
Negative Voltage Generator
BACKLIGHT
2.0
0.49 0.04
1
2
(P2.54 x 9) 22.86 64.0 75.0 0.5
61.4 40.4 33.88 16.0
A K
240 x 64 Dots
19 20
37.5
29.5
2.54 2.54
6.8
4- 1.0 176.0 180.0 0.5
10- 1.0 PAD 10- 1.8
1.6
The tolerance unless classified
Overall Size View Area Dot Size Dot Pitch 180.0 x 65.0 134.0 x 40.4 0.49 x 0.49 0.53 x 0.53
0.3mm
Module W /O B/L EL B/L LED / CCFL B/L H2 / H1 4.5 / 8.6 4.5 / 8.6 9.2 / 13.3
MECHANICAL SPECIFICATION
PIN ASSIGNMENT
Pin no. 1 2 3 4 5 6 7-14 15 16 17 18 19 20 Symbol Vss Vdd Vo RS R/W E DB0-DB7 CS RST Vee NC A K Function Power supply(GND) Power supply(+) Contrast adjust Command / data select
Data read / write
ABSOLUTE MAXIMUM RATING
Symbol Condition Vdd-Vss 25oC 25oC LCD driving supply voltage Vdd-Vee Input voltage 25oC Vin Item
Supply for logic voltage
Min. -0.3 0 -0.3
Max. Units V 7.0 22.0 V V Vdd-0.3
ELECTRICAL CHARACTERISTICS
Item Symbol Condition Min. Typical Max. Units 4.75 5.25 25oC Power supply voltage Vdd-Vss V Top N WNW NW V 15.1 14.3 14.7 -25oC V LCD operation voltage Vop
0oC 25oC 50oC 70oC
LCM current consumption (No B/L)
Enable signal Data bus line Chip select Reset Negative voltage output No Connection Power supply for LED B/L(+) Power supply for LED B/L( )
0.04 0.49
9.7
10.2
10.7 14
8.9 13.2 9.4 13.6 9.9 8.6 12 9.1 12.4 9.6
12.8
Idd
Vdd=5V
42
80
Backlight current consumption
LED/edge VB/L=3.5V LED/array VB/L=4.2V
650
V V V V mA mA mA
LCD option: STN, TN, FSTN Backlight Option: LED,EL Backlight feature, other Specs not available on catalog is under request.


▲Up To Search▲   

 
Price & Availability of PG24064-AB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X