Part Number Hot Search : 
M37733 SM8S11A TT2905 Y7C15 2SC4531 2754EUA 170M6612 64F7050
Product Description
Full Text Search
 

To Download NTE994M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE994M Integrated Circuit
Voltage Controlled Oscillator
Description: The NTE994M is a general purpose voltage controlled oscillator in an 8-Lead DIP type package which may be used to generate square and triangular waves, the frequency of which is a very linear function of a control voltage. The frequency is also a function of an external resistor and capacitor. The NTE994M is specified for operation over the 0C to +70C temperature range. Features: D Wide Supply Voltage Range: 10 to 24Volts D Very linear modulation characteristics D High temperature stability D Excellent supply voltage rejection D 10 to 1 frequency range with fixed capacitor D Frequency programmable by means of current, voltage, resistor or capacitor Applications: D FM Modulation D Signal Generation D Function generation D Frequency shift keying D Tone generation Absolute Maximum Ratings: Power Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26V Power Dissipation (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 300mW Operating Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0C to +70C Lead Temperature Setting (Soldering, 10 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +300C Note 1. The maximum junction temperature of the NTE994M is 100C. For operating at elevated junction temperatures, devices must be derated based on a thermal resistance of 100C/W.
Electrical Characteristics: (VCC = 12V, TA = +25C unless otherwise specified) Parameter Maximum Operating Frequency Input Voltage Range Pin 5 Average Temperature Coefficient of Operating Frequency Supply Voltage Rejection Input Impedance Pin 5 VCO Sensitivity FM Distortion Maximum Sweep Rate Sweep Range Output Impedance Square Wave Output Level Triangle Wave Output Level Square Wave Duty Cycle Square Wave Rise Time Square Wave Fall Time Triangle Wave Linearity +1V Segment @ 1/2VCC Pin 3 Pin 4 RL1 = 10k RL2 = 10k For Pin 5, from 8V to 10V, fO = 10kHZ 10 Deviation 10V to 20V Conditions RO = 2k, CO = 2.7pf
3/
Min -
4VCC
Typ 1 - 200 0.1 1 6.6 0.2 1 10:1 50 50 5.4 2.4 50 20 50 0.5
Max - VCC - 2 - 7.2 1.5 - - - - - - 60 - - 1
Units MHZ - ppm/C %/V M kHZ/V % MHZ - Vp-p Vp-p % ns ns %
- - 0.5 6.0 - 500 - - - 5.0 2.0 40 - - -
Pin Connection Diagram
GND N.C. Square Wave Output Triangle Wave Output
1 2 3 4
8 7 6 5
VCC Timing Capacitor Timing Resistor Modulator Input
8
5
.256 (6.52) Max
1
4
.393 (10.0) Max
.300 (7.62)
.150 (3.81)
.100 (2.54)
.070 (1.77) Min
.300 (7.62)


▲Up To Search▲   

 
Price & Availability of NTE994M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X