Part Number Hot Search : 
FFCHLEH PA1280NL 0271K MP7683 N87C196 RL204 60NE10 CSM1200
Product Description
Full Text Search
 

To Download NTE7088 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE7088 Integrated Circuit Audio Power Amplifier, 18 Watt BTL x 2 Channel
Description: The NTE7088 is an integrated circuit in a 17-Lead Staggered SIP type package designed for car audio applications. This device has two built-in channels to reduce the characteristic difference betwee Left and Right channels. In addition, the functions of stand-by and muting, and a variety of protection circuits are included. Features: D Low Thermal Resistance D High Power D Low Distortion Ratio D Low Noise D Built-In Stand-by Function D Built-In Muting Function D Built-In Protection Circuits: Thermal Shutdown, Overvoltage, Out VCC short, Out GND short, OUT - OUT short Absolute Maximum Ratings: (TA = +25C unless otherwise specified) Peak Supply Voltage (0.2sec), VCC surge . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50V DC Supply Voltage, VCC DC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25V Operating Supply Voltage, VCC opr . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18V Output Current (Peak), IO (peak) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9A Power Dissipation, PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50W Operating Temperature Range, Topr . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -30 to +85C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to +150C Electrical Characteristics: (VCC = 13.2V, RL = 4, f = 1kHz, TA = +25C unless otherwise specified)
Parameter Quiescent Supply Current Output Power Symbol ICCQ POUT(1) POUT(2) VIN = 0 VCC = 14.4V, THD = 10% THD = 10% Test Conditions Min - - 11 Typ 120 18 15 Max 250 - - Unit mA W W
Electrical Characteristics (Cont'd): (VCC = 13.2V, RL = 4, f = 1kHz, TA = +25C unless otherwise specified)
Parameter Total Harmonic Distortion Ratio Voltage Gain Output Noise Voltage Ripple Rejection Ratio Input Resistance Output Offset Voltage Current at Stand-by State Crosstalk Pin4 Control Voltage Pin1 Control Voltage Symbol THD GV VNO RR RIN Voffset ISB CT V (SB) Rg = 600, VOUT = 0dBm Stand-by OFF (Power ON) VIN = 0 Rg = 0, BW = 20Hz to 20kHz fripple = 100Hz, Rg = 600 Test Conditions POUT = 1W Min - 48 - 40 - -0.3 - - 2.5 - Typ 0.04 50 0.3 54 30 0 1 60 - 1.0 Max 0.4 52 0.7 - - +0.3 10 - VCC 2.0 Unit % dB nVrms dB k V A dB V V
V (MUTE) Mute ON (Power OFF)
Pin Connection Diagram (Front View)
17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1
Power VCC2 Output 2 Output 1 GND 1 GND 2 Output 4 Output 3 Power VCC1 Pre-VCC Ripple Input 2 NF 2 Pre-GND Stand-By Switch NF 1 Input 1 Mute Switch
1.440 (36.6) 1.180 (30.0)
.197 (5.0)
.154 (3.9) 1 17
.670 (17.0) .550 (14.0) .394 (10.0)
.197 (5.0)
.079 (2.0)
.079 (2.0) .101 (2.56)


▲Up To Search▲   

 
Price & Availability of NTE7088

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X