Part Number Hot Search : 
LTM8522P SPP3052 BD313 2SC46 5RF28 ZMM5256B 05100 FR105
Product Description
Full Text Search
 

To Download NL37WZ16 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NL37WZ16 Triple Buffer
The NL37WZ16 is a high performance buffer with inputs operating from a 1.65 to 5.5 V supply. The NL37WZ16 can be used as a line receiver which will receive slow input signals.
* Designed for 1.65 V to 5.5 V VCC Operation * Over Voltage Tolerant Inputs and Outputs * LVTTL Compatible - Interface Capability with 5 V TTL Logic * * * * *
with VCC = 3 V LVCMOS Compatible 24 mA Balanced Output Sink and Source Capability Near Zero Static Supply Current Substantially Reduces System Power Requirements Current Drive Capability is 24 mA at the Outputs Chip Complexity: FET = 94
http://onsemi.com
MARKING DIAGRAM
8 8 1 US8 US SUFFIX CASE 493-01
LR
1
D
D = Date Code IN A1 1 8 VCC
PIN ASSIGNMENT
OUT Y3 2 7 OUT Y1 1 2 IN A2 3 6 IN A3 3 4 5 GND 4 5 OUT Y2 6 7 8 IN A1 OUT Y3 IN A2 GND OUT Y2 IN A3 OUT Y1 VCC
Figure 1. Pinout (Top View) FUNCTION TABLE
A Input IN A1 IN A2 IN A3 OUT Y1 OUT Y2 OUT Y3 L H Y Output L H
ORDERING INFORMATION Figure 2. Logic Symbol
See detailed ordering and shipping information in the package dimensions section on page 4 of this data sheet.
(c) Semiconductor Components Industries, LLC, 2003
1
November, 2003 - Rev. 2
Publication Order Number: NL37WZ16/D
NL37WZ16
MAXIMUM RATINGS
Symbol VCC VI VO IIK IOK IO ICC IGND TSTG TL TJ qJA PD MSL FR VESD DC Supply Voltage DC Input Voltage DC Output Voltage DC Input Diode Current DC Output Diode Current DC Output Sink Current DC Supply Current per Supply Pin DC Ground Current per Ground Pin Storage Temperature Range Lead Temperature, 1 mm from Case for 10 Seconds Junction Temperature under Bias Thermal Resistance Power Dissipation in Still Air at 85_C Moisture Sensitivity Flammability Rating ESD Withstand Voltage Oxygen Index: 28 to 34 Human Body Model (Note 3) Machine Model (Note 4) Charged Device Model (Note 5) (Note 2) Output in Z or LOW State (Note 1) VI < GND VO < GND Parameter Value *0.5 to )7.0 *0.5 VI )7.0 *0.5 VO 7.0 *50 *50 $50 $100 $100 *65 to )150 260 )150 333 200 Level 1 UL 94 V-0 @ 0.125 in > 2000 > 200 N/A V Unit V V V mA mA mA mA mA _C _C _C _C/W mW
Maximum Ratings are those values beyond which damage to the device may occur. Exposure to these conditions or conditions beyond those indicated may adversely affect device reliability. Functional operation under absolute maximum-rated conditions is not implied. Functional operation should be restricted to the Recommended Operating Conditions. 1. IO absolute maximum rating must be observed. 2. Measured with minimum pad spacing on an FR4 board, using 10 mm-by-1 inch, 2-ounce copper trace with no air flow. 3. Tested to EIA/JESD22-A114-A. 4. Tested to EIA/JESD22-A115-A. 5. Tested to JESD22-C101-A.
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VI VO TA Dt/DV Supply Voltage Input Voltage Output Voltage Operating Free-Air Temperature Input Transition Rise or Fall Rate VCC = 2.5 V $0.2 V VCC = 3.0 V $0.3 V VCC = 5.0 V $0.5 V Parameter Operating Data Retention Only (Note 6) (HIGH or LOW State) Min 1.65 1.5 0 0 *40 0 0 0 Max 5.5 5.5 5.5 5.5 )85 20 10 5 Unit V V V _C ns/V
6. Unused inputs may not be left open. All inputs must be tied to a high-logic voltage level or a low-logic input voltage level.
http://onsemi.com
2
NL37WZ16
DC ELECTRICAL CHARACTERISTICS
VCC Symbol VIH VIL VOH Parameter High-Level Input Voltage Low-Level Input Voltage High-Level Output g Voltage V lt VIN = VIH or VIL IOH = -100 A IOH = -4 mA IOH = -8 mA IOH = -12 mA IOH = -16 mA IOH = -24 mA IOH = -32 mA VOL Low-Level Output Voltage V lt VIN = VIH or VIL IOL = 100 A IOL = 4 mA IOL = 8 mA IOL = 12 mA IOL = 16 mA IOL = 24 mA IOL = 32 mA IIN IOFF ICC Input Leakage Current Power Off-Output Leakage Current Quiescent Supply Current VIN = VCC or GND VOUT = 5.5 V VIN = VCC or GND Condition (V) 1.65 to 5.5 1.65 to 5.5 1.65 to 5.5 1.65 2.3 2.7 3.0 3.0 4.5 1.65 to 5.5 1.65 2.3 2.7 3.0 3.0 4.5 0 to 5.5 0 5.5 0.20 0.22 0.28 0.38 0.42 VCC - 0.1 1.55 1.9 2.2 2.4 2.3 3.8 VCC 1.50 2.1 2.4 2.7 2.5 4.0 0.1 0.24 0.3 0.4 0.4 0.55 0.55 $0.1 1 1 Min 0.7 VCC 0.3 VCC VCC - 0.1 1.55 1.9 2.2 2.4 2.3 3.8 0.1 0.24 0.3 0.4 0.4 0.55 0.55 $1.0 10 10 A A A V TA = 25C Typ Max *40C TA 85C Min 0.7 VCC 0.3 VCC Max Unit V V V
II I I I I I I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I I II I I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII I I IIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIII IIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII
AC ELECTRICAL CHARACTERISTICS tR = tF = 2.5 ns; CL = 50 pF; RL = 500
TA = 25C Typ 6.0 3.0 2.3 3.0 *40C TA 85C Min 1.8 1.0 0.8 1.2 0.5 0.8 Max 8.8 5.8 4.0 5.1 3.2 4.2 SymbolIIIIIIII Parameter Propagation Delay g y (Figure 3 and 4) (Fi d Condition VCC (V) Min 1.8 1.0 0.8 1.2 0.5 0.8 Max 7.9 5.2 3.6 4.6 2.9 3.8 Unit ns tPLH tPHL RL = 1 MW, CL = 15 pF RL = 1 MW, CL = 15 pF RL = 1 MW, CL = 15 pF 1.8 $ 0.15 2.5 $ 0.2 3.3 $ 0.3 RL = 500 W, CL = 50 pF RL = 1 MW, CL = 15 pF 5.0 $ 0.5 1..8 2.4 RL = 500 W, CL = 50 pF
CAPACITIVE CHARACTERISTICS
Symbol
Parameter
Condition
Typical 7.0 9 11
Unit pF pF
CIN CPD
Input Capacitance Power Dissipation Capacitance (Note 7)
VCC = 5.5 V, VI = 0 V or VCC 10 MHz, VCC = 3.3 V, VI = 0 V or VCC 10 MHz, VCC = 5.5 V, VI = 0 V or VCC
7. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average operating current can be obtained by the equation: ICC(OPR) = CPD VCC fin ) ICC. CPD is used to determine the no-load dynamic power consumption; PD = CPD VCC2 fin ) ICC VCC.
http://onsemi.com
3
NL37WZ16
A 50%
VCC GND tPLH tPHL PULSE GENERATOR RT
VCC
DUT CL RL
Y
50% VCC
PROPAGATION DELAYS tR = tF = 2.5 ns, 10% to 90%; f = 1 MHz; tW = 500 ns
RT = ZOUT of pulse generator (typically 50 )
Figure 3. Switching Waveforms
Figure 4. Test Circuit
DEVICE ORDERING INFORMATION
Device Nomenclature Device Order Number NL37WZ16US Logic Circuit Indicator NL No. of Gates per Package 3 Temp Range Identifier 7 Device Function 16 Package Suffix US Package Type US8 Tape and Reel Size 178 mm, 3000 Unit
Technology WZ
http://onsemi.com
4
NL37WZ16
CAVITY TAPE
TOP TAPE
TAPE TRAILER (Connected to Reel Hub) NO COMPONENTS 160 mm MIN
COMPONENTS DIRECTION OF FEED
TAPE LEADER NO COMPONENTS 400 mm MIN
Figure 5. Tape Ends for Finished Goods
TAPE DIMENSIONS mm 2.00
4.00 4.00 1.50 TYP 1.75
8.00 + 0.30 - 0.10
3.50 $ 0.25
1 1.00 0.25 TYP DIRECTION OF FEED
Figure 6. US8 Reel Configuration/Orientation
http://onsemi.com
5
NL37WZ16
t MAX
1.5 mm MIN (0.06 in) 20.2 mm MIN (0.795 in)
13.0 mm $0.2 mm (0.512 in $0.008 in)
A
50 mm MIN (1.969 in)
FULL RADIUS
G
Figure 7. Reel Dimensions
REEL DIMENSIONS
Tape Size 8 mm T and R Suffix US A Max 178 mm (7 in) G 8.4 mm, + 1.5 mm, -0.0 (0.33 in + 0.059 in, -0.00) t Max 14.4 mm (0.56 in)
DIRECTION OF FEED
BARCODE LABEL POCKET HOLE
Figure 8. Reel Winding Direction
http://onsemi.com
6
NL37WZ16
PACKAGE DIMENSIONS
US8 US SUFFIX CASE 493-01 ISSUE O
-X- A
8 5
-Y-
J
DETAIL E B L
1
4
R S U C
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETERS 3. DIMENSION A" DOES NOT INCLUDE MOLD FLASH, PROTRUSION OR GATE BURR. MOLD FLASH. PROTRUSION AND GATE BURR SHALL NOT EXCEED 0.140 MM (0.0055") PER SIDE. 4. DIMENSION B" DOES NOT INCLUDE INTER-LEAD FLASH OR PROTRUSION. INTER-LEAD FLASH AND PROTRUSION SHALL NOT E3XCEED 0.140 (0.0055") PER SIDE. 5. LEAD FINISH IS SOLDER PLATING WITH THICKNESS OF 0.0076-0. 0203 MM. (300-800 INCH). 6. ALL TOLERANCE UNLESS OTHERWISE SPECIFIED 0.0508 (0.0002"). MILLIMETERS MIN MAX 1.90 2.10 2.20 2.40 0.60 0.90 0.17 0.25 0.20 0.35 0.50 BSC 0.40 REF 0.10 0.18 0.00 0.10 3.00 3.20 0_ 6_ 5_ 10 _ 0.28 0.44 0.23 0.33 0.37 0.47 0.60 0.80 0.12 BSC INCHES MIN MAX 0.075 0.083 0.087 0.094 0.024 0.035 0.007 0.010 0.008 0.014 0.020 BSC 0.016 REF 0.004 0.007 0.000 0.004 0.118 0.126 0_ 6_ 5_ 10 _ 0.011 0.017 0.009 0.013 0.015 0.019 0.024 0.031 0.005 BSC
P
G
-T-
SEATING PLANE
D 0.10 (0.004)
K
M
0.10 (0.004) T N TXY V
H
R 0.10 TYP
M
F DETAIL E 3.8 1.8 TYP
DIM A B C D F G H J K L M N P R S U V
0.5 TYP
http://onsemi.com
7
EEE EEE EEE EEE EEE EEE EEE
1.0
EEE EEE EEE EEE EEE EEE EEE
0.3 TYP (mm)
NL37WZ16
ON Semiconductor and are trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer.
PUBLICATION ORDERING INFORMATION
Literature Fulfillment: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: ONlit@hibbertco.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada JAPAN: ON Semiconductor, Japan Customer Focus Center 4-32-1 Nishi-Gotanda, Shinagawa-ku, Tokyo, Japan 141-0031 Phone: 81-3-5740-2700 Email: r14525@onsemi.com ON Semiconductor Website: http://onsemi.com For additional information, please contact your local Sales Representative.
http://onsemi.com
8
NL37WZ16/D


▲Up To Search▲   

 
Price & Availability of NL37WZ16

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X