|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
MT90823 3 V Large Digital Switch Data Sheet Features * * * * * * * * * * * * 2,048 x 2,048 channel non-blocking switching at 8.192 Mb/s Per-channel variable or constant throughput delay Automatic identification of ST-BUS/GCI interfaces Accept ST-BUS streams of 2.048, 4.096 or 8.192 Mb/s Automatic frame offset delay measurement Per-stream frame delay offset programming Per-channel high impedance output control Per-channel message mode Control interface compatible to Motorola nonmultiplexed CPUs Connection memory block programming 3.3 V local I/O with 5 V tolerant inputs and TTLcompatible outputs IEEE-1149.1 (JTAG) Test Port Ordering Information MT90823AP 84 Pin PLCC MT90823AL 100 Pin MQFP MT90823AB 100 Pin LQFP MT90823AG 120 Pin BGA MT90823AB1 100 Pin LQFP* MT90823AP1 84 Pin PLCC* MT90823AL1 100 Pin MQFP* *Pb Free Matte Tin -40C to +85C Tubes Trays Trays Trays Trays Tubes Trays July 2005 Applications * * * * * * Medium and large switching platforms CTI application Voice/data multiplexer Digital cross connects ST-BUS/GCI interface functions Support IEEE 802.9a standard VDD VSS TMS TDI TDO TCK TRST IC RESET ODE Test Port STi0 STi1 STi2 STi3 STi4 STi5 STi6 STi7 STi8 STi9 STi10 STi11 STi12 STi13 STi14 STi15 STo0 STo1 STo2 STo3 STo4 STo5 STo6 STo7 STo8 STo9 STo10 STo11 STo12 STo13 STo14 STo15 Serial to Parallel Converter Loopback Parallel Multiple Buffer Data Memory Output MUX to Serial Converter Internal Registers Connection Memory Timing Unit Microprocessor Interface CLK F0i FE/ WFPS HCLK AS/ IM DS/ CS R/W ALE RD /WR A7-A0 DTA D15-D8/ CSTo AD7-AD0 Figure 1 - Functional Block Diagram 1 Zarlink Semiconductor Inc. Zarlink, ZL and the Zarlink Semiconductor logo are trademarks of Zarlink Semiconductor Inc. Copyright 2003-2005, Zarlink Semiconductor Inc. All Rights Reserved. MT90823 Description Data Sheet The MT90823 Large Digital Switch has a non-blocking switch capacity of: 2,048 x 2,048 channels at a serial bit rate of 8.192 Mb/s; 1,024 x 1,024 channels at 4.096 Mb/s; and 512 x 512 channels at 2.048 Mb/s. The device has many features that are programmable on a per stream or per channel basis, including message mode, input offset delay and high impedance output control. Per stream input delay control is particularly useful for managing large multi-chip switches that transport both voice channel and concatenated data channels. In addition, the input stream can be individually calibrated for input frame offset using a dedicated pin. 2 Zarlink Semiconductor Inc. MT90823 VSS STo15 STo14 STo13 STo12 STo11 STo10 STo9 STo8 VDD VSS STo7 STo6 STo5 STo4 STo3 STo2 STo1 STo0 ODE VSS Data Sheet STi0 STi1 STi2 STi3 STi4 STi5 STi6 STi7 STi8 STi9 STi10 STi11 STi12 STi13 STi14 STi15 F0i FE/HCLK VSS CLK VDD 10 13 15 17 19 21 23 25 27 29 31 34 8 6 4 2 84 82 80 78 76 73 71 69 67 84 PIN PLCC 65 63 61 59 57 55 36 38 40 42 44 46 48 50 52 CSTo DTA D15 D14 D13 D12 D11 D10 D9 D8 VSS VDD AD7 AD6 AD5 AD4 AD3 AD2 AD1 AD0 VSS NC NC NC NC VSS STo15 STo14 STo13 STo12 STo11 STo10 STo9 STo8 VDD VSS STo7 STo6 STo5 STo4 STo3 STo2 STo1 STo0 ODE VSS CSTo NC NC NC NC 80 82 48 84 46 86 44 88 90 92 94 36 96 34 98 99 2 4 6 8 10 12 14 16 18 20 22 24 26 28 32 30 42 40 38 78 76 74 72 70 68 66 64 62 60 58 56 54 52 50 TMS TDI TDO TCK TRST IC RESET WFPS A0 A1 A2 A3 A4 A5 A6 A7 DS/RD R/W/RW CS AS/ALE IM STi0 STi1 STi2 STi3 STi4 STi5 STi6 STi7 STi8 STi9 STi10 STi11 STi12 STi13 STi14 STi15 F0i FE/HCLK VSS CLK 100 PIN MQFP (14mm x 20mm x 2.75mm) DTA D15 D14 D13 D12 D11 D10 D9 D8 VSS VDD AD7 AD6 AD5 AD4 AD3 AD2 AD1 AD0 VSS NC NC NC NC VDD TMS TDI TDO TCK TRST IC RESET WFPS A0 A1 A2 A3 A4 A5 A6 A7 DS/RD R/W/RW CS AS/ALE IM NC NC NC NC Figure 2 - PLCC and MQFP Pin Connections 3 Zarlink Semiconductor Inc. MT90823 1 A B C D E F G H J K STi14 STi15 VDD L VSS F0i FE/HCLK M VSS N CLK TMS TDO TRST RESETA0 A2 A3 A5 A7 DS/RD CS IM VSS TDI TCK IC WFPS A1 A4 A6 AS/ALE R/W/RW VSS VSS VDD VSS VDD VSS VDD VSS VDD VSS AD0 AD1 VDD AD2 AD3 1 2 3 4 5 6 7 8 9 10 11 12 13 Data Sheet VSS VSS STi0 STi2 STi4 STi6 STi8 VSS VSS STo14 STo12STo10 STo9 STo7 STo5 STo4 STo2 STo0 VSS STo15 STo13STo11 STo8 VSS VDD VSS VDD VSS STo6 STo3 STo1 ODE VSS VDD VSS VDD VSS DTA VDD D14 VSS D12 VSS VSS CSTo D15 D13 D11 D9 AD7 AD5 STi1 VSS STi3 VDD STi5 VSS TOP VIEW STi7 VDD VDD D10 PBGA STi9 VSS STi10 STi11 VDD STi12 STi13 VSS (23mm x 23mm x 2.13mm) (Ball Pitch = 1.5mm) VSS D8 VDD AD6 VSS AD4 1 - A1 corner is identified by metallized markings. NC NC STi0 STi1 STi2 STi3 STi4 STi5 STi6 STi7 STi8 STi9 STi10 STi11 STi12 STi13 STi14 STi15 F0i FE/HCLK VSS CLK VDD NC NC 76 78 80 82 84 86 88 90 92 94 96 98 100 2 4 6 8 10 12 14 16 18 20 22 24 NC NC VSS STo15 STo14 STo13 STo12 STo11 STo10 STo9 STo8 VDD VSS STo7 STo6 STo5 STo4 STo3 STo2 STo1 STo0 ODE VSS NC NC 74 72 70 68 66 64 62 60 58 56 54 52 50 48 46 44 42 100 PIN LQFP (14mm x 14mm x 1.4mm) (Pin Pitch = 0.50mm) 40 38 36 34 32 30 28 26 NC NC CSTo DTA D15 D14 D13 D12 D11 D10 D9 D8 VSS VDD AD7 AD6 AD5 AD4 AD3 AD2 AD1 AD0 VSS NC NC NC NC TMS TDI TDO TCK TRST IC RESET WFPS A0 A1 A2 A3 A4 A5 A6 A7 DS/RD R/W/RW CS AS/ALE IM NC NC Figure 3 - PBGA and LQFP Pin Connections 4 Zarlink Semiconductor Inc. MT90823 Pin Description Pin # 84 100 PLCC MQFP 1, 11, 31, 41, 30, 54 56, 66, 64, 75 76, 99 100 LQFP 28, 38, 53, 63, 73, 96 37, 64,98 120 BGA A1,A2,A12,A13, B1,B2,B7,B12, B13,C3,C5,C7, C9,C11,E3,E11 G3,G11,J3,J11, L3,L5,L7,L9,L11, M1,M2,M12,M13 C4,C6,C8,C10, D3,D11,F3,F11, H3,H11,K3,K11, L4,L6,L8,L10 B6,A6,A5,B5,A4, B4,A3,B3 Name Description Data Sheet VSS Ground. 2, 32, 63 5, 40, 67 VDD +3.3 Volt Power Supply. 3 - 10 68-75 65 72 STo8 - 15 ST-BUS Output 8 to 15 (5 V Tolerant Three-state Outputs): Serial data Output stream. These streams may have data rates of 2.048, 4.096 or 8.192 Mb/s, depending upon the value programmed at bits DR0 - 1 in the IMS register. STi0 - 15 ST-BUS Input 0 to 15 (5 V Tolerant Inputs): Serial data input stream. These streams may have data rates of 2.048, 4.096 or 8.192 Mb/s, depending upon the value programmed at bits DR0 - 1 in the IMS register. Frame Pulse (5 V Tolerant Input): When the WFPS pin is low, this input accepts and automatically identifies frame synchronization signals formatted according to ST-BUS and GCI specifications. When the WFPS pin is high, this pin accepts a negative frame pulse which conforms to WFPS formats. 12 27 81-96 78 93 C1,C2,D1,D2,E1, E2,F1,F2,G1,G2, H1,H2,J1,J2,K1, K2 L1 28 97 94 F0i 29 98 95 L2 FE/HCLK Frame Evaluation / HCLK Clock (5 V Tolerant Input): When the WFPS pin is low, this pin is the frame measurement input. When the WFPS pin is high, the HCLK (4.096MHz clock) is required for frame alignment in the wide frame pulse (WFP) mode. CLK Clock (5 V Tolerant Input): Serial clock for shifting data in/out on the serial streams (STi/o 0 - 15). Depending upon the value programmed at bits DR0 - 1 in the IMS register, this input accepts a 4.096, 8.192 or 16.384 MHz clock. Test Mode Select (3.3 V Input with internal pull-up): JTAG signal that controls the TAP controller state transitions. Test Serial Data In (3.3 V Tolerant Input with internal pull-up): JTAG serial test instructions and data are shifted in on this pin. 31 100 97 N1 33 6 3 N2 TMS 34 7 4 M3 TDI 5 Zarlink Semiconductor Inc. MT90823 Pin Description (continued) Pin # 84 100 PLCC MQFP 35 8 100 LQFP 5 120 BGA N3 Name Description Data Sheet TDO Test Serial Data Out (3.3 V Output): JTAG serial data is output on this pin on the falling edge of TCK. This pin is held in high impedance state when JTAG scan is not enabled. Test Clock (5 V Tolerant Input): Provides the clock to the JTAG test logic. Test Reset (3.3 V Input with internal pull-up): Asynchronously initializes the JTAG TAP controller by putting it in the Test-Logic-Reset state. This pin should be pulsed low on power-up, or held low, to ensure that the MT90823 is in the normal functional mode. Internal Connection (3.3 V Input with internal pulldown): Connect to VSS for normal operation. This pin must be low for the MT90823 to function normally and to comply with IEEE 1149 (JTAG) boundary scan requirements. Device Reset (5 V Tolerant Input): This input (active LOW) puts the MT90823 in its reset state to clear the device internal counters, registers and bring STo0 - 15 and microport data outputs to a high impedance state. The time constant for a power up reset circuit must be a minimum of five times the rise time of the power supply. In normal operation, the RESET pin must be held low for a minimum of 100 nsec to reset the device. Wide Frame Pulse Select (5 V Tolerant Input): When 1, enables the wide frame pulse (WFP) Frame Alignment interface. When 0, the device operates in ST-BUS/GCI mode. Address 0 - 7 (5 V Tolerant Input): When nonmultiplexed CPU bus operation is selected, these lines provide the A0 - A7 address lines to the internal memories. Data Strobe / Read (5 V Tolerant Input): For Motorola multiplexed bus operation, this input is DS. This active high DS input works in conjunction with CS to enable the read and write operations. For Motorola non-multiplexed CPU bus operation, this input is DS. This active low input works in conjunction with CS to enable the read and write operations. For multiplexed bus operation, this input is RD. This active low input sets the data bus lines (AD0-AD7, D8D15) as outputs. 36 37 9 10 6 7 M4 N4 TCK TRST 38 11 8 M5 IC 39 12 9 N5 RESET 40 13 10 M6 WFPS 41 48 14-21 11 18 N6,M7,N7,N8, M8,N9,M9,N10 A0 - A7 49 22 19 N11 DS/RD 6 Zarlink Semiconductor Inc. MT90823 Pin Description (continued) Pin # 84 100 PLCC MQFP 50 23 100 LQFP 20 120 BGA M10 Name Description Data Sheet R/W / WR Read/Write / Write (5 V Tolerant Input): In the cases of Motorola non-multiplexed and multiplexed bus operations, this input is R/W. This input controls the direction of the data bus lines (AD0 - AD7, D8-D15) during a microprocessor access. For multiplexed bus operation, this input is WR. This active low input is used with RD to control the data bus (AD0 - 7) lines as inputs. CS Chip Select (5 V Tolerant Input): Active low input used by a microprocessor to activate the microprocessor port of MT90823. Address Strobe or Latch Enable (5 V Tolerant Input): This input is used if multiplexed bus operation is selected via the IM input pin. For Motorola nonmultiplexed bus operation, connect this pin to ground. CPU Interface Mode (5 V Tolerant Input): When IM is high, the microprocessor port is in the multiplexed mode. When IM is low, the microprocessor port is in non-multiplexed mode. Address/Data Bus 0 to 7 (5 V Tolerant I/O): These pins are the eight least significant data bits of the microprocessor port. In multiplexed mode, these pins are also the input address bits of the microprocessor port. Data Bus 8-15 (5 V Tolerant I/O): These pins are the eight most significant data bits of the microprocessor port. Data Transfer Acknowledgement (5 V tolerant Three-state Output): Indicates that a data bus transfer is complete. When the bus cycle ends, this pin drives HIGH and then tri-states, allowing for faster bus cycles with a weaker pull-up resistor. A pull-up resistor is required to hold a HIGH level when the pin is tri-stated. Control Output (5 V Tolerant Output). This is a 4.096, 8.192 or 16.384 Mb/s output containing 512, 1024 or 2048 bits per frame respectively. The level of each bit is determined by the CSTo bit in the connection memory. See External Drive Control Section. 51 24 21 N12 52 25 22 M11 AS/ALE 53 26 23 N13 IM 55 62 32-39 29 36 L12,L13,K12, K13,J12,J13, H12,H13 AD0 - 7 65 72 73 42-49 39 46 47 G12,G13,F12, F13,E12,E13, D12,D13 C12 D8 - 15 50 DTA 74 55 48 C13 CSTo 7 Zarlink Semiconductor Inc. MT90823 Pin Description (continued) Pin # 84 100 PLCC MQFP 76 57 100 LQFP 54 120 BGA B11 Name Description Data Sheet ODE Output Drive Enable (5 V Tolerant Input): This is the output enable control for the STo0-15 serial outputs. When ODE input is low and the OSB bit of the IMS register is low, STo0-15 are in a high impedance state. If this input is high, the STo0-15 output drivers are enabled. However, each channel may still be put into a high impedance state by using the per channel control bit in the connection memory. Data Stream Output 0 to 7 (5 V Tolerant Three-state Outputs): Serial data Output stream. These streams have selectable data rates of 2.048, 4.096 or 8.192 Mb/s. No connection. 77 84 58-65 55 62 A11,B10,A10,B9, A9,A8,B8,A7 STo0 - 7 - 1 - 4, 27 30, 51 54 77 80 1 - 2, 24 27, 49 52, 74 77, 99 100 NC Device Overview The MT90823 Large Digital Switch is capable of switching up to 2,048 x 2,048 channels. The MT90823 is designed to switch 64 kb/s PCM or N x 64 kb/s data. The device maintains frame integrity in data applications and minimum throughput delay for voice applications on a per channel basis. The serial input streams of the MT90823 can have a bit rate of 2.048, 4.096 or 8.192 Mbit/s and are arranged in 125 s wide frames, which contain 32, 64 or 128 channels, respectively. The data rates on input and output streams are identical. By using Zarllink's message mode capability, the microprocessor can access input and output time-slots on a per channel basis. This feature is useful for transferring control and status information for external circuits or other STBUS devices. The MT90823 automatically identifies the polarity of the frame synchronization input signal and configures its serial streams to be compatible to either ST-BUS or GCI formats. Two different microprocessor bus interfaces can be selected through the Input Mode pin (IM): Non-multiplexed or Multiplexed. These interfaces provide compatibility with multiplexed and Motorola multiplexed/non-multiplexed buses. The frame offset calibration function allows users to measure the frame offset delay using a frame evaluation pin (FE). The input offset delay can be programmed for individual streams using internal frame input offset registers, see Table 11. The internal loopback allows the ST-BUS output data to be looped around to the ST-BUS inputs for diagnostic purposes. 8 Zarlink Semiconductor Inc. MT90823 Functional Description A functional Block Diagram of the MT90823 is shown in Figure 1. Data and Connection Memory Data Sheet For all data rates, the received serial data is converted to parallel format by internal serial-to-parallel converters and stored sequentially in the data memory. Depending upon the selected operation programmed in the interface mode select (IMS) register, the useable data memory may be as large as 2,048 bytes. The sequential addressing of the data memory is performed by an internal counter, which is reset by the input 8 kHz frame pulse (F0i) to mark the frame boundaries of the incoming serial data streams. Data to be output on the serial streams may come from either the data memory or connection memory. Locations in the connection memory are associated with particular ST-BUS output channels. When a channel is due to be transmitted on an ST-BUS output, the data for this channel can be switched either from an ST-BUS input in connection mode, or from the lower half of the connection memory in message mode. Data destined for a particular channel on a serial output stream is read from the data memory or connection memory during the previous channel time-slot. This allows enough time for memory access and parallel-to-serial conversion. Connection and Message Modes In the connection mode, the addresses of the input source data for all output channels are stored in the connection memory. The connection memory is mapped in such a way that each location corresponds to an output channel on the output streams. For details on the use of the source address data (CAB and SAB bits), see Table 13 and Table 14. Once the source address bits are programmed by the microprocessor, the contents of the data memory at the selected address are transferred to the parallel-to-serial converters and then onto an ST-BUS output stream. By having several output channels connected to the same input source channel, data can be broadcasted from one input channel to several output channels. In message mode, the microprocessor writes data to the connection memory locations corresponding to the output stream and channel number. The lower half (8 least significant bits) of the connection memory content is transferred directly to the parallel-to-serial converter. This data will be output on the ST-BUS streams in every frame until the data is changed by the microprocessor. The five most significant bits of the connection memory controls the following for an output channel: message or connection mode; constant or variable delay; enables/tristate the ST-BUS output drivers; and, enables/disable the loopback function. In addition, one of these bits allows the user to control the CSTo output. If an output channel is set to a high-impedance state through the connection memory, the ST-BUS output will be in a high impedance state for the duration of that channel. In addition to the per-channel control, all channels on the ST-BUS outputs can be placed in a high impedance state by either pulling the ODE input pin low or programming the output standby (OSB) bit in the interface mode selection register to low. This action overrides the individual per-channel programming by the connection memory bits. The connection memory data can be accessed via the microprocessor interface through the D0 to D15 pins. The addressing of the device internal registers, data and connection memories is performed through the address input pins and the Memory Select (MS) bit of the control register. For details on device addressing, see Software Control and Control Register bits description (Tables 4, 6 and 7). Serial Data Interface Timing The master clock frequency must always be twice the data rate. The master clock (CLK) must be either at 4.096, 8.192 or 16.384 MHz for serial data rate of 2.048, 4.096 or 8.192 Mb/s respectively. The input and output stream data rates will always be identical. 9 Zarlink Semiconductor Inc. MT90823 Data Sheet The MT90823 provides two different interface timing modes controlled by the WFPS pin. If the WFPS pin is low, the MT90823 is in ST-BUS/GCI mode. If the WFPS pin is high, the MT90823 is in the wide frame pulse (WFP) frame alignment mode. In ST-BUS/GCI mode, the input 8 kHz frame pulse can be in either ST-BUS or GCI format. The MT90823 automatically detects the presence of an input frame pulse and identifies it as either ST-BUS or GCI. In ST-BUS format, every second falling edge of the master clock marks a bit boundary and the data is clocked in on the rising edge of CLK, three quarters of the way into the bit cell, see Figure 11. In GCI format, every second rising edge of the master clock marks the bit boundary and data is clocked in on the falling edge of CLK at three quarters of the way into the bit cell, see Figure 12. Wide Frame Pulse (WFP) Frame Alignment Timing When the device is in WFP frame alignment mode, the CLK input must be at 16.384 MHz, the FE/HCLK input is 4.096 MHz and the 8 kHz frame pulse is in ST-BUS format. The timing relationship between CLK, HCLK and the frame pulse is defined in Figure 13. When the WFPS pin is high, the frame alignment evaluation feature is disabled, but the frame input offset registers may still be programmed to compensate for the varying frame delays on the serial input streams. Switching Configurations The MT90823 maximum non-blocking switching configurations is determined by the data rates selected for the serial inputs and outputs. The switching configuration is selected by two DR bits in the IMS register. See Table 8 nd Table 9. 2.048 Mb/s Serial Links (DR0=0, DR1=0) When the 2.048 Mb/s data rate is selected, the device is configured with 16-input/16-output data streams each having 32 64 kb/s channels. This mode requires a CLK of 4.094 MHz and allows a maximum non-blocking capacity of 512 x 512 channels. 4.096 Mb/s Serial Links (DR0=1, DR1=0) When the 4.096 Mb/s data rate is selected, the device is configured with 16-input/16-output data streams each having 64 64 kb/s channels. This mode requires a CLK of 8.192 MHz and allows a maximum non-blocking capacity of 1,024 x 1,024 channels. 8.192 Mb/s Serial Links (DR0=0, DR1=1) When the 8.192 Mb/s data rate is selected, the device is configured with 16-input/16-output data streams each having 128 64 kb/s channels. This mode requires a CLK of 16.384 MHz and allows a maximum non-blocking capacity of 2,048 x 2,048 channels. Table 1 summarizes the switching configurations and the relationship between different serial data rates and the master clock frequencies. 10 Zarlink Semiconductor Inc. MT90823 Serial Interface Data Rate 2 Mb/s 4 Mb/s 8 Mb/s Master Clock Required (MHz) 4.096 8.192 16.384 Matrix Channel Capacity 512 x 512 1,024 x 1,024 2,048 x 2,048 Data Sheet Table 1 - Switching Configuration Input Frame Offset Selection Input frame offset selection allows the channel alignment of individual input streams to be offset with respect to the output stream channel alignment (i.e., F0i). This feature is useful in compensating for variable path delays caused by serial backplanes of variable lengths, which may be implemented in large centralized and distributed switching systems. Each input stream can have its own delay offset value by programming the frame input offset (FOR) registers. Possible adjustment can range up to +4 master clock (CLK) periods forward with resolution of 1/2 clock period. The output frame offset cannot be offset or adjusted. See Figure 4, Table 11 and Table 12 for delay offset programming. Serial Input Frame Alignment Evaluation The MT90823 provides the frame evaluation (FE) input to determine different data input delays with respect to the frame pulse F0i. A measurement cycle is started by setting the start frame evaluation (SFE) bit low for at least one frame. Then the evaluation starts when the SFE bit in the IMS register is changed from low to high. Two frames later, the complete frame evaluation (CFE) bit of the frame alignment register (FAR) changes from low to high. This signals that a valid offset measurement is ready to be read from bits 0 to 11 of the FAR register. The SFE bit must be set to zero before starting a new measurement cycle. In ST-BUS mode, the falling edge of the frame measurement signal (FE) is evaluated against the falling edge of the ST-BUS frame pulse. In GCI mode, the rising edge of FE is evaluated against the rising edge of the GCI frame pulse. See Table 10 and Figure 3 for the description of the frame alignment register. This feature is not available when the WFP Frame Alignment mode is enabled (i.e., when the WFPS pin is connected to VDD). Memory Block Programming The MT90823 provides users with the capability of initializing the entire connection memory block in two frames. Bits 11 to 15 of every connection memory location will be programmed with the pattern stored in bits 5 to 9 of the IMS register. The block programming mode is enabled by setting the memory block program (MBP) bit of the control register high. When the block programming enable (BPE) bit of the IMS register is set to high, the block programming data will be loaded into the bits 11 to 15 of every connection memory location. The other connection memory bits (bit 0 to bit 10) are loaded with zeros. When the memory block programming is complete, the device resets the BPE bit to zero. Loopback Control The loopback control (LPBK) bit of each connection memory location allows the ST-BUS output data to be looped backed internally to the ST-BUS input for diagnostic purposes. 11 Zarlink Semiconductor Inc. MT90823 Data Sheet If the LPBK bit is high, the associated ST-BUS output channel data is internally looped back to the ST-BUS input channel (i.e., data from STo n channel m will appear in STi n channel M). Note: when LPBK is activated in channel m STo n+1 (for n even) or STo n-1 (for n odd), the data from channel m of STi n will be switched to channel m STo n. The associated frame delay offset register must be set to zero for proper operation of the per-channel loopback function. If the LPBK bit is low, the per-channel loopback feature is disabled and the device will function normally. Delay Through the MT90823 The switching of information from the input serial streams to the output serial streams results in a throughput delay. The device can be programmed to perform time-slot interchange functions with different throughput delay capabilities on a per-channel basis. For voice application, select variable throughput delay to ensure minimum delay between input and output data. In wideband data applications, select constant throughput delay to maintain the frame integrity of the information through the switch. The delay through the device varies according to the type of throughput delay selected in the V/C bit of the connection memory. Variable Delay Mode (V/C bit = 0) The delay in this mode is dependent only on the combination of source and destination channels. It is independent of input and output streams. The minimum delay achievable in the MT90823 is three time-slots. When the input channel data is switched to the same output channel (channel n, frame p), it will be output in the following frame (channel n, frame p+1). The same frame delay occurs if the input channel n is switched to output channel n+1 or n+2. When input channel n is switched to output channel n+3, n+4,..., the new output data will appear in the same frame. Table 2 shows the possible delays for the MT90823 in the variable delay mode. Constant Delay Mode (V/C bit = 1) In this mode, frame integrity is maintained in all switching configurations by using a multiple data memory buffer. Input channel data written into the data memory buffers during frame n will be read out during frame n+2. In the MT90823, the minimum throughput delay achievable in the constant delay mode is one frame. For example, in 2 Mb/s mode, when input time-slot 31 is switched to output time-slot 0. The maximum delay of 94 time-slots occurs when time-slot 0 in a frame is switched to time-slot 31 in the frame. See Table 3. Microprocessor Interface The MT90823 provides a parallel microprocessor interface for non-multiplexed or multiplexed bus structures. This interface is compatible with Motorola non-multiplexed and multiplexed buses. If the IM pin is low, the MT90823 microprocessor interface assumes Motorola non-multiplexed bus mode. If the IM pin is high, the device micro- processor interface accepts two different timing modes (mode1 and mode2) which allows direct connection to multiplexed microprocessors. The microprocessor interface automatically identifies the type of microprocessor bus connected to the MT90823. This circuit uses the level of the DS/RD input pin at the rising edge of AS/ALE to identify the appropriate bus timing connected to the MT90823. If DS/RD is high at the falling edge of AS/ALE, then the mode 1 multiplexed timing is selected. If DS/RD is low at the falling edge of AS/ALE, then the mode 2 multiplexed bus timing is selected. 12 Zarlink Semiconductor Inc. MT90823 Delay for Variable Throughput Delay Mode (m - output channel number) (n - input channel number)) m Input Rate m > n+2 m-n time-slots m-n time-slots m-n time-slots Table 2 - Variable Throughput Delay Value Input Rate 2.048 Mb/s 4.096 Mb/s 8.192 Mb/s Delay for Constant Throughput Delay Mode (m - output channel number) (n - input channel number)) 32 + (32 - n) + (m - 1) time-slots 64 + (64 - n) + (m- 1) time-slots 128 + (128 - n) + (m- 1) time-slots Table 3 - Constant Throughput Delay Value For multiplexed operation, the 8-bit data and address (AD0-AD7), 8-bit Data (D8-D15), Address strobe/Address latch enable (AS/ALE), Data strobe/Read (DS/RD), Read/Write /Write (R/W / WR), Chip select (CS) and Data transfer acknowledge (DTA) signals are required. See Figure 13 and Figure 14 for multiplexed parallel microport timing. For the Motorola non-multiplexed bus, the 16-bit data bus (AD0-AD7, D8-D15), 8-bit address bus (A0-A7) and 4 control lines (CS, DS, R/W and DTA) signals are required. See Figure 15 for Motorola non- multiplexed microport timing. The MT90823 microport provides access to the internal registers, connection and data memories. All locations provide read/write access except for the data memory and the frame alignment register which are read only. Memory Mapping The address bus on the microprocessor interface selects the MT90823 internal registers and memory. If the A7 address input is low, then the control (CR), interface mode selection (IMS), frame alignment (FAR) and frame input offset (FOR) registers are addressed by A6 to A0 as shown in Table 4. If the A7 address input is high, then the remaining address input lines are used to select up to 128 memory subsection locations. The number selected corresponds to the maximum number of channels per input or output stream. The address input lines and the stream address bits (STA) of the control register allow access to the entire data and connection memories. The control and IMS registers together control all the major functions of the device. The IMS register should be programmed immediately after system power-up to establish the desired switching configuration (see "Serial Data Interface Timing" and "Switching Configurations" ). The control register controls switching operations in the MT90823. It selects the internal memory locations that specify the input and output channels selected for switching. 13 Zarlink Semiconductor Inc. MT90823 Data Sheet The data in the control register consists of the memory block programming bit (MBP), the memory select bit (MS) and the stream address bits (STA). The memory block programming bit allows users to program the entire connection memory block, (see "Memory Block Programming" ). The memory select bit controls the selection of the connection memory or the data Memory. The stream address bits define an internal memory subsections corresponding to input or output ST-BUS streams. The data in the IMS register consists of block programming bits (BPD0-BPD4), block programming enable bit (BPE), output standby bit (OSB), start frame evaluation bit (SFE) and data rate selection bits (DR0, DR1). The block programming and the block programming enable bits allows users to program the entire connection memory, (see Memory Block Programming section). If the ODE pin is low, the OSB bit enables (if high) or disables (if low) all STBUS output drivers. If the ODE pin is high, the contents of the OSB bit is ignored and all ST-BUS output drivers are enabled. Connection Memory Control The contents of the CSTo bit of each connection memory location are output on the CSTo pin once every frame. The CSTo pin is a 4.096, 8.192 or 16.384 Mb/s output carrying 512, 1,024 or 2,048 bits respectively. If the CSTo bit is set high, the corresponding bit on the CSTo output is transmitted high. If the CSTo bit is low, the corresponding bit on the CSTo output is transmitted low. The contents of the CSTo bits of the connection memory are transmitted sequentially via the CSTo pin and are synchronous with the data rates on the other ST-BUS streams. The CSTo bit is output one channel before the corresponding channel on the ST-BUS. For example, in 2 Mb/s mode, the contents of the CSTo bit in position 0 (STo0, CH0) of the connection memory is output on the first clock cycle of channel 31 via CSTo pin. The contents of the CSTo bit in position 32 (STo1, CH0) of the connection memory is output on the second clock cycle of channel 31 via CSTo pin. When either the ODE pin or the OSB bit is high, the OE bit of each connection memory location enables (if high) or disables (if low) the output drivers for an individual ST-BUS output stream and channel. Table 5 details this function. The connection memory message channel (MC) bit (if high) enables message mode in the associated ST-BUS output channel. When message mode is enabled, only the lower half (8 least significant bits) of the connection memory is transferred to the ST-BUS outputs. If the MC bit is low, the contents of the connection memory stream address bit (SAB) and channel address bit (CAB) defines the source information (stream and channel) of the time-slot that will be switched to the output. Bit V/C (Variable/Constant Delay) of each connection memory location allows the per-channel selection between variable and constant throughput delay modes. The loopback bit should be used for diagnostic purpose only; this bit should be set to zero for normal operation. If all LPBK bits are set high for all connection memory locations, the associated ST-BUS output channel data is internally looped back to the ST-BUS input channel (i.e., SToN channel m data loops back to STi N channel m). 14 Zarlink Semiconductor Inc. MT90823 A7 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 A6 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 A5 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 0 0 . 1 1 A4 0 0 0 0 0 0 0 0 0 . 1 1 0 0 . 1 1 0 0 . 1 1 A3 0 0 0 0 0 0 0 0 0 . 1 1 0 0 . 1 1 0 0 . 1 1 A2 0 0 0 0 1 1 1 0 0 . 1 1 0 0 . 1 1 0 0 . 1 1 A1 0 0 1 1 0 0 1 0 0 . 1 1 0 0 . 1 1 0 0 . 1 1 A0 0 1 0 1 0 1 0 0 1 . 0 1 0 1 . 0 1 0 1 . 0 1 Location Control Register, CR Data Sheet (Note 1) Interface Mode Selection Register, IMS Frame Alignment Register, FAR Frame Input Offset Register 0, FOR0 Frame Input Offset Register 1, FOR1 Frame Input Offset Register 2, FOR2 Frame Input Offset Register 3, FOR3 Ch 0 Ch 1 . Ch 30 Ch 31 Ch 32 Ch 33 . Ch 62 Ch 63 Ch 64 Ch 65 . Ch 126 Ch 127 (Note 2) (Note 3) (Note 4) Notes: 1. Bit A7 must be high for access to data and connection memory positions. Bit A7 must be low for access to registers. 2. Channels 0 to 31 are used when serial interface is at 2Mb/s mode. 3. Channels 0 to 63 are used when serial interface is at 4Mb/s mode. 4. Channels 0 to 127 are used when serial interface is at 8Mb/s mode. Table 4 - Internal Register and Address Memory Mapping OE bit in Connection Memory 0 1 1 1 ODE pin Don't Care 0 0 1 OSB bit in IMS register Don't Care 0 1 Don't care ST-BUS Output Driver Status Per Channel High Impedance High Impedance Enable Enable Table 5 - Output High Impedance Control If the LPBK bit is low, the loopback feature is disabled. For proper per-channel loopback operation, the contents of the frame delay offset registers must be set to zero. 15 Zarlink Semiconductor Inc. MT90823 Initialization of the MT90823 Data Sheet During power up, the TRST pin should be pulsed low, or held low continuously, to ensure that the MT90863 is in the normal functional mode. A 5K pull-down resistor can be connected to this pin so that the device will not enter the JTAG test mode during power up. Upon power up, the contents of the connection memory can be in any state and the ODE pin should be held low to keep all ST-BUS outputs in a high impedance state until the microprocessor has initialized the switching matrix. To prevent two ST-BUS outputs from driving the same stream simultaneously, the microprocessor should program the desired active paths through the switch and put all other channels into a high impedance state during the initialization routine by using the block programming mode. In addition, the loopback bits in the connection memory should be cleared for normal operation. When this process is complete, the microprocessor controlling the matrices can bring the ODE pin or OSB bit high to relinquish the high impedance state control to the OE bit in the connection memory. Read/Write Address: Reset Value: 15 0 00H, 0000H. 11 0 14 0 13 0 12 0 10 0 9 0 8 0 7 0 6 0 5 MBP 4 MS 3 STA3 2 STA2 1 STA1 0 STA0 Bit 15 - 6 5 Name Unused MBP Must be zero for normal operation. Description Memory Block Program. When 1, the connection memory block programming feature is ready for the programming of Connection Memory high bits, bit 11 to bit 15. When 0, this feature is disabled. Memory Select. When 0, connection memory is selected for read or write operations. When 1, the data memory is selected for read operations and connection memory is selected for write operations. (No microprocessor write operation is allowed for the data memory.) Stream Address Bits. The binary value expressed by these bits refers to the input or output data stream, which corresponds to the subsection of memory made accessible for subsequent operations. (STA3 = MSB, STA0 = LSB) Table 6 - Control (CR) Register Bits 4 MS 3-0 STA3-0 Input/Output Data Rate 2.048 Mb/s 4.096 Mb/s 8.192 Mb/s Valid Address Lines A4, A3, A2, A1, A0 A5, A4, A3, A2, A1, A0 A6, A5, A4 A3, A2, A1, A0 Table 7 - Valid Address lines for Different Bit Rates 16 Zarlink Semiconductor Inc. MT90823 Read/Write Address: Reset Value: 15 0 Data Sheet 01H, 0000H. 11 0 14 0 13 0 12 0 10 0 9 BPD 4 8 BPD 3 7 BPD 2 6 BPD 1 5 BPD 0 4 BPE 3 OSB 2 SFE 1 DR1 0 DR0 Bit 15-10 9-5 Name Unused BPD4-0 Must be zero for normal operation. Description Block Programming Data. These bits carry the value to be loaded into the connection memory block whenever the memory block programming feature is activated. After the MBP bit in the control register is set to 1 and the BPE bit is set to 1, the contents of the bits BPD4- 0 are loaded into bit 15 to bit 11 of the connection memory. Bit 10 to bit 0 of the connection memory are set to 0. Begin Block programming Enable. A zero to one transition of this bit enables the memory block programming function. The BPE and BPD4-0 bits in the IMS register have to be defined in the same write operation. Once the BPE bit is set high, the device requires two frames to complete the block programming. After the programming function has finished, the BPE bit returns to zero to indicate the operation is completed. When the BPE = 1, the BPE or MBP can be set to 0 to abort the programming operation. When BPE = 1, the other bits in the IMS register must not be changed for two frames to ensure proper operation. Output standby. When ODE = 0 and OSB = 0, the output drivers of STo0 to STo15 are in high impedance mode. When ODE = 0 and OSB = 1, the output driver of STo0 to STo15 function normally. When ODE = 1, STo0 to STo15 output drivers function normally. Start Frame Evaluation. A zero to one transition in this bit starts the frame evaluation procedure. When the CFE bit in the FAR register changes from zero to one, the evaluation procedure stops. To start another frame evaluation cycle, set this bit to zero for at least one frame. Data Rate Select. Input/Output data rate selection. See Table 9 for detailed programming. Table 8 - Interface Mode Selection (IMS) Register Bits 4 BPE 3 OSB 2 SFE 1-0 DR1-0 DR1 0 0 1 1 DR0 0 1 0 1 Data Rate Selected 2.048 Mb/s 4.096 Mb/s 8.192 Mb/s Reserved Master Clock Required 4.096 MHz 8.192 MHz 16.384 MHz Reserved Table 9 - Serial Data Rate Selection (16 input x 16 output) 17 Zarlink Semiconductor Inc. MT90823 Read Address: Reset Value: 15 0 Data Sheet 02H, 0000H. 12 CFE 14 0 13 0 11 FD11 10 FD10 9 FD9 8 FD8 7 FD7 6 FD6 5 FD5 4 FD4 3 FD3 2 FD2 1 FD1 0 FD0 Bit 15 - 13 12 Name Unused CFE Description Must be zero for normal operation. Complete Frame Evaluation. When CFE = 1, the frame evaluation is completed and bits FD10 to FD0 bits contains a valid frame alignment offset. This bit is reset to zero, when SFE bit in the IMS register is changed from 1 to 0. Frame Delay Bit 11. The falling edge of FE (or rising edge for GCI mode) is sampled during the CLK-high phase (FD11 = 1) or during the CLK-low phase (FD11 = 0). This bit allows the measurement resolution to 1/2 CLK cycle. Frame Delay Bits. The binary value expressed in these bits refers to the measured input offset value. These bits are reset to zero when the SFE bit of the IMS register changes from 1 to 0. (FD10 = MSB, FD0 = LSB) Table 10 - Frame Alignment (FAR) Register Bits 11 FD11 10 - 0 FD10-0 18 Zarlink Semiconductor Inc. MT90823 Data Sheet ST-BUS Frame CLK Offset Value 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 FE Input (FD[10:0] = 06H) (FD11 = 0, sample at CLK low phase) GCI Frame CLK Offset Value 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 FE Input (FD[10:0] = 09H) (FD11 = 1, sample at CLK high phase) Figure 4 - Example for Frame Alignment Measurement 19 Zarlink Semiconductor Inc. MT90823 Read/Write Address: 03H for FOR0 register, 04H for FOR1 register, 05H for FOR2 register, 06H for FOR3 register, 0000H for all FOR registers. 11 OF22 10 OF21 9 OF20 8 DLE2 7 OF12 6 OF11 5 OF10 4 DLE1 3 OF02 2 OF01 1 OF00 Data Sheet Reset value: 15 OF32 14 OF31 13 OF30 12 DLE3 0 DLE0 FOR0 register 15 OF72 14 OF71 13 OF70 12 DLE7 11 OF62 10 OF61 9 OF60 8 DLE6 7 OF52 6 OF51 5 OF50 4 DLE5 3 OF42 2 OF41 1 OF40 0 DLE4 FOR1 register 15 OF112 14 13 12 11 OF102 10 9 8 7 OF92 6 OF91 5 OF90 4 DLE9 3 OF82 2 OF81 1 OF80 0 DLE8 OF111 OF110 DLE11 OF101 OF100 DLE10 FOR2 register 15 OF152 14 OF151 13 12 11 OF142 10 9 8 7 6 5 4 3 2 1 0 OF150 DLE15 OF141 OF140 DLE14 OF132 OF131 OF130 DLE13 OF122 OF121 OF120 DLE12 FOR3 register Name (Note 1) OFn2, OFn1, OFn0 Description Offset Bits 2,1 & 0. These three bits define how long the serial interface receiver takes to recognize and store bit 0 from the STi input pin: i.e., to start a new frame. The input frame offset can be selected to +4 clock periods from the point where the external frame pulse input signal is applied to the F0i input of the device. See Figure 4. Data Latch Edge. ST-BUS mode:DLEn =0, if clock rising edge is at the 3/4 point of the bit cell. DLEn =1, if when clock falling edge is at the 3/4 of the bit cell. GCI mode:DLEn =0, if clock falling edge is at the 3/4 point of the bit cell. DLEn =1, if when clock rising edge is at the 3/4 of the bit cell. Table 11 - Frame Input Offset (FOR) Register Bits DLEn Note 1: n denotes an input stream number from 0 to 15. 20 Zarlink Semiconductor Inc. MT90823 Measurement Result from Frame Delay Bits FD11 No clock period shift (Default) + 0.5 clock period shift +1.0 clock period shift +1.5 clock period shift +2.0 clock period shift +2.5 clock period shift +3.0 clock period shift +3.5 clock period shift +4.0 clock period shift +4.5 clock period shift 1 0 1 0 1 0 1 0 1 0 FD2 0 0 0 0 0 0 0 0 1 1 FD1 0 0 0 0 1 1 1 1 0 0 FD0 0 0 1 1 0 0 1 1 0 0 OFn2 0 0 0 0 0 0 0 0 1 1 Data Sheet Corresponding Offset Bits OFn1 0 0 0 0 1 1 1 1 0 0 OFn0 0 0 1 1 0 0 1 1 0 0 DLEn 0 1 0 1 0 1 0 1 0 1 Input Stream Offset Table 12 - Offset Bits (OFn2, OFn1, OFn0, DLEn) and Frame Delay Bits (FD11, FD2-0) ST-BUS F0i CLK STi Stream STi Stream STi Stream STi Stream Bit 7 Bit 7 Bit 7 Bit 7 offset=0, DLE=0 offset=1, DLE=0 offset=0, DLE=1 offset=1, DLE=1 denotes the 3/4 point of the bit cell GCI F0i CLK Input Stream Input Stream Input Stream Input Stream Bit 0 Bit 0 Bit 0 Bit 0 offset=0, DLE=0 offset=1, DLE=0 offset=0, DLE=1 offset=1, DLE=1 denotes the 3/4 point of the bit cell Figure 5 - Examples for Input Offset Delay Timing 21 Zarlink Semiconductor Inc. MT90823 Data Sheet 15 LPBK 14 V/C 13 MC 12 CSTo 11 OE 10 SAB3 9 SAB2 8 7 6 5 4 3 2 1 0 SAB1 SAB0 CAB6 CAB5 CAB4 CAB3 CAB2 CAB1 CAB0 Bit 15 Name LPBK Description Per Channel Loopback. This bit should be use for diagnostic purpose only. Set this bit to zero for normal operation. When loopback bit is set for all memory location, the STi n channel m data comes from STo n channel m. For proper per channel loopback operations, set the delay offset register bits OFn[2:0] to zero for the streams which are in the loopback mode. Variable /Constant Throughput Delay. This bit is used to select between the variable (low) and the constant delay (high) modes on a per-channel basis. Message Channel. When 1, the contents of the connection memory are output on the corresponding output channel and stream. Only the lower byte (bit 7 - bit 0) will be output to the ST-BUS output pins. When 0, the contents of the connection memory are the data memory address of the switched input channel and stream. Control ST-BUS output. This bit is output on the CSTo pin one channel early. The CSTo bit for stream 0 is output first. Output Enable. This bit enables the ST-BUS output drivers on a per-channel basis. When 1, the output driver functions normally. When 0, the output driver is in a high-impedance state. Source Stream Address Bits. The binary value is the number of the data stream for the source of the connection. 14 V/C 13 MC 12 11 CSTo OE 10 - 8, 7 (Note 1) 6-0 (Note 1) SAB3-0 CAB6-0 Source Channel Address Bits. The binary value is the number of the channel for the source of the connection. Note 1: If bit 13 (MC) of the corresponding connection memory location is 1 (device in message mode), then these entire 8 bits (SAB0, CAB6 - CAB0) are output on the output channel and stream associated with this location. Table 13 - Connection Memory Bits Data Rate 2.048 Mb/s 4.096 Mb/s 8.192 Mb/s CAB Bits Used to Determine the Source Channel of the Connection CAB4 to CAB0 (32 channel/input stream) CAB5 to CAB0 (64 channel/input stream) CAB6 to CAB0 (128 channel/input stream) Table 14 - CAB Bits Programming for Different Data Rates 22 Zarlink Semiconductor Inc. MT90823 JTAG Support Data Sheet The MT90823 JTAG interface conforms to the IEEE 1149.1 Boundary-Scan standard and the Boundary-Scan Test (BST) design-for-testability technique it specifies. The operation of the boundary-scan circuitry is controlled by an external test access port (TAP) Controller. Test Access Port (TAP) The Test Access Port (TAP) provides access to the many test functions of the MT90823. It consists of three input pins and one output pin. The following pins comprise the TAP. * Test Clock Input (TCK) TCK provides the clock for the test logic. The TCK does not interfere with any on-chip clock and thus remains independent. The TCK permits shifting of test data into or out of the Boundary-Scan register cells concurrently with the operation of the device and without interfering with the on-chip logic. Test Mode Select Input (TMS) The logic signals received at the TMS input are interpreted by the TAP Controller to control the test operations. The TMS signals are sampled at the rising edge of the TCK pulse. This pin is internally pulled to Vdd when it is not driven from an external source. Test Data Input (TDI) Serial input data applied to this port is fed either into the instruction register or into a test data register, depending on the sequence previously applied to the TMS input. Both registers are described in a subsequent section. The received input data is sampled at the rising edge of TCK pulses. This pin is internally pulled to Vdd when it is not driven from an external source. Test Data Output (TDO) Depending on the sequence previously applied to the TMS input, the contents of either the instruction register or data register are serially shifted out towards the TDO. The data out of the TDO is clocked on the falling edge of the TCK pulses. When no data is shifted through the boundary scan cells, the TDO driver is set to a high impedance state. Test Reset (TRST) Resets the JTAG scan structure. This pin is internally pulled to VDD. * * * * Instruction Register In accordance with the IEEE 1149.1 standard, the MT90823 uses public instructions. The MT90823 JTAG Interface contains a three-bit instruction register. Instructions are serially loaded into the instruction register from the TDI when the TAP Controller is in its shifted-IR state. Subsequently, the instructions are decoded to achieve two basic functions: to select the test data register that may operate while the instruction is current, and to define the serial test data register path, which is used to shift data between TDI and TDO during data register scanning. 23 Zarlink Semiconductor Inc. MT90823 Test Data Register As specified in IEEE 1149.1, the MT90823 JTAG Interface contains three test data registers: * Data Sheet The Boundary-Scan Register The Boundary-Scan register consists of a series of Boundary-Scan cells arranged to form a scan path around the boundary of the MT90823 core logic. The Bypass Register The Bypass register is a single stage shift register that provides a one-bit path from TDI to its TDO. The Device Identification Register The device identification register is a 32-bit register with the register contain of: MSB LSB * * 0000 0000 1000 0010 0011 0001 0100 1011 The LSB bit in the device identification register is the first bit clocked out. The MT90823 boundary scan register contains 118 bits. Bit 0 in Table 15 Boundary Scan Register is the first bit clocked out. All tristate enable bits are active high. 24 Zarlink Semiconductor Inc. MT90823 Boundary Scan Bit 0 to Bit 117 Device Pin Tristate Control 0 2 4 6 8 10 12 14 17 20 23 26 29 32 35 38 41 44 47 50 53 56 59 62 65 Output Scan Cell 1 3 5 7 9 11 13 15 16 18 19 21 24 27 30 33 36 39 42 45 48 51 54 57 60 63 66 22 25 28 31 34 37 40 43 46 49 52 55 58 61 64 67 68 69 70 71 72 Input Scan Cell Data Sheet STo7 STo6 STo5 STo4 STo3 STo2 STo1 STo0 ODE CSTo DTA D15 D14 D13 D12 D11 D10 D9 D8 AD7 AD6 AD5 AD4 AD3 AD2 AD1 AD0 IM AS/ALE CS R/W / WR DS/RD Table 14 - Boundary Scan Register Bits 25 Zarlink Semiconductor Inc. MT90823 Boundary Scan Bit 0 to Bit 117 Device Pin Tristate Control Output Scan Cell Input Scan Cell 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100 101 102 104 106 108 110 112 114 116 103 105 107 109 111 113 115 117 Data Sheet A7 A6 A5 A4 A3 A2 A1 A0 WFPS RESET CLK FE/HCLK F0i STi15 STi14 STi13 STi12 STi11 STi10 STi9 STi8 STi7 STi6 STi5 STi4 STi3 STi2 STi1 STi0 STo15 STo14 STo13 STo12 STo11 STo10 STo9 STo8 Table 14 - Boundary Scan Register Bits (continued) 26 Zarlink Semiconductor Inc. MT90823 Applications Switch Matrix Architectures Data Sheet The MT90823 is an ideal device for medium to large size switch matrices where voice and grouped data channels are transported within the same frame. In such applications, the voice samples have to be time interchanged with a minimum delay while maintaining the integrity of grouped data. To ensure the integrity of grouped data during switching and to provide a minimum delay for voice connections, the MT90823 provides per-channel selection between variable and constant throughput delay. This can be selected by the V/C bit of the Connection Memory. Figure 6 illustrates how four MT90823 devices can be used to form non-blocking switches for up to 4096 channels with data rate of 8.192 Mb/s. Serial Input Frame Alignment Evaluation The MT90823 is capable of performing frame alignment evaluation. The frame pulse under evaluation is connected to the FE (frame measurement) pin. An external multiplexer is required to select one of the frame pulses related to the different input streams. Figure 7 - The block diagram at Figure 7 shows a switch matrix that performs frame alignment evaluation for 16 frame pulses. 16 Streams IN 16 Streams MT90823 #1 MT90823 #2 MT90823 #3 MT90823 #4 16 Streams OUT 16 Streams Bit Rate (IN/OUT) 2.048 Mb/s 4.096 Mb/s 8.192 Mb/s Size of Switch Matrix 1,024 - Channel Switch 2,048 - Channel Switch 4,096 - Channel Switch Figure 6 - Switch Matrix with Serial Stream at Various Bit Rates 27 Zarlink Semiconductor Inc. MT90823 Data Sheet STi0 STi1 STi2 STi15 External Mux FP STi0 FP STi1 FP STi2 FP STi15 FE input MT90823 Frame Alignment Evaluation circuit STo[0:15] CLK FP Central Timing Source Note: 1. Use the external mux to select one of the serial frame pulses. 2. To start a measurement cycle, set the Start Frame Evaluation (SFE) bit in the IMS register low for at least 1 frame. 3. Frame evaluation starts when the SFE bit is changed from low to high. 4. Two frames later, the Complete Frame Evaluation (CFE) bit of the Frame Alignment Register (FAR) changes from low to high to signal the CPU that a valid offset measurement is ready to be read from bit [11:0] of the FAR register. 5. The SFE bit must be set to zero before a new measurement cycle started. Figure 7 - Serial Input Frame Alignment Evaluation for Various Frame Pulses Wide Frame Pulse (WFP) Frame Alignment Mode When the device is in the wide frame pulse mode and if the input data streams are sampled at 3/4 bit time, the device can operate in the HMVIP and MVIP-90 environment. When input data streams are sampled at half-bit time as specified in the HMVIP and MVIP-90 standard, the device can only operate with data rate of 2 Mb/s. Refer to the ST-BUS output delay parameter, tSOD, as specified in the AC Electrical Characteristic table. The MT90823 is designed to accept a common frame pulse F0i, the 4.096 MHz and 16.384 MHz clocks required by the HMVIP standards. To enable the Wide Frame Pulse Frame Alignment Mode, the WFPS pin has to be set to HIGH and the DR1 and DR0 bits set for 8.192M b/s data rate operation. Digital Access Cross-Connect System Figure 8 illustrates the use of MT90823 devices to construct a 256 E1/T1 Digital Access Cross- connect System (DACS). The system consists of 32 trunk cards each having eight E1 or T1 trunk interfaces for a total of 256 trunks. Each trunk card uses two MT8986 Multi-rate Digital Switches. The central switching block uses 16 MT90823 devices. The block diagram at Figure 9 shows how an 8,192 x 8,192 channel switch can be constructed from 4,096 x 4,096 channel switch modules. Figure 6 shows the implementation of the individual 4,096 x 4,096 channel switch modules from four MT90823 devices. Figure 10 shows an eight-stream trunk card using MT8986 Multi-rate Digital Switches to concentrate 32-channel 2.048 Mb/s ST-BUS (DSTi and DSTo) streams at each E1/T1 trunk onto four 128-channel 8.192 Mb/s streams. The DACS switching matrix that formerly required 256 MT8986 devices in a square (16 x 16) configuration can now be provided by 64 MT8986 and 16 MT90823 devices (see Figure 8). 28 Zarlink Semiconductor Inc. MT90823 Data Sheet TC0 E10 E17 8 x E1/T1 Trunk Card Each line represents a stream that consists of 128 channels at 8.192 Mb/s E18 E115 TC1 8 x E1/T1 Trunk Card 64 input streams x 64 output streams 8,192 x 8,192 channel Switch Matrix Sixteen MT90823 (8 Mb/s mode) (See Figure 9) TC31 E1247 E1255 8 x E1/T1 Trunk Card (Figure 10) Figure 8 - 256 E1/T1 Digital Access Cross-Connect System (DACS) 32 Streams 4,096 x 4,096 Switch Matrix (Figure 6) 4,096 x 4,096 Switch Matrix (Figure 6) 32 Streams IN OUT 32 Streams 4,096 x 4,096 Switch Matrix (Figure 6) 4,096 x 4,096 Switch Matrix (Figure 6) 32 Streams Figure 9 - 8,192 x 8,192 Channel Switch Matrix 29 Zarlink Semiconductor Inc. MT90823 Data Sheet E10 E1/T1 Trunk 0 DSTo DSTi DSTo DSTi STi0 STi1 STi7 E11 E1/T1 Trunk 1 MT8986 2 Mb/s to 8 Mb/s STo0 STo1 256-channel out (8.192 Mb/s per channel) STo0 STo1 E17 E1/T1 Trunk 7 DSTo DSTi STo7 MT8986 8 Mb/s to 2 Mb/s STi0 STi1 256-channel in (8.192 Mb/s per channel) Figure 10 - Trunk Card Block Diagram Absolute Maximum Ratings* Parameter 1 2 3 4 5 6 Supply Voltage Voltage on any 3.3 V Tolerant pin I/O (other than supply pins) Voltage on any 5 V Tolerant pin I/O (other than supply pins) Continuous Current at digital outputs Package power dissipation (PLCC & PQFP) Storage temperature Sym. VDD VI VI Io PD TS - 65 Min. -0.3 VSS - 0.3 VSS - 0.3 Max. 5.0 VDD + 0.3 5.5 20 1 +125 Units V V V mA W C * Exceeding these values may cause permanent damage. Functional operation under these conditions is not implied Recommended Operating Conditions - Voltages are with respect to ground (Vss) unless otherwise stated. Characteristics 1 2 3 4 5 Operating Temperature Positive Supply Input High Voltage Input High Voltage on 5 V Tolerant Inputs Input Low Voltage Sym. TOP VDD VIH VIH VIL VSS Min. -40 3.0 0.7VDD Typ. Max. +85 3.6 VDD 5.5 0.3VDD Units C V V V V 400 mV noise margin 400 mV noise margin Test Conditions 30 Zarlink Semiconductor Inc. MT90823 DC Electrical Characteristics - Voltages are with respect to ground (Vss) unless otherwise stated. Characteristics 1 Supply Current 2 3 4 I N P U T S Data Sheet Sym. IDD VIH VIL IIL IBL CI VOH VOL IOZ Min. Typ. 12 20 45 Max. 15 26 70 0.3VDD 15 50 10 Units mA mA mA V V A A pF V Test Conditions Output unloaded @ 2 Mb/s @ 4 Mb/s @ 8 Mb/s Input High Voltage Input Low Voltage Input Leakage (input pins) Input Leakage (with pull-up or pulldown) Input Pin Capacitance O U T P U T S 0.7VDD 0 Output High Voltage Output Low Voltage High Impedance Leakage 0.8VDD 0.4 5 V A pF 10 9 Output Pin Capacitance CO Note: 1. Maximum leakage on pins (output or I/O pins in high impedance state) is over an applied voltage (V) AC Electrical Characteristics - Timing Parameter Measurement Voltage Levels Characteristics 1 2 3 CMOS Threshold Rise/Fall Threshold Voltage High Rise/Fall Threshold Voltage Low Sym. VCT VHM VLM Level 0.5VDD 0.7VDD 0.3VDD Units V V V Conditions 31 Zarlink Semiconductor Inc. MT90823 AC Electrical Characteristics - Frame Pulse and CLK Characteristic 1 Frame pulse width (ST-BUS, GCI) Bit rate = 2.048 Mb/s Bit rate = 4.096 Mb/s Bit rate = 8.192 Mb/s 2 Frame Pulse Setup time before CLK falling (ST-BUS or GCI) 3 Frame Pulse Hold Time from CLK falling (ST-BUS or GCI) 4 CLK Period Bit rate = 2.048 Mb/s Bit rate = 4.096 Mb/s Bit rate = 8.192 Mb/s 5 CLK Pulse Width High Bit rate = 2.048 Mb/s Bit rate = 4.096 Mb/s Bit rate = 8.192 Mb/s 6 CLK Pulse Width Low Bit rate = 2.048 Mb/s Bit rate = 4.096 Mb/s Bit rate = 8.192 Mb/s 7 Clock Rise/Fall Time 8 Wide frame pulse width Bit rate = 8.192 Mb/s 9 Frame Pulse Setup Time before HCLK falling 10 Frame Pulse Hold Time from HCLK falling 11 HCLK (4.096MHz) Period Bit rate = 8.192 Mb/s 12 HCLK (4.096MHz) Pulse Width High Bit rate = 8.192 Mb/s 13 HCLK (4.096MHz) Pulse Width Low Bit rate = 8.192 Mb/s 14 HCLK Rise/Fall Time 15 Delay between falling edge of HCLK and falling edge of CLK Sym. tFPW Data Sheet Min. 26 26 26 Typ. Max. 295 145 80 Units ns ns ns ns ns Notes WFPS Pin = 0 tFPS tFPH tCP 5 10 WFPS Pin = 0 WFPS Pin = 0 190 110 55 tCH 300 150 70 150 75 40 150 75 40 10 295 150 150 300 150 ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns WFPS Pin = 0 85 50 20 tCL WFPS Pin = 0 85 50 20 tr, tf tHFPW tHFPS tHFPH tHCP tHCH WFPS Pin = 0 195 5 10 190 85 WFPS Pin = 1 WFPS Pin = 1 WFPS Pin = 1 WFPS Pin = 1 WFPS Pin = 1 tHCL 85 150 ns WFPS Pin = 1 tHr, tHf tDIF 10 -10 10 ns ns WFPS Pin = 0 or 1 32 Zarlink Semiconductor Inc. MT90823 Data Sheet AC Electrical Characteristics - Serial Streams for ST-BUS and GCI Backplanes Characteristic 1 2 3 4 5 6 7 Sti Set-up Time Sti Hold Time Sto Delay - Active to Active STo delay - Active to High-Z Sto delay - High-Z to Active Output Driver Enable (ODE) Delay CSTo Output Delay Sym. tSIS tSIH tSOD Min. 0 10 Typ. Max. Units ns ns Test Conditions 30 40 32 32 32 30 40 ns ns CL=30pF CL=200pF RL=1K, CL=200pF, See Note 1 RL=1K, CL=200pF, See Note 1 tDZ tZD tODE tXCD ns ns ns RL=1K, CL=200pF, See Note 1 CL=30pF CL=200pF Note: 1. High Impedance is measured by pulling to the appropriate rail with RL, with timing corrected to cancel time taken to discharge CL. tFPW F0i tFPS CLK tSOD STo Bit 0, Last Ch (Note1) Bit 7, Channel 0 Bit 6, Channel 0 Bit 5, Channel 0 VCT tFPH tCP tCH tCL tr VHM VTT VLM tf VCT tSIS STi Bit 0, Last Ch (Note1) tSIH Bit 6, Channel 0 Bit 5, Channel 0 Bit 7, Channel 0 VCT Note 1: 2.048 Mb/s mode, last channel = ch 31, 4.196 Mb/s mode, last channel = ch 63, 8.192 Mb/s mode, last channel = ch 127. Figure 11 - ST-BUS Timing for 2.048 Mb/s and High Speed Serial Interface at 4.096 Mb/s or 8.192 Mb/s, when WFPS pin = 0. 33 Zarlink Semiconductor Inc. MT90823 Data Sheet tFPW F0i tFPS CLK tSOD STo Bit 7, Last Ch (Note1) Bit 0, Channel 0 Bit 1, Channel 0 Bit 2, Channel 0 VCT tFPH tCP tCH tCL tr VHM VCT VLM tf VCT tSIS STi Bit 7, Last Ch (Note1) tSIH Bit 1, Channel 0 Bit 2, Channel 0 Bit 0, Channel 0 VCT Note 1: 2 Mb/s mode, last channel = ch 31, 4 Mb/s mode, last channel = ch 63, 8 Mb/s mode, last channel = ch 127 Figure 12 - GCI Timing at 2.048 Mb/s and High Speed Serial Interface at 4.096 Mb/s or 8.192 Mb/s, when WFPS pin = 0 tHFPW tHFPS F0i tHCL HCLK 4.096MHz tDIF tHr tCP tHf tCH tCL tr VCT tSOD STo Bit 1, Ch 127 Bit 0, Ch 127 Bit 7, Ch 0 Bit 6, Ch 0 Bit 5, Ch 0 tHFPH VCT tHCP tHCH VHM VCT VLM CLK 16.384MHz tf Bit 4, Ch 0 VCT tSIS STi Bit 1, Ch 127 Bit 0, Ch 127 Bit 7, Ch 0 tSIH Bit 6, Ch 0 Bit 5, Ch 0 Bit 4, Ch 0 VCT Figure 13 - WFP Bus Timing for High Speed Serial Interface (8.192 Mb/s), when WFPS pin = 1 Note: 1. High Impedance is measured by pulling to the appropriate rail with RL, with timing corrected to cancel time taken to discharge CL. 34 Zarlink Semiconductor Inc. MT90823 CLK (ST-BUS or) (WFPS mode) Data Sheet VCT CLK (GCI mode) tDZ STo Valid Data tZD STo HiZ tXCD CSTo VCT HiZ VCT Valid Data VCT VCT Figure 14 - Serial Output and External Control ODE tODE STo HiZ tODE VCT Valid Data HiZ VCT Figure 15 - Output Driver Enable (ODE) 35 Zarlink Semiconductor Inc. MT90823 AC Electrical Characteristics - Multiplexed Bus Timing (Mode 1) Characteristics 1 2 3 4 5 6 7 8 9 ALE pulse width Address setup from ALE falling Address hold from ALE falling RD active after ALE falling Data setup from DTA Low on Read CS hold after RD/WR RD pulse width (fast read) CS setup from RD Data hold after RD Sym. tALW tADS tADH tALRD tDDR tCSRW tRW tCSR tDHR tWW tALWR tCSW tDSW tSWD tDHW tAKD 5 43/43 760/750 400/390 220/210 22 Min. 20 3 3 3 5 5 45 0 10 45 3 0 20 122 20 Typ. Max. Units ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns Data Sheet Test Conditions CL=150pF CL=150pF, RL=1K, Note 1. 10 WR pulse width (fast write) 11 WR delay after ALE falling 12 CS setup from WR 13 Data setup from WR (fast write) 14 Valid Data Delay on write (slow write) 15 Data hold after WR inactive 16 Acknowledgment Delay: Reading/Writing Registers Reading/Writing Memory @ 2Mb/s @ 4Mb/s @ 8Mb/s 17 Acknowledgment Hold Time Note: CL=150pF CL=150pF CL=150pF CL=150pF CL=150pF, RL=1K, Note 1. tAKH 1. High Impedance is measured by pulling to the appropriate rail with RL, with timing corrected to cancel time taken to discharge CL. 36 Zarlink Semiconductor Inc. MT90823 tALW Data Sheet ALE VCT tADS HiZ tADH ADDRESS HiZ DATA HiZ AD0-AD7 D8-D15 CS VCT tALRD tCSRW VCT tCSR RD tRW VCT tWW tDHR VCT tSWD tDDR tDSW tDHW tAKH VCT WR tCSW tALWR DTA tAKD Figure 16 - Multiplexed Bus Timing (Mode 1) 37 Zarlink Semiconductor Inc. MT90823 AC Electrical Characteristics - Multiplexed Bus Timing (Mode 2) Characteristics 1 2 3 4 5 6 7 8 9 AS pulse width Address setup from AS falling Address hold from AS falling Data setup from DTA Low on Read CS hold after DS falling CS setup from DS rising Data hold after write Data setup from DS -Write (fast write) Valid Data Delay on write (slow write) Sym. tASW tADS tADH tDDR tCSH tCSS tDHW tDWS tSWD tRWS tRWH tDHR tDSH tAKD 60 5 10 10 43/43 760/750 400/390 220/210 22 20 Min. 20 3 3 5 0 0 5 20 122 Typ. Max. Units ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns Data Sheet Test Conditions CL=150pF 10 R/W setup from DS rising 11 R/W hold after DS falling 12 Data hold after read 13 DS delay after AS falling 14 Acknowledgment Delay: Reading/Writing Registers Reading/Writing Memory @ 2Mb/s @ 4Mb/s @ 8Mb/s 15 Acknowledgment Hold Time CL=150pF, RL=1K, Note 1 CL=150pF CL=150pF CL=150pF CL=150pF CL=150pF, RL=1K, Note 1 tAKH Note 1. High Impedance is measured by pulling to the appropriate rail with RL, with timing corrected to cancel time taken to discharge CL. 38 Zarlink Semiconductor Inc. MT90823 Data Sheet DS tRWS R/W tASW AS tADS AD0-AD7 D8-D15 WR AD0-AD7 D8-D15 RD CS tAKD DTA tDDR tAKH HiZ VCT tRWH VCT tDSH VCT tADH tSW HiZ tDWS DATA tDHW VCT tDHR ADDRESS HiZ ADDRESS HiZ DATA VCT tCSH VCT tCSS VCT Figure 17 - Multiplexed Bus Timing (Mode2) 39 Zarlink Semiconductor Inc. MT90823 AC Electrical Characteristics - Motorola Non-Multiplexed Bus Mode Characteristics 1 2 3 4 5 6 7 8 9 CS setup from DS falling R/W setup from DS falling Address setup from DS falling CS hold after DS rising R/W hold after DS rising Address hold after DS rising Data setup from DTA Low on Read Data hold on read Data setup on write (fast write) Sym. tCSS tRWS tADS tCSH tRWH tADH tDDR tDHR tDSW tSWD tDHW tAKD 5 43/43 760/750 400/390 220/210 22 Min. 0 10 2 0 2 2 2 10 0 122 20 Typ. Max. Units ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns Data Sheet Test Conditions CL=150pF CL=150pF, RL=1K Note 1 10 Valid Data Delay on write (slow write) 11 Data hold on write 12 Acknowledgment Delay: Reading/Writing Registers Reading/Writing Memory @ 2Mb/s @ 4Mb/s @ 8Mb/s 13 Acknowledgment Hold Time CL=150pF CL=150pF CL=150pF CL=150pF CL=150pF, RL=1K, Note 1 tAKH Note: 1. High Impedance is measured by pulling to the appropriate rail with RL, with timing corrected to cancel time taken to discharge CL. 40 Zarlink Semiconductor Inc. MT90823 Data Sheet DS tCSS CS tRWS R/W tADS A0-A7 VALID ADDRESS tDHR AD0-AD7 D8-D15 READ tSWD AD0-AD7 D8-D15 WRITE tDDR VALID READ DATA tDSW tDHW tADH tRWH tCSH VCT VCT VCT VCT VCT VALID WRITE DATA VCT DTA VCT tAKD tAKH Figure 18 - Motorola Non-Multiplexed Bus Timing 41 Zarlink Semiconductor Inc. c Zarlink Semiconductor 2002 All rights reserved. Package Code : GA Previous package codes: ISSUE ACN DATE APPRD. 1 213934 20Jan03 For more information about all Zarlink products visit our Web Site at www.zarlink.com Information relating to products and services furnished herein by Zarlink Semiconductor Inc. or its subsidiaries (collectively "Zarlink") is believed to be reliable. However, Zarlink assumes no liability for errors that may appear in this publication, or for liability otherwise arising from the application or use of any such information, product or service or for any infringement of patents or other intellectual property rights owned by third parties which may result from such application or use. Neither the supply of such information or purchase of product or service conveys any license, either express or implied, under patents or other intellectual property rights owned by Zarlink or licensed from third parties by Zarlink, whatsoever. Purchasers of products are also hereby notified that the use of product in certain ways or in combination with Zarlink, or non-Zarlink furnished goods or services may infringe patents or other intellectual property rights owned by Zarlink. This publication is issued to provide information only and (unless agreed by Zarlink in writing) may not be used, applied or reproduced for any purpose nor form part of any order or contract nor to be regarded as a representation relating to the products or services concerned. The products, their specifications, services and other information appearing in this publication are subject to change by Zarlink without notice. No warranty or guarantee express or implied is made regarding the capability, performance or suitability of any product or service. Information concerning possible methods of use is provided as a guide only and does not constitute any guarantee that such methods of use will be satisfactory in a specific piece of equipment. It is the user's responsibility to fully determine the performance and suitability of any equipment using such information and to ensure that any publication or data used is up to date and has not been superseded. Manufacturing does not necessarily include testing of all functions or parameters. These products are not suitable for use in any medical products whose failure to perform may result in significant injury or death to the user. All products and materials are sold and services provided subject to Zarlink's conditions of sale which are available on request. Purchase of Zarlink's I2C components conveys a licence under the Philips I2C Patent rights to use these components in and I2C System, provided that the system conforms to the I2C Standard Specification as defined by Philips. Zarlink, ZL and the Zarlink Semiconductor logo are trademarks of Zarlink Semiconductor Inc. Copyright Zarlink Semiconductor Inc. All Rights Reserved. TECHNICAL DOCUMENTATION - NOT FOR RESALE |
Price & Availability of MT90823AB1 |