Part Number Hot Search : 
NCE4953 2SD11 AD7608 BU508DX MBT2222 SC490 AI9943 IN472
Product Description
Full Text Search
 

To Download MRF890 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MRF890
NPN SILICON RF POWER TRANSISTOR
DESCRIPTION:
The ASI MRF890 is Designed for UHF Class A Amplifier Applications in Cellular Base Station Equipment.
PACKAGE STYLE .205 4L STUD
C E E
FEATURES:
* Pg = 9.0 dB min. @ 900 MHz * P1dB = 2.0 Watts min. at 900 MHz * OmnigoldTM Metalization System
B
MAXIMUM RATINGS
IC VCBO VCER VEBO PDISS TJ TSTG JC 0.5 A 55 V 30 V 4.0 V 7.0 W @ TC = 25 C -65 C to +200 C -65 C to +150 C 25 C/W
CHARACTERISTICS
SYMBOL
BVCEO BVCES BVEBO ICBO hFE COB PG C
TC = 25 C
NONETEST CONDITIONS
IC = 5.0 mA IC = 5.0 mA IE = 5.0 mA VCB = 30 V VCE = 5.0 V VCB = 30 V VCC = 24 V POUT = 2.0 V IC = 100 mA f = 1.0 MHz f = 900 MHz
MINIMUM TYPICAL MAXIMUM
30 55 4.0 500 10 100 2.0 9.0 55
UNITS
V V V A --pF dB %
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. A
1/1


▲Up To Search▲   

 
Price & Availability of MRF890

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X