Part Number Hot Search : 
U3502BM MRF314 V54C3256 GL1117 20150 10JEN 39K2FKR3 PT2313E
Product Description
Full Text Search
 

To Download MRF6P18190HR6 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Freescale Semiconductor Technical Data
Document Number: MRF6P18190H Rev. 0, 4/2005
RF Power Field Effect Transistor
N - Channel Enhancement - Mode Lateral MOSFET
Designed for W - CDMA base station applications with frequencies from 1805 to 1880 MHz. Suitable for TDMA, CDMA and multicarrier amplifier applications. To be used in Class AB for PCN - PCS/cellular radio and WLL applications. * Typical 2 - carrier W - CDMA Performance: VDD = 28 Volts, IDQ = 2000 mA, Pout = 44 Watts Avg., Full Frequency Band, Channel Bandwidth = 3.84 MHz, PAR = 8.5 dB @ 0.01% Probability on CCDF. Power Gain -- 15.9 dB Drain Efficiency -- 27.5% IM3 @ 10 MHz Offset -- - 37 dBc @ 3.84 MHz Channel Bandwidth ACPR @ 5 MHz Offset -- - 41 dBc @ 3.84 MHz Channel Bandwidth * Capable of Handling 10:1 VSWR, @ 28 Vdc, 1880 MHz, 190 Watts CW Output Power * Characterized with Series Equivalent Large - Signal Impedance Parameters * Internally Matched, Controlled Q, for Ease of Use * Qualified Up to a Maximum of 32 VDD Operation * Integrated ESD Protection * Lower Thermal Resistance Package * Designed for Lower Memory Effects and Wide Instantaneous Bandwidth Applications * Low Gold Plating Thickness on Leads, 40 Nominal. * In Tape and Reel. R6 Suffix = 150 Units per 56 mm, 13 inch Reel.
MRF6P18190HR6
1805 - 1880 MHz, 44 W AVG., 28 V 2 x W - CDMA LATERAL N - CHANNEL RF POWER MOSFET
CASE 375D - 05, STYLE 1 NI - 1230
Table 1. Maximum Ratings
Rating Drain - Source Voltage Gate - Source Voltage Total Device Dissipation @ TC = 25C Derate above 25C Storage Temperature Range Operating Junction Temperature CW Operation Symbol VDSS VGS PD Tstg TJ CW Value - 0.5, +68 - 0.5, +12 648 3.7 - 65 to +150 200 190 Unit Vdc Vdc W W/C C C W
Table 2. Thermal Characteristics
Characteristic Thermal Resistance, Junction to Case Case Temperature 80C, 190 W CW Case Temperature 76C, 44 W CW Symbol RJC Value (1,2) 0.27 0.30 Unit C/W
1. MTTF calculator available at http://www.freescale.com/rf. Select Tools/Software/Application Software/Calculators to access the MTTF calculators by product. 2. Refer to AN1955, Thermal Measurement Methodology of RF Power Amplifiers. Go to http://www.freescale.com/rf. Select Documentation/Application Notes - AN1955. NOTE - CAUTION - MOS devices are susceptible to damage from electrostatic charge. Reasonable precautions in handling and packaging MOS devices should be observed.
Freescale Semiconductor, Inc., 2005. All rights reserved.
MRF6P18190HR6 1
RF Device Data Freescale Semiconductor
Table 3. ESD Protection Characteristics
Test Methodology Human Body Model (per JESD22 - A114) Machine Model (per EIA/JESD22 - A115) Charge Device Model (per JESD22 - C101) Class 1C (Minimum) A (Minimum) III (Minimum)
Table 4. Electrical Characteristics (TC = 25C unless otherwise noted)
Characteristic Off Characteristics Zero Gate Voltage Drain Leakage Current (VDS = 68 Vdc, VGS = 0 Vdc) Zero Gate Voltage Drain Leakage Current (VDS = 28 Vdc, VGS = 0 Vdc) Gate - Source Leakage Current (VGS = 5 Vdc, VDS = 0 Vdc) On Characteristics Gate Threshold Voltage (VDS = 10 Vdc, ID = 250 Adc) Gate Quiescent Voltage (VDS = 28 Vdc, ID = 1000 mAdc) Drain - Source On - Voltage (VGS = 10 Vdc, ID = 2.2 Adc) Forward Transconductance (VDS = 10 Vdc, ID = 2 Adc) Dynamic Characteristics (1,2) Reverse Transfer Capacitance (VDS = 28 Vdc 30 mV(rms)ac @ 1 MHz, VGS = 0 Vdc) Crss -- 1.5 -- pF VGS(th) VGS(Q) VDS(on) gfs 1 2 -- -- 2 2.8 0.21 5.3 3 4 -- -- Vdc Vdc Vdc S IDSS IDSS IGSS -- -- -- -- -- -- 10 1 1 Adc Adc Adc Symbol Min Typ Max Unit
Functional Tests (3) (In Freescale Test Fixture, 50 ohm system) VDD = 28 Vdc, IDQ = 2000 mA, Pout = 44 W Avg., f1 = 1807.5 MHz, f2 = 1817.5 MHz and f1 = 1867.5 MHz, f2 = 1877.5 MHz, 2 - carrier W - CDMA, 3.84 MHz Channel Bandwidth Carriers. ACPR measured in 3.84 MHz Channel Bandwidth @ 5 MHz Offset. IM3 measured in 3.84 MHz Bandwidth @ 10 MHz Offset. PAR = 8.5 dB @ 0.01% Probability on CCDF. Power Gain Drain Efficiency Intermodulation Distortion Adjacent Channel Power Ratio Input Return Loss 1. Each side of device measured separately. 2. Part is internally matched both on input and output. 3. Measurements made with device in push - pull configuration. Gps D IM3 ACPR IRL 14.5 25.5 -- -- -- 15.9 27.5 - 37 - 41 - 12 17.5 -- - 35 - 38 -9 dB % dBc dBc dB
MRF6P18190HR6 2 RF Device Data Freescale Semiconductor
B1 VBIAS + C7 R1 C6 + C5 C4 B2 R2 Z2 RF INPUT Z1 Z3 C8 Z13 B3 VBIAS + C13 R3 + C12 C11 C10 B4 R4 Z1 Z2 Z3 Z4, Z5 Z6, Z7 Z8, Z9 Z10, Z11 Z12, Z13 Z14, Z15 Z16, Z17 0.700 x 0.067 Microstrip 1.140 x 0.114 Microstrip 2.112 x 0.067 Microstrip 0.174 x 0.067 Microstrip 0.382 x 0.250 Microstrip 0.036 x 0.764 Microstrip 0.178 x 0.764 Microstrip 0.689 x 0.073 Microstrip 0.111 x 0.764 Microstrip 0.124 x 0.856 Microstrip Z18, Z19 Z20, Z21 Z22, Z23 Z24, Z25 Z26, Z27 Z28 Z29 Z30 Z31 PCB C9 C23 C24 C25 C26 C22 Z19 + C27 C2 R5 C1 Z5 Z7 Z9 Z11 Z15 Z17 Z21 Z23 Z25 Z27 Z29 DUT Z4 Z6 Z8 Z10 Z14 C14 C3 Z12 Z16 Z20 Z22 Z24 Z26 Z28 C15 Z18 C16 C17 C18
+ C19
+ C20
+ VSUPPLY C21
Z30
RF Z31 OUTPUT
C30
+ C28
+ C29
VSUPPLY
0.477 x 0.136 Microstrip 0.289 x 0.856 Microstrip 0.215 x 0.385 Microstrip 0.118 x 0.259 Microstrip 0.108 x 0.067 Microstrip 2.163 x 0.067 Microstrip 1.397 x 0.114 Microstrip 0.492 x 0.067 Microstrip 0.207 x 0.067 Microstrip Taconic RF - 35, 0.030, r = 3.5
Figure 1. MRF6P18190H Test Circuit Schematic
Table 5. MRF6P18190H Test Circuit Component Designations and Values
Part B1, B2, B3, B4 C1 C2, C8, C14, C22 C3, C9 C4, C10, C18, C26 C5, C11 C6, C12, C17, C25 C7, C13 C15, C23 C16, C24 C19, C20, C27, C28 C21, C29 C30 R1, R3 R2, R4 R5 Description Short RF Beads 0.6 - 4.5 pF Variable Capacitor 5.6 pF Chip Capacitors 7.5 pF Chip Capacitors 1K pF Chip Capacitors 1 F, 50 V Tantalum Capacitors 0.1 F Chip Capacitors 100 F, 50 V Electrolytic Capacitors, Radial 6.8 pF Chip Capacitors 0.56 F Chip Capacitors (1825) 22 F, 35 V Tantalum Capacitors 470 F, 63 V Electrolytic Capacitors, Radial 0.4 - 2.5 pF Variable Capacitor 1 kW, 1/4 W Chip Resistors (1206) 12 W, 1/4 W Chip Resistors (1206) 560 W Resistor Part Number 2743019447 27271SL 100B5R6CP500X 100B7R5CP500X 100B102JP50X T491C105K050AS CDR33BX104AKWS MCR50V107M8X11 600B6R8BT250XT C1825C564J5RAC T491X226K035AS MCR63V477M13X26 27283PC CRCW12061001F100 CRCW120612R0F100 D55342M07B560 Manufacturer Fair - Rite Johanson Components ATC ATC ATC Kemet Kemet Multicomp ATC Kemet Kemet Multicomp Johanson Components Vishay Vishay Vishay
MRF6P18190HR6 RF Device Data Freescale Semiconductor 3
MRF6P18190
Rev. 2
+
C7 R1 C6 C5 C4 C15 C3 R2 B1 B2 C2 CUT OUT AREA C14 C16 C19 C17 C18
-
C21
+
C20
C30
R5 C1 C8
C22
R4
B3 B4 C9 C27 C24 C25 C26 C28
+
+
C13
R3 C12
C11 C10
C23
-
-
C29
Figure 2. MRF6P18190H Test Circuit Component Layout
MRF6P18190HR6 4 RF Device Data Freescale Semiconductor
TYPICAL CHARACTERISTICS
16.5 16.4 16.3 Gps, POWER GAIN (dB) 16.2 16.1 16 15.9 15.8 15.7 15.6 15.5 1760 IRL 1780 1800 1820 1840 1860 1880 1900 ACPR
VDD = 28 Vdc Pout = 44 W (Avg.) IDQ = 2000 mA, 2-Carrier W-CDMA 10 MHz Carrier Spacing, 3.84 MHz Channel Bandwidth PAR = 8.5 dB @ 0.01% Probability (CCDF) G
28.2 28 D 27.8 27.6 27.4
ps
D, DRAIN EFFICIENCY (%) IM3 (dBc), ACPR (dBc) -8 -10 -12 -14 -16 -18 D, DRAIN EFFICIENCY (%) IM3 (dBc), ACPR (dBc) -8 -10 -12 -14 -16 -18 IDQ = 2600 mA IRL, INPUT RETURN LOSS (dB) IRL, INPUT RETURN LOSS (dB)
IM3
-34 -36 -38 -40 -42
-44 1920
f, FREQUENCY (MHz)
Figure 3. 2 - Carrier W - CDMA Broadband Performance @ Pout = 44 Watts
15.8 15.7 15.6 Gps, POWER GAIN (dB) 15.5 15.4 15.3 15.2 15.1 15 1760 IRL Gps D
VDD = 28 Vdc, Pout = 88 W (Avg.) IDQ = 2000 mA, 2-Carrier W-CDMA 10 MHz Carrier Spacing, 3.84 MHz Channel Bandwidth, PAR = 8.5 dB @ 0.01% Probability (CCDF)
40.4 40 39.6 39.2 -24 IM3 -26 -28 ACPR -30 -32 1920
1780
1800
1820
1840
1860
1880
1900
f, FREQUENCY (MHz)
Figure 4. 2 - Carrier W - CDMA Broadband Performance @ Pout = 88 Watts
17.5 17 Gps, POWER GAIN (dB) 16.5 16 15.5 15 14.5 14 13.5 0.1 1400 mA VDD = 28 Vdc, f1 = 1837.5 MHz f2 = 1847.5 MHz, Two-Tone Measurements, 10 MHz Tone Spacing 1 10 100 IMD, THIRD ORDER INTERMODULATION DISTORTION (dBc) IDQ = 2600 mA 2300 mA 2000 mA 1700 mA
-30
VDD = 28 Vdc, f1 = 1837.5 MHz, f2 = 1847.5 MHz Two-Tone Measurements, 10 MHz Tone Spacing
-35
-40
-45 2300 mA -50 1400 mA -55 1 10 Pout, OUTPUT POWER (WATTS) PEP 100 300 1700 mA 2000 mA
Pout, OUTPUT POWER (WATTS) PEP
Figure 5. Two - Tone Power Gain versus Output Power
Figure 6. Third Order Intermodulation Distortion versus Output Power
MRF6P18190HR6 RF Device Data Freescale Semiconductor 5
TYPICAL CHARACTERISTICS
IMD, INTERMODULATION DISTORTION (dBc)
-10 VDD = 28 Vdc, Pout = 190 W (PEP), IDQ = 2000 mA Two-Tone Measurements, Center Frequency = 1842.5 MHz Pout, OUTPUT POWER (dBm) -20
60 59 58 57 56 55 54 53 52 51 50 49 48 P3dB = 54.13 dBm (258.82 W) P1dB = 53.51 dBm (224.38 W)
Ideal
-30
3rd Order
Actual
-40 5th Order -50 7th Order
VDD = 28 Vdc, IDQ = 2000 mA Pulsed CW, 8 sec(on), 1 msec(off) Center Frequency = 1842.5 MHz 32 33 34 35 36 37 38 39 40 41 42 43 44
-60 0.01
0.1
1
10
100
TWO-TONE SPACING (MHz)
Pin, INPUT POWER (dBm)
Figure 7. Intermodulation Distortion Products versus Tone Spacing
D, DRAIN EFFICIENCY (%), Gps, POWER GAIN (dB) 40
Figure 8. Pulse CW Output Power versus Input Power
-30 IM3 -35 ACPR IM3 (dBc), ACPR (dBc)
30
VDD = 28 Vdc, IDQ = 2000 mA f1 = 1837.5 MHz, f2 = 1847.5 MHz 2 x W-CDMA, 10 MHz @ 3.84 MHz Bandwidth PAR = 8.5 dB @ 0.01% Probability (CCDF) Gps 85_C TC = 25_C D
20
-40
10
-30_C 25_C -30_C 25_C 85_C 10
-45
0 -10 1
-50 -55 100 150
Pout, OUTPUT POWER (WATTS) AVG. W-CDMA
Figure 9. 2 - Carrier W - CDMA ACPR, IM3, Power Gain and Drain Efficiency versus Output Power
18 17 TC = -30_C Gps, POWER GAIN (dB) 16 15 14 85_C 13 12 11 1 10 100 Pout, OUTPUT POWER (WATTS) CW D VDD = 28 Vdc IDQ = 2000 mA f = 1842.5 MHz 20 10 0 500 25_C 85_C -30_C 30 Gps 70 60 Gps, POWER GAIN (dB) 25_C 50 40 D, DRAIN EFFICIENCY (%) 17 16 15 14 13 12 11 10 9 8 7 0 35 70 105 140 175 210 245 280 315 350 Pout, OUTPUT POWER (WATTS) CW VDD = 12 V 16 V 20 V IDQ = 2000 mA f = 1842.5 MHz 24 V 32 V 28 V
Figure 10. Power Gain and Drain Efficiency versus CW Output Power MRF6P18190HR6 6
Figure 11. Power Gain versus Output Power
RF Device Data Freescale Semiconductor
TYPICAL CHARACTERISTICS
1010 MTTF FACTOR (HOURS x AMPS2)
109
108
107 90 100 110 120 130 140 150 160 170 180 190 200 210 TJ, JUNCTION TEMPERATURE (C) This above graph displays calculated MTTF in hours x ampere2 drain current. Life tests at elevated temperatures have correlated to better than 10% of the theoretical prediction for metal failure. Divide MTTF factor by ID2 for MTTF in a particular application.
Figure 12. MTTF Factor versus Junction Temperature
TYPICAL CHARACTERISTICS W - CDMA TEST SIGNAL
100 10 PROBABILITY (%) 1 (dB) 0.1 0.01 0.001 0.0001 0 2 4 6 8 10 PEAK-TO-AVERAGE (dB)
+20 +30 0 -10 -20 -30 -40 -50 -60 -70
3.84 MHz Channel BW
W-CDMA. 3.84 MHz Channel Bandwidth @ +5 MHz Offset. IM3 Measured in 3.84 MHz Bandwidth @ +10 MHz Offset. PAR = 8.5 dB @ 0.01% Probability on CCDF
-ACPR @ +ACPR @ 3.84 MHz BW 3.84 MHz BW -IM3 @ 3.84 MHz BW -15 -10 -5 0 5 10
+IM3 @ 3.84 MHz BW 15 20 25
-80 -25 -20
f, FREQUENCY (MHz)
Figure 13. CCDF W - CDMA 3GPP, Test Model 1, 64 DPCH, 67% Clipping, Single - Carrier Test Signal
Figure 14. 2-Carrier W-CDMA Spectrum
MRF6P18190HR6 RF Device Data Freescale Semiconductor 7
f = 1880 MHz Zo = 5 Zsource f = 1800 MHz f = 1800 MHz f = 1880 MHz Zload
VDD = 28 Vdc, IDQ = 2000 mA, Pout = 44 W Avg. f MHz 1800 1840 1880 Zsource 3.70 + j1.71 3.40 + j2.75 3.19 + j3.88 Zload 3.70 + j2.49 3.55 + j3.29 3.45 + j4.12
Zsource = Test circuit impedance as measured from gate to ground. Zload = Test circuit impedance as measured from drain to ground.
Input Matching Network
+
Device Under Test
-
Output Matching Network
- Z source Z
+ load
Figure 15. Series Equivalent Source and Load Impedance
MRF6P18190HR6 8 RF Device Data Freescale Semiconductor
NOTES
MRF6P18190HR6 RF Device Data Freescale Semiconductor 9
NOTES
MRF6P18190HR6 10 RF Device Data Freescale Semiconductor
PACKAGE DIMENSIONS
2X
Q bbb
M
A
A G4 L
1 2
TA
M
B
M
B
NOTES: 1. INTERPRET DIMENSIONS AND TOLERANCES PER ASME Y14.5M-1994. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION H IS MEASURED 0.030 (0.762) AWAY FROM PACKAGE BODY. 4. RECOMMENDED BOLT CENTER DIMENSION OF 1.52 (38.61) BASED ON M3 SCREW. DIM A B C D E F G H K L M N Q R S aaa bbb ccc INCHES MIN MAX 1.615 1.625 0.395 0.405 0.150 0.200 0.455 0.465 0.062 0.066 0.004 0.007 1.400 BSC 0.082 0.090 0.117 0.137 0.540 BSC 1.219 1.241 1.218 1.242 0.120 0.130 0.355 0.365 0.365 0.375 0.013 REF 0.010 REF 0.020 REF DRAIN DRAIN GATE GATE SOURCE MILLIMETERS MIN MAX 41.02 41.28 10.03 10.29 3.81 5.08 11.56 11.81 1.57 1.68 0.10 0.18 35.56 BSC 2.08 2.29 2.97 3.48 13.72 BSC 30.96 31.52 30.94 31.55 3.05 3.30 9.01 9.27 9.27 9.53 0.33 REF 0.25 REF 0.51 REF
3 4X
4
K aaa
M
4X
(FLANGE)
B
D
TA
M
B
M
ccc ccc
M
M
TA
(LID)
M
B
M
TA N (LID)
M
B
M
R
H C
F
E
PIN 5 M (INSULATOR) bbb
M
T
SEATING PLANE
(INSULATOR)
S
bbb
M
TA
M
B
M
TA
M
B
M
STYLE 1: PIN 1. 2. 3. 4. 5.
CASE 375D - 05 ISSUE D NI - 1230
MRF6P18190HR6 RF Device Data Freescale Semiconductor 11
How to Reach Us:
Home Page: www.freescale.com E - mail: support@freescale.com USA/Europe or Locations Not Listed: Freescale Semiconductor Technical Information Center, CH370 1300 N. Alma School Road Chandler, Arizona 85224 +1 - 800 - 521 - 6274 or +1 - 480 - 768 - 2130 support@freescale.com Europe, Middle East, and Africa: Freescale Halbleiter Deutschland GmbH Technical Information Center Schatzbogen 7 81829 Muenchen, Germany +44 1296 380 456 (English) +46 8 52200080 (English) +49 89 92103 559 (German) +33 1 69 35 48 48 (French) support@freescale.com Japan: Freescale Semiconductor Japan Ltd. Headquarters ARCO Tower 15F 1 - 8 - 1, Shimo - Meguro, Meguro - ku, Tokyo 153 - 0064 Japan 0120 191014 or +81 3 5437 9125 support.japan@freescale.com Asia/Pacific: Freescale Semiconductor Hong Kong Ltd. Technical Information Center 2 Dai King Street Tai Po Industrial Estate Tai Po, N.T., Hong Kong +800 2666 8080 support.asia@freescale.com For Literature Requests Only: Freescale Semiconductor Literature Distribution Center P.O. Box 5405 Denver, Colorado 80217 1 - 800 - 441 - 2447 or 303 - 675 - 2140 Fax: 303 - 675 - 2150 LDCForFreescaleSemiconductor@hibbertgroup.com
Information in this document is provided solely to enable system and software implementers to use Freescale Semiconductor products. There are no express or implied copyright licenses granted hereunder to design or fabricate any integrated circuits or integrated circuits based on the information in this document. Freescale Semiconductor reserves the right to make changes without further notice to any products herein. Freescale Semiconductor makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Freescale Semiconductor assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters that may be provided in Freescale Semiconductor data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals", must be validated for each customer application by customer's technical experts. Freescale Semiconductor does not convey any license under its patent rights nor the rights of others. Freescale Semiconductor products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Freescale Semiconductor product could create a situation where personal injury or death may occur. Should Buyer purchase or use Freescale Semiconductor products for any such unintended or unauthorized application, Buyer shall indemnify and hold Freescale Semiconductor and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Freescale Semiconductor was negligent regarding the design or manufacture of the part. Freescalet and the Freescale logo are trademarks of Freescale Semiconductor, Inc. All other product or service names are the property of their respective owners. Freescale Semiconductor, Inc. 2005. All rights reserved.
MRF6P18190HR6
Rev. 12 0, 4/2005 Document Number: MRF6P18190H
RF Device Data Freescale Semiconductor


▲Up To Search▲   

 
Price & Availability of MRF6P18190HR6

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X