Part Number Hot Search : 
C14018 KNM30S34 LC87F LC83010 ASI30285 U60D60A DDZ10CS L1021
Product Description
Full Text Search
 

To Download MLS9208-01800 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Surface Mount Frequency Synthesizer
MLS9208-01800
MLS9208-01800
Surface Mount Frequency Synthesizer CDMA 1770 - 1832 MHz
Features
* * * * Integrated VCO/PLL Miniature SMT Package Low Phase Noise +5V Operation
12 Lead Package
12 11 10 9 8 7 DETAIL A
M/ A- COM LTD
DATE CODE
Description
The MLS9208-01800 synthesizer design integrates a high performance buffered VCO, PLL circuit and discrete loop filter in a surface mount package. The SMT packaging provides electrical shielding, easy PCB assembly and repeatable performance. The synthesizer is designed for use in PCS CDMA base stations and is optimised for 50 kHz step size and low phase noise and spurious performance. M/A-COM synthesizers are manufactured in an ISO 9001 certified facility, incorporating surface mount assembly and automated electrical testing. This ensures consistent electrical performance and quality over volume production quantities.
1
1 IDENT 2 3 4 5 6 0.2
12.0
PART NO.
0.6
6.0 MAX
0.8
1.0 2.0 TYP.in 5 POSITIONS 13.2 DETAIL A
Electrical Specifications , TA = +25C, VCC = +5V, F = 50 kHz, FR = 15 MHz (unless otherwise stated)
Parameter
Frequency Range (FOUT)2 RF Output Power (POUT)3 Harmonic Output Spurious Output Phase Noise4 Phase comparison frequency (Fout F) Reference breakthrough (FOUTFR) SSB at 100 Hz offset from carrier SSB at 1 kHz offset from carrier SSB at 10 kHz offset from carrier SSB at 100 kHz offset from carrier Frequency Switching Time VCO Supply Current (ICC1) PLL Supply Current (ICC2) VCO Supply Voltage (VCC1) PLL Supply Voltage (VCC2) Step Size (F)7 Reference Frequency (FR)8 Recommended operating limit Recommended operating limit Recommended operating limit 0.5 to 2.0 Vpp sine wave into a.c. coupled CMOS. Recommended operating limit
5,6
Test Conditions
Over TOP Over TOP
Units
MHz dBm dBc dBc dBc dBc/Hz dBc/Hz dBc/Hz dBc/Hz ms mA mA V V kHz MHz
Min.
1770 -3.0 -- -- -- -- -- -- -- -- -- -- +4.75 +4.75 -- 3
Typ.
-- -- -16 -77 -88 -55 -65 -94 -116 31 19 10 -- -- 50 --
Max.
1832 +3.0 -10 -65 -- -- -60 -87 -108 --23 12 +5.25 +5.25 -- 20
Over Fout, measured to within 500 Hz
1. All specification limits are indicated values and apply over FOUT and for 50 load impedance. 2. Programming control is 3 wire serial CMOS or TTL levels, in accordance with National Semiconductor LMX 2325. 3. Output power window includes variation over operating temperature range (TOP) -40C to +85C and output frequency range (FOUT).
4. See plot for typical phase noise at other frequency offsets. 5. See plot for typical full band switching time measured to within other offsets from final frequency. 6. Integral PLL lock monitor output, TTL high locked, TTL low unlocked. 7. Device designed for loop bandwidth of 300 Hz. 8. Reference frequency input impedance 10 k min.
V2.00
M/A-COM Division of AMP Incorporated s North America: Tel. (800) 366-2266, Fax (800) 618-8883 s Asia/Pacific: Tel.+85 2 2111 8088, Fax +85 2 2111 8087 s Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
www.macom.com
AMP and Connecting at a Higher Level are trademarks. Specifications subject to change without notice.
14.6
Surface Mount Frequency Synthesizer
MLS9208-01800
Functional Configuration
Lead 1 2 3 4 5 6 Function Ground Clock Input VCC1 (VCO) PLL Lock Monitor Output RF Output Ground Lead 7 8 9 10 11 12 Function Ground Reference Frequency Input VCC2 (PLL) Data Input Strobe/Enable Input Ground
Absolute Maximum Ratings
Parameter VCO Supply Voltage (VCC1) PLL Supply Voltage (VCC2)
3 3
1,2
Absolute Maximum +6.5V +6.5V -0.3V to +6.5V -0.3V to +6.5V -45C to +125C See App Note M2032
Reference Frequency Voltage Data, Clock, Strobe Voltages Storage Temperature (TSTOR) Solder Assembly Temperature
Environmental Specifications
Devices are designed to function over the operating temperature range (TOP) of -40C to +85C and after exposure to the shock, vibration, thermal shock and moisture conditions typically encountered in base station and other infrastructure environments.
1. Exceeding these limits may cause permanent damage. 2. Static sensitive, observe appropriate handling precautions. 3. An external series resistor and bypass capacitor will allow operation at higher supply voltage and will improve power supply decoupling and noise suppression.
Ordering Information
Synthesizers are available in either tape and reel or tube packaging. To order devices in tape and reel requires the suffix TR to be added to the part number, i.e. MLS9208-01800TR. Quantity 500 per 13 inch reel, see Application Note M2030.
Full Band Switching Time
500
00
Typical Performance
Phase Noise
-40 PHASE NOISE (dBc/Hz) -60
400
00
TIME (ms)
-80 -100 -120 -140
300
00
2000 0 1000 0
0
0 -160 10 100 1K 10K 100K 1M 10M 100K
100k
10k
1k
100
10
1
10K
1K
100
10
1
FREQUENCY OFFSET FROM CARRIER (Hz)
OFFSET FROM FINAL FREQUENCY (Hz)
Output Power vs Temperature
3.0 OUTPUT POWER (dBm) OUTPUT POWER (dBm) 2.0
+ 85 C
Output Power vs Supply Voltage (Vcc1)
3.0 2.0 1.0
5.00 V
5.25 V
1.0
+ 25 C
0.0
-40 C
0.0 -1.0 -2.0 -3.0
4.75 V
-1.0 -2.0 -3.0
1740
1760
1780
1800
1820
1840
1860
1740
1760
1780
1800
1820
1840
1860
FREQUENCY (MHz)
FREQUENCY (MHz)
Phase Comparator Spurious
0 SPURIOUS LEVEL (dBc) SPURIOUS LEVEL (dBc) -20 -40 -60 -80 -100 -100 0 -20 -40 -60 -80
Reference Breakthrough Spurious
-80
-60 -40 -20 0 20 40 60 FREQUENCY OFFSET FROM CARRIER (kHz)
80
100
-100 -20
-15
-10
-5
0
5
10
15
20 V2.00
FREQUENCY OFFSET FROM CARRIER (MHz)
M/A-COM Division of AMP Incorporated s North America: Tel. (800) 366-2266, Fax (800) 618-8883 s Asia/Pacific: Tel.+85 2 2111 8088, Fax +85 2 2111 8087 s Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
www.macom.com
AMP and Connecting at a Higher Level are trademarks. Specifications subject to change without notice.


▲Up To Search▲   

 
Price & Availability of MLS9208-01800

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X