Part Number Hot Search : 
L0240 MH1362 C3519A TBA4036 TBWB2AB AS4C4 28TE1 LC83010
Product Description
Full Text Search
 

To Download MIE-114A1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GaAlAs/GaAs HIGH POWER SIDE LOOK PACKAGE INFRARED EMITTING DIODE
Description
The MIE-114A1 is a GaAs infrared emitting diode molded in clear, lensed side looking package . The MIE-114A1 provides a broad range of intensity selection .
5.720.2 (.225.008) 4.450.20 (.175.008) 2.22 (.087) (.087) 1.220.10 (.048.004)
MIE-114A1
Package Dimensions
Unit: mm ( inches )
0.760.10 (.030.008)
1.550.02 (.061.008)
12.7 MIN. (.500)
Features
l
CATHODE
Selected to specific on-line intensity and
1.0 MIN. (.040) 2.54 NOM. (.100) SEE NOTE 3
0.5 TYP. (.020)
radiant intensity ranges l Low cost, plastic side looking package
l
Mechanically and spectrally matched to the MID-11422 of phototransistor .
C
A
NOTES : 1. Tolerance is 0.25 mm (.010") unless otherwise noted. 2. Protruded resin under flange is 1.5 mm (.059") max. 3. Lead spacing is measured where the leads emerge from the package.
Absolute Maximum Ratings
@ TA=25 C Parameter Power Dissipation Peak Forward Current(300pps,10s pulse) Continuos Forward Current Reverse Voltage Operating Temperature Range Storage Temperature Range Lead Soldering Temperature Maximum Rating 75 1 50 5 -55 C to +100 C -55oC to +100oC 260 C for 5 seconds
o o o o
Unit mW A mA V
Unity Opto Technology Co., Ltd.
02/04/2002
MIE-114A1
Optical-Electrical Characteristics @ TA=25oC
Parameter Radiant Incidance Forward Voltage Reverse Current Peak Wavelength Spectral Bandwidth View Angle Test Conditions IF=20mA IF=20mA VR=5V IF=20mA IF=20mA IF=20mA Symbol Ee VF IR p 21/2 Min. Typ . 0.8 1.2 940 50 80 Max. 1.35 100 Unit mW/cm2 V A nm nm deg .
Typical Optical-Electrical Characteristic Curves
Relative Radiant Intensity
1
0.5
0 840 880 920 960 1000 1040
Wavelength (nm) FIG.1 SPECTRAL DISTRIBUTION Relative Radiant Intensity
0 1.2 1.6 2.0 2.4 2.8
Forward Current (mA)
100 80 60 40 20 0
3.0 2.5 2.0 1.5 1.0 0.5 0.0 -40 -20 0 20 40
o
60
Forward Voltage (V) FIG.2 FORWARD CURRENT VS. FORWARD VOLTAGE Relative Radiant Intensity
5 4 3 2 1 0 0 20 40 60 80 100
Ambient Temperature TA( C) FIG.3 RELATIVE RADIANT INTENSITY VS. AMBIENT TEMPERATURE
0 10 20 30 40 1.0 0.9 0.8 0.5 0.3 0.1 0.2 0.4 0.6 50 60 70 80 90
Relative Radiant Intensity
Forward Current (mA) FIG.4 RELATIVE RADIANT INTENSITY VS. FORWARD CURRENT
FIG.5 RADIATION DIAGRAM
Unity Opto Technology Co., Ltd.
02/04/2002


▲Up To Search▲   

 
Price & Availability of MIE-114A1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X